Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V6340OSP3B Datasheet(PDF) 2 Page - EM Microelectronic - MARIN SA

Part # V6340OSP3B
Description  Ultra Low Cost 3-Pin Microprocessor Reset
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

V6340OSP3B Datasheet(HTML) 2 Page - EM Microelectronic - MARIN SA

  V6340OSP3B Datasheet HTML 1Page - EM Microelectronic - MARIN SA V6340OSP3B Datasheet HTML 2Page - EM Microelectronic - MARIN SA V6340OSP3B Datasheet HTML 3Page - EM Microelectronic - MARIN SA V6340OSP3B Datasheet HTML 4Page - EM Microelectronic - MARIN SA V6340OSP3B Datasheet HTML 5Page - EM Microelectronic - MARIN SA V6340OSP3B Datasheet HTML 6Page - EM Microelectronic - MARIN SA V6340OSP3B Datasheet HTML 7Page - EM Microelectronic - MARIN SA V6340OSP3B Datasheet HTML 8Page - EM Microelectronic - MARIN SA  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
R
V6340
Copyright © 2005, EM Microelectronic-Marin SA
03/06 – rev.K
2
www.emmicroelectronic.com
Absolute Maximum Ratings
Parameter
Symbol
Conditions
Voltage at VDD to VSS
VDD
-0.3V to +8V
Minimum voltage at RES or
RES
Vmin
VSS – 0.3V
Maximum voltage at RES or
RES
Vmax
VDD + 0.3V
Storage Temperature Range
TSTO
-65°C to +150°C
Table 1
Stresses above these listed maximum ratings may cause
permanent damages to the device. Exposure beyond
specified operating conditions may affect device reliability or
cause malfunction.
Handling Procedures
This device has built-in protection against high static
voltages or electric fields; however, it is advised that normal
precautions be taken as for any other CMOS component.
Unless otherwise specified, proper operation can only occur
when all terminal voltages are kept within the voltage range.
Operating Conditions
Parameter
Symbol Min
Max
Unit
Operating Temperature
1)
TA
-40
+125
°C
Positive Supply Voltage
2)
VDD
1
5.5
V
Table 2
1)The maximum operating temperature is confirmed by
sampling at initial device qualification. In production, all
devices are tested at +25°C
2) VDD = 1V guaranteed at +25°C (see Fig. 14 for more
information)
Electrical Characteristics
TA = +25°C, unless otherwise specified
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Supply current
IDD
VDD = 5V, output open
38
50
µA
Threshold voltage
VTH
C, I, O
2.94
3.02
3.10
V
VTH
D, J, P
3.62
3.72
3.82
V
VTH
F, L, R
4.27
4.39
4.51
V
Threshold hysteresis
VHYS
5
mV
RES Output Low Level
VOL
VDD = 1.6V, IOL = 1mA
200
270
mV
VOL
VDD = 2.5V, IOL = 2mA
195
250
mV
VOL
VDD = 3.5V, IOL = 3mA
198
250
mV
VOL
VDD = 5V, IOL = 4mA
185
250
mV
RES Output High Level
VOH
VDD = 1.6V, IOH = -1mA
1.25
1.36
V
VOH
VDD = 2.5V, IOH = -1.5mA
2.2
2.3
V
VOH
VDD = 3.5V, IOH = -2.5mA
3.15
3.27
V
VOH
VDD = 5V, IOH = -3.5mA
4.65
4.76
V
Output leakage current
1)
ILEAK
VDD = 5V
0.005
1
µA
Only for version B, H and N
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Supply current
IDD
VDD = 5V, output open
19
31
µA
Threshold voltage
VTH
B, H, N
2.56
2.65
2.74
V
Threshold hysteresis
VHYS
32
mV
Table 3
1)
Only for Open drain versions
Timing Waveform
Block Diagram
Voltage
Reference
+
-
RES or
RES
V
SS
V
DD
Fig.3
Fig.4


Similar Part No. - V6340OSP3B

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
V63-200 CONNOR-WINFIELD-V63-200 Datasheet
72Kb / 1P
   8 PIN DIP VCXO
logo
EM Microelectronic - MA...
V6300 EMMICRO-V6300 Datasheet
346Kb / 6P
   Ultra Low Power 3-Pin Power-On Reset IC
V6300ASP5B EMMICRO-V6300ASP5B Datasheet
346Kb / 6P
   Ultra Low Power 3-Pin Power-On Reset IC
V6300BSP5B EMMICRO-V6300BSP5B Datasheet
346Kb / 6P
   Ultra Low Power 3-Pin Power-On Reset IC
V6300CSP5B EMMICRO-V6300CSP5B Datasheet
346Kb / 6P
   Ultra Low Power 3-Pin Power-On Reset IC
More results

Similar Description - V6340OSP3B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MAX6326 PHILIPS-MAX6326 Datasheet
95Kb / 12P
   3-pin ultra-low power SC70/SOT microprocessor reset circuit
2003 Aug 05
logo
National Semiconductor ...
LM809 NSC-LM809 Datasheet
184Kb / 8P
   3-Pin Microprocessor Reset Circuits
logo
Union Semiconductor, In...
UM803 UNIONSEMI-UM803 Datasheet
332Kb / 11P
   3-Pin Microprocessor Reset Circuits
logo
ACE Technology Co., LTD...
ACE803ND ACE-ACE803ND Datasheet
926Kb / 9P
   3-Pin Microprocessor Reset Circuits
VER 1.1
logo
E-CMOS Corporation
EC95809 E-CMOS-EC95809 Datasheet
246Kb / 6P
   3-Pin Microprocessor Reset Monitor
logo
Maxim Integrated Produc...
MAX803 MAXIM-MAX803 Datasheet
870Kb / 8P
   3-Pin Microprocessor Reset Circuits
Rev 11; 10/17
logo
ON Semiconductor
MAX809 ONSEMI-MAX809 Datasheet
90Kb / 12P
   3-Pin Microprocessor Reset Monitors
January, 2002 ??Rev. 4
logo
Diodes Incorporated
APX803-29SAG-7 DIODES-APX803-29SAG-7 Datasheet
201Kb / 10P
   3-PIN MICROPROCESSOR RESET CIRCUIT
logo
BCD Semiconductor Manuf...
AZ809,810 BCDSEMI-AZ809,810 Datasheet
572Kb / 9P
   3-PIN MICROPROCESSOR RESET CIRCUITS
logo
Maxim Integrated Produc...
MAX803L MAXIM-MAX803L_10 Datasheet
145Kb / 8P
   3-Pin Microprocessor Reset Circuits
Rev 7; 2/10
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com