Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X1243 Datasheet(PDF) 3 Page - Xicor Inc.

Part # X1243
Description  Real Time Clock/Calendar/Alarm with EEPROM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X1243 Datasheet(HTML) 3 Page - Xicor Inc.

  X1243 Datasheet HTML 1Page - Xicor Inc. X1243 Datasheet HTML 2Page - Xicor Inc. X1243 Datasheet HTML 3Page - Xicor Inc. X1243 Datasheet HTML 4Page - Xicor Inc. X1243 Datasheet HTML 5Page - Xicor Inc. X1243 Datasheet HTML 6Page - Xicor Inc. X1243 Datasheet HTML 7Page - Xicor Inc. X1243 Datasheet HTML 8Page - Xicor Inc. X1243 Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
X1243
3
the clock on the ACK bit prior to RTC data output) into
a separate latch to avoid time changes during the read
operation. The clock continues to run. Alarms occuring
during a read are unaffected by the read operation.
Writing to the Real Time Clock
The time and date may be set by writing to the RTC
registers. To avoid changing the current time by an
uncompleted write operation, the current time value is
loaded into a seperate buffer at the falling edge of the
clock on the ACK bit before the RTC data input bytes,
the clock continues to run. The new serial input data
replaces the values in the buffer. This new RTC value
is loaded back into the RTC Register by a stop bit at
the end of a valid write sequence. An invalid write
operation aborts the time update procedure and the
contents of the buffer are discarded. After a valid write
operation the RTC will reflect the newly loaded data
beginning with the first “one second” clock cycle after
the stop bit. The RTC continues to update the time
while an RTC register write is in progress and the RTC
continues to run during any nonvolatile write sequences.
A single byte may be written to the RTC without affect-
ing the other bytes.
CLOCK/CONTROL REGISTERS (CCR)
The Control/Clock Registers are located in an area
logically separated from the array and are only acces-
sible following a slave byte of “1101111x” and reads or
writes to addresses [0000h:003Fh].
CCR access
The contents of the CCR can be modified by performing
a byte or a page write operation directly to any address in
the CCR. Prior to writing to the CCR (except the status
register), however, the WEL and RWEL bits must be
set using a two step process (See section “Writing to
the Clock/Control Registers.”)
The CCR is divided into 5 sections. These are:
1. Alarm 0 (8 bytes)
2. Alarm 1 (8 bytes)
3. Control (2 bytes)
4. Real Time Clock (8 bytes)
5. Status (1 byte)
Sections 1) through 3) are nonvolatile and Sections 4)
and 5) are volatile. Each register is read and written
through buffers. The non-volatile portion (or the counter
portion of the RTC) is updated only if RWEL is set and
only after a valid write operation and stop bit. A sequen-
tial read or page write operation provides access to the
contents of only one section of the CCR per operation.
Access to another section requires a new operation.
Continued reads or writes, once reaching the end of a
section, will wrap around to the start of the section. A
read or page write can begin at any address in the CCR.
Section 5) is a volatile register. It is not necessary to set
the RWEL bit prior to writing the status register. Section 5)
supports a single byte read or write only. Continued reads
or writes from this section terminates the operation.
The state of the CCR can be read by performing a ran-
dom read at any address in the CCR at any time. This
returns the contents of that register location. Additional
registers are read by performing a sequential read.
The read instruction latches all Clock registers into a
buffer, so an update of the clock does not change the
time being read. A sequential read of the CCR will not
result in the output of data from the memory array. At
the end of a read, the master supplies a stop condition
to end the operation and free the bus. After a read of
the CCR, the address remains at the previous address
+1 so the user can execute a current address read of
the CCR and continue reading the next Register.
ALARM REGISTERS
There are two alarm registers whose contents mimic
the contents of the RTC register, but add enable bits
and exclude the 24 hour time selection bit. The enable
bits specify which registers to use in the comparison
between the Alarm and Real Time Registers. For
example:
—The user can set the X1242 to alarm every Wednes-
day at 8:00 AM by setting the EDWn, the EHRn and
EMNn enable bits to ‘0’ and setting the DWAn,
HRAn and MNAn Alarm registers to 8:00 AM
Wednesday.
—A daily alarm for 9:30PM results when the EHRn
and EMNn enable bits are set to ‘0’ and the HRAn
and MNAn registers set 9:30 PM.
—Setting the EMOn bit in combination with other
enable bits and a specific alarm time, the user can
establish an alarm that triggers at the same time
once a year.
When there is a match, an alarm flag is set. The occur-
ance of an alarm can be determined by polling the AL0
and AL1 bits, or by setting the AL0E and AL1E bits to ‘1’
and monitoring the IRQ output. The AL0E and AL1E
bits enable the circuit that triggers the output IRQ pin
when an alarm occurs. Writing a ‘0’ to one of the bits


Similar Part No. - X1243

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X1243 INTERSIL-X1243 Datasheet
293Kb / 17P
   Real Time Clock/Calendar/Alarm with EEPROM
logo
Renesas Technology Corp
X1243 RENESAS-X1243 Datasheet
713Kb / 17P
   16K (2K x 8), 2-Wire RTC Real Time Clock/Calendar/Alarm with EEPROM
April 28, 2005
logo
Texas Instruments
X1243BIGABL TI1-X1243BIGABL Datasheet
864Kb / 48P
[Old version datasheet]   Single-Chip 77- and 79-GHz FMCW Transceiver
X1243BIGABL TI1-X1243BIGABL Datasheet
864Kb / 49P
[Old version datasheet]   Single-Chip 77- and 79-GHz FMCW Transceiver
X1243BIGABL TI1-X1243BIGABL Datasheet
946Kb / 58P
[Old version datasheet]   Single-Chip 77- and 79-GHz FMCW Transceiver
More results

Similar Description - X1243

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X1243 INTERSIL-X1243 Datasheet
293Kb / 17P
   Real Time Clock/Calendar/Alarm with EEPROM
ISL12027 INTERSIL-ISL12027_10 Datasheet
390Kb / 28P
   Real Time Clock/Calendar with EEPROM
logo
Xicor Inc.
X1240 XICOR-X1240 Datasheet
74Kb / 19P
   Real Time Clock/Calendar with EEPROM
logo
Intersil Corporation
ISL12027 INTERSIL-ISL12027 Datasheet
414Kb / 28P
   Real Time Clock/Calendar with EEPROM
logo
Renesas Technology Corp
ISL12027 RENESAS-ISL12027 Datasheet
1Mb / 29P
   Real Time Clock/Calendar with EEPROM
logo
Intersil Corporation
ISL12026 INTERSIL-ISL12026 Datasheet
381Kb / 24P
   Real Time Clock/Calendar with EEPROM
ISL12029 INTERSIL-ISL12029 Datasheet
426Kb / 28P
   Real Time Clock/Calendar with EEPROM
logo
Xicor Inc.
X1226 XICOR-X1226 Datasheet
420Kb / 24P
   Real Time Clock/Calendar with EEPROM
logo
Intersil Corporation
ISL12028 INTERSIL-ISL12028 Datasheet
423Kb / 28P
   Real Time Clock/Calendar with EEPROM
X1226 INTERSIL-X1226_06 Datasheet
372Kb / 25P
   Real Time Clock/Calendar with EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com