Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X25138P-V Datasheet(PDF) 2 Page - Xicor Inc.

Part # X25138P-V
Description  5MHz SPI Serial E2PROM with Block Lock PROTECTION
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X25138P-V Datasheet(HTML) 2 Page - Xicor Inc.

  X25138P-V Datasheet HTML 1Page - Xicor Inc. X25138P-V Datasheet HTML 2Page - Xicor Inc. X25138P-V Datasheet HTML 3Page - Xicor Inc. X25138P-V Datasheet HTML 4Page - Xicor Inc. X25138P-V Datasheet HTML 5Page - Xicor Inc. X25138P-V Datasheet HTML 6Page - Xicor Inc. X25138P-V Datasheet HTML 7Page - Xicor Inc. X25138P-V Datasheet HTML 8Page - Xicor Inc. X25138P-V Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
X25138
2
PIN DESCRIPTIONS
Serial Output (SO)
SO is a push/pull serial data output pin. During a read
cycle, data is shifted out on this pin. Data is clocked
out by the falling edge of the serial clock.
Serial Input (SI)
SI is the serial data input pin. All opcodes, byte
addresses, and data to be written to the memory are
input on this pin. Data is latched by the rising edge of
the serial clock.
Serial Clock (SCK)
The Serial Clock controls the serial bus timing for data
input and output. Opcodes, addresses, or data present
on the SI pin are latched on the rising edge of the
clock input, while data on the SO pin change after the
falling edge of the clock input.
Chip Select (CS)
When CS is HIGH, the X25138 is deselected and the
SO output pin is at high impedance and unless an
internal write operation is underway, the X25138 will be
in the standby power mode. CS LOW enables the
X25138, placing it in the active power mode. It should
be noted that after power-up, a HIGH to LOW transition
on CS is required prior to the start of any operation.
Write Protect (WP)
When WP is LOW and the nonvolatile bit WPEN is “1”,
nonvolatile writes to the X25138 status register are
disabled, but the part otherwise functions normally.
When WP is held HIGH, all functions, including
nonvolatile writes operate normally. WP going LOW
while CS is still LOW will interrupt a write to the
X25138 status register. If the internal write cycle has
already been initiated, WP going LOW will have no
affect on a write.
The WP pin function is blocked when the WPEN bit in
the status register is “0”. This allows the user to install
the X25138 in a system with WP pin grounded and still
be able to write to the status register. The WP pin func-
tions will be enabled when the WPEN bit is set “1”.
Hold (HOLD)
HOLD is used in conjunction with the CS pin to pause
the device. Once the part is selected and a serial
sequence is underway, HOLD may be used to pause
14 Lead SOIC
NC
1
2
3
4
7
6
5
X25138
VSS
NC
NC
NC
NC
.228”
.336”
8
9
10
11
12
14
13
NC
8 Lead PDIP/SOIC
VCC
HOLD
SCK
CS
1
2
3
4
6
7
8
X25138
VSS
SI
5
SO
WP
CS
SO
WP
VCC
HOLD
SCK
SI
8-Lead XBGA: Top View
S0
SI
WP
SCK
VCC
VSS
CS
HOLD
8
7
6
5
1
2
3
4
.238”
SCK
1
2
3
4
8
7
6
5
8-LEAD TSSOP
X25138
.252 in.
SI
Vss
CS
HOLD
WP
.078”
SO
Vcc
3091 FM 03
.114”
PIN NAMES
7037 FRM T01
Symbol
Description
CS
Chip Select Input
SO
Serial Output
SI
Serial Input
SCK
Serial Clock Input
WP
Write Protect Input
VSS
Ground
VCC
Supply Voltage
HOLD
Hold Input
NC
No Connect
PIN CONFIGURATION


Similar Part No. - X25138P-V

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
X251 ETC1-X251 Datasheet
67Kb / 1P
   X200 SERIES (CMOS) STANDARD SPECFITIONS
X251-883B ETC1-X251-883B Datasheet
67Kb / 1P
   X200 SERIES (CMOS) STANDARD SPECFITIONS
logo
Xicor Inc.
X25128 XICOR-X25128 Datasheet
77Kb / 15P
   SPI Serial E 2 PROM with Block Lock TM Protection
logo
IC MICROSYSTEMS
X25128 ICMIC-X25128 Datasheet
135Kb / 15P
   SPI Serial E2PROM with Block Lock Protection
X25128FG ICMIC-X25128FG Datasheet
135Kb / 15P
   SPI Serial E2PROM with Block Lock Protection
More results

Similar Description - X25138P-V

ManufacturerPart #DatasheetDescription
logo
IC MICROSYSTEMS
X25650 ICMIC-X25650 Datasheet
134Kb / 14P
   5MHz SPI Serial E2PROM with Block Lock Protection
X25128 ICMIC-X25128 Datasheet
135Kb / 15P
   SPI Serial E2PROM with Block Lock Protection
X25642 ICMIC-X25642 Datasheet
135Kb / 16P
   Advanced SPI Serial E2PROM with Block Lock Protection
X25330 ICMIC-X25330 Datasheet
131Kb / 14P
   5MHz SPI Serial E2 PROM with Block Lock Protection
X25320 ICMIC-X25320 Datasheet
388Kb / 15P
   SPI Serial E2PROM With Block LockTM Protection
logo
Xicor Inc.
X25021 XICOR-X25021 Datasheet
60Kb / 14P
   SPI Serial E2PROM with Block LockTM Protection
X25040 XICOR-X25040 Datasheet
61Kb / 14P
   SPI Serial E2PROM with Block LockTM Protection
X25160 XICOR-X25160 Datasheet
70Kb / 15P
   SPI Serial E2PROM With Block LockTM Protection
logo
IC MICROSYSTEMS
X25256 ICMIC-X25256 Datasheet
488Kb / 17P
   5MHz SPI Serial E 2 PROM with Block Lock ??Protection
logo
Xicor Inc.
X25080 XICOR-X25080 Datasheet
70Kb / 15P
   SPI Serial E2PROM With Block LockTM Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com