Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD6684 Datasheet(PDF) 11 Page - Analog Devices

Part # AD6684
Description  135 MHz Quad IF Receiver
Download  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6684 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD6684 Datasheet HTML 7Page - Analog Devices AD6684 Datasheet HTML 8Page - Analog Devices AD6684 Datasheet HTML 9Page - Analog Devices AD6684 Datasheet HTML 10Page - Analog Devices AD6684 Datasheet HTML 11Page - Analog Devices AD6684 Datasheet HTML 12Page - Analog Devices AD6684 Datasheet HTML 13Page - Analog Devices AD6684 Datasheet HTML 14Page - Analog Devices AD6684 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 107 page
background image
Data Sheet
AD6684
Rev. 0 | Page 11 of 107
ABSOLUTE MAXIMUM RATINGS
Table 6.
Parameter
Rating
Electrical
AVDD1 to AGND
1.05 V
AVDD1_SR to AGND
1.05 V
AVDD2 to AGND
2.00 V
AVDD3 to AGND
2.70 V
DVDD to DGND
1.05 V
DRVDD1 to DRGND
1.05 V
DRVDD2 to DRGND
2.00 V
SPIVDD to AGND
2.00 V
VIN±x to AGND
−0.3 V to AVDD3 + 0.3 V
CLK± to AGND
−0.3 V to AVDD1 + 0.3 V
SCLK, SDIO, CSB to DGND
−0.3 V to SPIVDD + 0.3 V
PDWN/STBY to DGND
−0.3 V to SPIVDD + 0.3 V
SYSREF± to AGND_SR
0 V to 2.5 V
SYNCIN±AB/SYNCIN±CD to DRGND
0 V to 2.5 V
Environmental
Operating Junction Temperature
Range
−40°C to +105°C
Maximum Junction Temperature
125°C
Storage Temperature Range
(Ambient)
−65°C to +150°C
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL CHARACTERISTICS
Thermal performance is directly linked to printed circuit board
(PCB) design and operating environment. Careful attention to
PCB thermal design is required.
Table 7. Thermal Resistance
PCB Type
Airflow Velocity
(m/sec)
θJA
θJCB
Unit
JEDEC
2s2p Board
0.0
21.58 1, 2
1.951, 3
°C/W
1.0
17.94 1, 2
N/A4
°C/W
2.5
16.58 1, 2
N/A4
°C/W
10-Layer Board
0.0
9.74
1.00
°C/W
1 Per JEDEC 51-7, plus JEDEC 51-5 2s2p test board.
2 Per JEDEC JESD51-2 (still air) or JEDEC JESD51-6 (moving air).
3 Per MIL-STD 883, Method 1012.1.
4 N/A means not applicable.
ESD CAUTION


Similar Part No. - AD6684

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD668 AD-AD668 Datasheet
602Kb / 16P
   12-Bit Ultrahigh Speed Multiplying D/A Converter
REV. A
AD668 AD-AD668 Datasheet
221Kb / 16P
   12-Bit Ultrahigh Speed Multiplying D/A Converter
REV. A
AD6688 AD-AD6688 Datasheet
2Mb / 138P
   RF Diversity and 1.2 GHz Bandwidth Observation Receiver
AD6688-3000EBZ AD-AD6688-3000EBZ Datasheet
2Mb / 138P
   RF Diversity and 1.2 GHz Bandwidth Observation Receiver
AD6688BBPZ-3000 AD-AD6688BBPZ-3000 Datasheet
2Mb / 138P
   RF Diversity and 1.2 GHz Bandwidth Observation Receiver
More results

Similar Description - AD6684

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6679 AD-AD6679_17 Datasheet
1Mb / 82P
   135 MHz BW IF Diversity Receiver
AD6679 AD-AD6679 Datasheet
1Mb / 81P
   135 MHz BW IF Diversity Receiver
AD6657A AD-AD6657A Datasheet
1Mb / 36P
   Quad IF Receiver
REV. 0
AD6657A AD-AD6657A_17 Datasheet
1Mb / 37P
   Quad IF Receiver
AD6657 AD-AD6657 Datasheet
1Mb / 32P
   Quad IF Receiver
REV. 0
logo
Texas Instruments
DS90C3202 TI1-DS90C3202_14 Datasheet
440Kb / 27P
[Old version datasheet]   3.3V 8 MHz to 135 MHz Dual FPD-Link Receiver
logo
Analog Devices
AD6677 AD-AD6677 Datasheet
1Mb / 48P
   80 MHz Bandwidth, IF Receiver
logo
National Semiconductor ...
DS90C3202 NSC-DS90C3202 Datasheet
1Mb / 22P
   3.3V 8 MHz to 135 MHz Dual FPD-Link Receiver
logo
Texas Instruments
DS90C3202 TI1-DS90C3202_13 Datasheet
439Kb / 26P
[Old version datasheet]   3.3V 8 MHz to 135 MHz Dual FPD-Link Receiver
logo
Analog Devices
AD6674 AD-AD6674_17 Datasheet
4Mb / 97P
   385 MHz BW IF Diversity Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com