Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9363ABCZ-REEL Datasheet(PDF) 1 Page - Analog Devices

Part # AD9363ABCZ-REEL
Description  Radio frequency (RF) 2 횞 2 transceiver with integrated 12-bit DACs and ADCs
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9363ABCZ-REEL Datasheet(HTML) 1 Page - Analog Devices

  AD9363ABCZ-REEL Datasheet HTML 1Page - Analog Devices AD9363ABCZ-REEL Datasheet HTML 2Page - Analog Devices AD9363ABCZ-REEL Datasheet HTML 3Page - Analog Devices AD9363ABCZ-REEL Datasheet HTML 4Page - Analog Devices AD9363ABCZ-REEL Datasheet HTML 5Page - Analog Devices AD9363ABCZ-REEL Datasheet HTML 6Page - Analog Devices AD9363ABCZ-REEL Datasheet HTML 7Page - Analog Devices AD9363ABCZ-REEL Datasheet HTML 8Page - Analog Devices AD9363ABCZ-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
RF Agile Transceiver
Data Sheet
AD9363
Rev. D
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2016 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Radio frequency (RF) 2 × 2 transceiver with integrated 12-bit
DACs and ADCs
Wide bandwidth: 325 MHz to 3.8 GHz
Supports time division duplex (TDD) and frequency division
duplex (FDD) operation
Tunable channel bandwidth (BW): up to 20 MHz
Receivers: 6 differential or 12 single-ended inputs
Superior receiver sensitivity with a noise figure: 3 dB
Receive (Rx) gain control
Real-time monitor and control signals for manual gain
Independent automatic gain control (AGC)
Dual transmitters: 4 differential outputs
Highly linear broadband transmitter
Transmit (Tx) error vector magnitude (EVM): −34 dB
Tx noise: ≤−157 dBm/Hz noise floor
Tx monitor: 66 dB dynamic range with 1 dB accuracy
Integrated fractional N synthesizers
2.4 Hz local oscillator (LO) step size
CMOS/LVDS digital interface
APPLICATIONS
3G enterprise femtocell base stations
4G femtocell base stations
Wireless video transmission
FUNCTIONAL BLOCK DIAGRAM
Figure 1.
GENERAL DESCRIPTION
The AD9363 is a high performance, highly integrated RF agile
transceiver designed for use in 3G and 4G femtocell applications.
Its programmability and wideband capability make it ideal for a
broad range of transceiver applications. The device combines an
RF front end with a flexible mixed-signal baseband section and
integrated frequency synthesizers, simplifying design-in by
providing a configurable digital interface to a processor. The
AD9363 operates in the 325 MHz to 3.8 GHz range, covering
most licensed and unlicensed bands. Channel bandwidths from
less than 200 kHz to 20 MHz are supported.
The two independent direct conversion receivers have state-of-
the-art noise figure and linearity. Each Rx subsystem includes
independent automatic gain control (AGC), dc offset correction,
quadrature correction, and digital filtering, thereby eliminating
the need for these functions in the digital baseband. The AD9363
also has flexible manual gain modes that can be externally
controlled. Two high dynamic range ADCs per channel digitize
the received I and Q signals and pass them through configurable
decimation filters and 128-tap finite impulse response (FIR)
filters to produce a 12-bit output signal at the appropriate
sample rate.
The transmitters use a direct conversion architecture that achieves
high modulation accuracy with ultralow noise. This transmitter
design produces a best-in-class Tx EVM of −34 dB, allowing
significant system margin for the external power amplifier (PA)
selection. The on-board Tx power monitor can be used as a
power detector, enabling highly accurate Tx power
measurements.
The fully integrated phase-locked loops (PLLs) provide low
power fractional N frequency synthesis for all receive and
transmit channels. Channel isolation, demanded by FDD
systems, is integrated into the design. All voltage controlled
oscillators (VCOs) and loop filter components are integrated.
The core of the AD9363 can be powered directly from a 1.3 V
regulator. The IC is controlled via a standard 4-wire serial port
and four real-time I/O control pins. Comprehensive power-down
modes are included to minimize power consumption during
normal use. The AD9363 is packaged in a 10 mm × 10 mm,
144-ball chip scale package ball grid array (CSP_BGA).
AD9363
RX1B_P,
RX1B_N
RX1A_P,
RX1A_N
RX1C_P,
RX1C_N
RX2B_P,
RX2B_N
RX2A_P,
RX2A_N
RX2C_P,
RX2C_N
TX_MON1
RX LO
TX LO
TX1A_P,
TX1A_N
TX1B_P,
TX1B_N
TX_MON2
TX2A_P,
TX2A_N
TX2B_P,
TX2B_N
CTRL
AUXDACx
AUXADC
CTRL
SPI
DAC
GPO
DAC
ADC
ADC
RADIO
SWITCHING
NOTES
1. SPI, CTRL, P0_D11/TX_D5_x TO P0_D0/TX_D0_x, P1_D11/
RX_D5_x TO P1_D0/RX_D0_x, AND RADIO SWITCHING
CONTAIN MULTIPLE PINS.
XTALN
GPO
PLLs
CLK_OUT
P0_D11/
TX_D5_x TO P0_D0/
TX_D0_x
P1_D11/
RX_D5_x TO P1_D0/
RX_D0_x


Similar Part No. - AD9363ABCZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9361 AD-AD9361 Datasheet
596Kb / 36P
   RF Agile Transceiver
REV. D
AD9361 AD-AD9361 Datasheet
596Kb / 36P
   RF Agile Transceiver
REV. D
AD9361 AD-AD9361 Datasheet
337Kb / 2P
   AD-FMCOMMS2-EBZ
AD9361 AD-AD9361 Datasheet
639Kb / 36P
   RF Agile Transceiver
Rev. F
AD9361BBCZ AD-AD9361BBCZ Datasheet
83Kb / 2P
   RF Agile Transceiver
Rev. SpC
More results

Similar Description - AD9363ABCZ-REEL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LMS6002D ETC2-LMS6002D Datasheet
551Kb / 15P
   Multi-band Multi-standard Transceiver with Integrated Dual DACs and ADCs
logo
Analog Devices
ADUC832 AD-ADUC832 Datasheet
1Mb / 80P
   MicroConverter, 12-Bit ADCs and DACs with Embedded 62 kBytes Flash MCU
REV. 0
logo
Maxim Integrated Produc...
MAX1221 MAXIM-MAX1221 Datasheet
558Kb / 44P
   12-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
Rev 1; 12/07
MAX1340 MAXIM-MAX1340 Datasheet
388Kb / 39P
   12-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
Rev 3; 3/08
MAX1220 MAXIM-MAX1220_10 Datasheet
554Kb / 43P
   12-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
Rev 6; 1/10
logo
Analog Devices
ADUC842 AD-ADUC842 Datasheet
217Kb / 17P
   12- Bit ADCs and DACs with Embedded Hi-Speed 62KB FLASH MCU
REV. PrB
ADUC831 AD-ADUC831 Datasheet
1Mb / 76P
   MicroConverter, 12-Bit ADCs and DACs with Embedded 62 kBytes Flash MCU
REV. 0
ADUC831 AD-ADUC831_15 Datasheet
1Mb / 76P
   MicroConverter, 12-Bit ADCs and DACs with Embedded 62 kBytes Flash MCU
REV. 0
logo
Maxim Integrated Produc...
MAX1220 MAXIM-MAX1220 Datasheet
1Mb / 47P
   12-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
Rev 4; 6/06
logo
Analog Devices
ADUC832BSZ AD-ADUC832BSZ Datasheet
48Kb / 3P
   MicroConverter짰, Multi-Channel 12-bit ADCs and DACs with Embedded FLASH MCU
REV. B.1 November/2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com