Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9363ABCZ-REEL Datasheet(PDF) 21 Page - Analog Devices

Part # AD9363ABCZ-REEL
Description  Radio frequency (RF) 2 횞 2 transceiver with integrated 12-bit DACs and ADCs
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9363ABCZ-REEL Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9363ABCZ-REEL Datasheet HTML 17Page - Analog Devices AD9363ABCZ-REEL Datasheet HTML 18Page - Analog Devices AD9363ABCZ-REEL Datasheet HTML 19Page - Analog Devices AD9363ABCZ-REEL Datasheet HTML 20Page - Analog Devices AD9363ABCZ-REEL Datasheet HTML 21Page - Analog Devices AD9363ABCZ-REEL Datasheet HTML 22Page - Analog Devices AD9363ABCZ-REEL Datasheet HTML 23Page - Analog Devices AD9363ABCZ-REEL Datasheet HTML 24Page - Analog Devices AD9363ABCZ-REEL Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
Data Sheet
AD9363
Rev. D | Page 21 of 32
Figure 9. Third-Order Input Intercept Point (IIP3) vs. Rx Gain Index,
f1 = 1.45 MHz, f2 = 2.89 MHz, GSM Mode
Figure 10. Second-Order Input Intercept Point (IIP2) vs. Rx Gain Index,
f1 = 2.00 MHz, f2 = 2.01 MHz, GSM Mode
Figure 11. Rx LO Leakage vs. Rx LO Frequency
Figure 12. Rx Emission at LNA Input vs. Frequency, DC to 12 GHz, fLO_RX = 800
MHz, LTE 10 MHz, fLO_TX = 860 MHz
Figure 13. Tx Output Power vs. Tx LO Frequency, Attenuation Setting = 0 dB,
Single-Tone Output
Figure 14. Tx Power Control Step Linearity Error vs. Attenuation Setting
–25
–20
–15
–10
–5
0
5
10
15
20
20
28
36
44
52
60
68
76
–40°C
+25°C
+85°C
Rx GAIN INDEX
0
10
20
30
40
50
60
70
80
90
100
20
28
36
44
52
60
68
76
Rx GAIN INDEX
–40°C
+25°C
+85°C
–130
–125
–120
–115
–110
–105
–100
700
750
800
850
900
Rx LO FREQUENCY (MHz)
–40°C
+25°C
+85°C
–120
–100
–80
–60
–40
–20
0
0
2000
4000
6000
8000
10000
12000
FREQUENCY (MHz)
6.0
6.5
7.0
7.5
8.0
8.5
9.0
9.5
10.0
700
750
800
850
900
Tx LO FREQUENCY (MHz)
–40°C
+25°C
+85°C
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0.5
0
10
20
30
40
50
ATTENUATION SETTING (dB)
–40°C
+25°C
+85°C


Similar Part No. - AD9363ABCZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9361 AD-AD9361 Datasheet
596Kb / 36P
   RF Agile Transceiver
REV. D
AD9361 AD-AD9361 Datasheet
596Kb / 36P
   RF Agile Transceiver
REV. D
AD9361 AD-AD9361 Datasheet
337Kb / 2P
   AD-FMCOMMS2-EBZ
AD9361 AD-AD9361 Datasheet
639Kb / 36P
   RF Agile Transceiver
Rev. F
AD9361BBCZ AD-AD9361BBCZ Datasheet
83Kb / 2P
   RF Agile Transceiver
Rev. SpC
More results

Similar Description - AD9363ABCZ-REEL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LMS6002D ETC2-LMS6002D Datasheet
551Kb / 15P
   Multi-band Multi-standard Transceiver with Integrated Dual DACs and ADCs
logo
Analog Devices
ADUC832 AD-ADUC832 Datasheet
1Mb / 80P
   MicroConverter, 12-Bit ADCs and DACs with Embedded 62 kBytes Flash MCU
REV. 0
logo
Maxim Integrated Produc...
MAX1221 MAXIM-MAX1221 Datasheet
558Kb / 44P
   12-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
Rev 1; 12/07
MAX1340 MAXIM-MAX1340 Datasheet
388Kb / 39P
   12-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
Rev 3; 3/08
MAX1220 MAXIM-MAX1220_10 Datasheet
554Kb / 43P
   12-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
Rev 6; 1/10
logo
Analog Devices
ADUC842 AD-ADUC842 Datasheet
217Kb / 17P
   12- Bit ADCs and DACs with Embedded Hi-Speed 62KB FLASH MCU
REV. PrB
ADUC831 AD-ADUC831 Datasheet
1Mb / 76P
   MicroConverter, 12-Bit ADCs and DACs with Embedded 62 kBytes Flash MCU
REV. 0
ADUC831 AD-ADUC831_15 Datasheet
1Mb / 76P
   MicroConverter, 12-Bit ADCs and DACs with Embedded 62 kBytes Flash MCU
REV. 0
logo
Maxim Integrated Produc...
MAX1220 MAXIM-MAX1220 Datasheet
1Mb / 47P
   12-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
Rev 4; 6/06
logo
Analog Devices
ADUC832BSZ AD-ADUC832BSZ Datasheet
48Kb / 3P
   MicroConverter짰, Multi-Channel 12-bit ADCs and DACs with Embedded FLASH MCU
REV. B.1 November/2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com