Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9694BCPZRL7-500 Datasheet(PDF) 11 Page - Analog Devices

Part # AD9694BCPZRL7-500
Description  14-Bit, 500 MSPS JESD204B, Quad Analog-to-Digital Converter
Download  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9694BCPZRL7-500 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9694BCPZRL7-500 Datasheet HTML 7Page - Analog Devices AD9694BCPZRL7-500 Datasheet HTML 8Page - Analog Devices AD9694BCPZRL7-500 Datasheet HTML 9Page - Analog Devices AD9694BCPZRL7-500 Datasheet HTML 10Page - Analog Devices AD9694BCPZRL7-500 Datasheet HTML 11Page - Analog Devices AD9694BCPZRL7-500 Datasheet HTML 12Page - Analog Devices AD9694BCPZRL7-500 Datasheet HTML 13Page - Analog Devices AD9694BCPZRL7-500 Datasheet HTML 14Page - Analog Devices AD9694BCPZRL7-500 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 101 page
background image
Data Sheet
AD9694
Rev. 0 | Page 11 of 101
ABSOLUTE MAXIMUM RATINGS
Table 8.
Parameter
Rating
Electrical
AVDD1 to AGND
1.05 V
AVDD1_SR to AGND
1.05 V
AVDD2 to AGND
2.00 V
AVDD3 to AGND
2.70 V
DVDD to DGND
1.05 V
DRVDD1 to DRGND
1.05 V
DRVDD2 to DRGND
2.00 V
SPIVDD to AGND
2.00 V
VIN±x to AGND
−0.3 V to AVDD3 + 0.3 V
CLK± to AGND
−0.3 V to AVDD1 + 0.3 V
SCLK, SDIO, CSB to DGND
−0.3 V to SPIVDD + 0.3 V
PDWN/STBY to DGND
−0.3 V to SPIVDD + 0.3 V
SYSREF± to AGND_SR
0 V to 2.5 V
SYNCINB±AB/SYNCINB±CD to
DRGND
0 V to 2.5 V
Environmental
Operating Junction Temperature
Range
−40°C to +105°C
Maximum Junction Temperature
125°C
Storage Temperature Range
(Ambient)
−65°C to +150°C
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to printed circuit board
(PCB) design and operating environment. Careful attention to
PCB thermal design is required.
θJA is the natural convection junction to ambient thermal
resistance measured in a one cubic foot sealed enclosure.
θJC_BOT is the bottom junction to case thermal resistance.
Table 9. Thermal Resistance
PCB Type
Airflow Velocity (m/sec)
θJA
θJC_BOT
Unit
JEDEC
2s2p Board
0.0
21.581, 2
1.951, 5
°C/W
1.0
17.941, 2
N/A4
°C/W
2.5
16.581, 2
N/A4
°C/W
10-Layer
Board
0.0
9.74
1.00
°C/W
1
Per JEDEC 51-7, plus JEDEC 51-5 2s2p test board.
2
Per JEDEC JESD51-2 (still air) or JEDEC JESD51-6 (moving air).
3
Per JEDEC JESD51-8 (still air).
4
N/A means not applicable.
5
Per MIL-STD 883, Method 1012.1.
ESD CAUTION


Similar Part No. - AD9694BCPZRL7-500

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9694 AD-AD9694 Datasheet
3Mb / 34P
   Four-Channel Transimpedance Amplifier with Output Multiplexing
Rev. 0
AD9694-EP AD-AD9694-EP Datasheet
614Kb / 15P
   14-Bit, 500 MSPS, JESD204B, Quad Analog-to-Digital Converter
Rev. A
AD9694S-CSL AD-AD9694S-CSL Datasheet
525Kb / 16P
   14-Bit, 500 MSPS, JESD204B, Quad Analog-to-Digital Converter
Rev. 0
AD9694TCPZ-500-CSL AD-AD9694TCPZ-500-CSL Datasheet
525Kb / 16P
   14-Bit, 500 MSPS, JESD204B, Quad Analog-to-Digital Converter
Rev. 0
AD9694TCPZ-500-EP AD-AD9694TCPZ-500-EP Datasheet
614Kb / 15P
   14-Bit, 500 MSPS, JESD204B, Quad Analog-to-Digital Converter
Rev. A
More results

Similar Description - AD9694BCPZRL7-500

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9694S-CSL AD-AD9694S-CSL Datasheet
525Kb / 16P
   14-Bit, 500 MSPS, JESD204B, Quad Analog-to-Digital Converter
Rev. 0
AD9694-EP AD-AD9694-EP Datasheet
614Kb / 15P
   14-Bit, 500 MSPS, JESD204B, Quad Analog-to-Digital Converter
Rev. A
AD9690 AD-AD9690 Datasheet
2Mb / 77P
   14-Bit, 1 GSPS/500 MSPS JESD204B, Analog-to-Digital Converter
AD9697 AD-AD9697 Datasheet
1Mb / 130P
   14-Bit, 1300 MSPS, JESD204B, Analog-to-Digital Converter
Rev. 0
AD9683 AD-AD9683 Datasheet
1Mb / 44P
   14-Bit, 170 MSPS/250 MSPS, JESD204B, Analog-to-Digital Converter
REV. 0
AD9250 AD-AD9250 Datasheet
1Mb / 44P
   14-Bit, 170 MSPS/250 MSPS, JESD204B,Dual Analog-to-Digital Converter
REV. 0
logo
Texas Instruments
DAC3174 TI-DAC3174_15 Datasheet
723Kb / 41P
[Old version datasheet]   Dual 14-bit 500 MSPS Digital to Analog Converter
DAC3174 TI-DAC3174 Datasheet
779Kb / 40P
[Old version datasheet]   Dual 14-bit 500 MSPS Digital to Analog Converter
logo
Analog Devices
AD9234 AD-AD9234_V01 Datasheet
1Mb / 72P
   12-Bit, 1 GSPS/500 MSPS JESD204B, Dual Analog-to-Digital Converter
Rev. B
AD9234 AD-AD9234 Datasheet
1Mb / 66P
   12-Bit, 1 GSPS/500 MSPS JESD204B, Dual Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com