Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APC-35 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # APC-35
Description  CONSTANT CURRENT MODE POWER SUPPLY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

APC-35 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  APC-35_17 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. APC-35_17 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Mechanical Specification
Derating Curve
Static Characteristics
AMBIENT TEMPERATURE ( )
(HORIZONTAL)
Block Diagram
DETECTION
PWM
CIRCUIT
EMI FILTER
POWER
SWITCH-
FILTER
&
RECTIFIERS
+V
-V
I/P
ING
CONTROL
35W Single Output Switching Power Supply
APC-35 series
INPUT VOLTAGE (VAC) 60Hz
90
100
200
220
210
230
250
240
264
90
100
80
70
60
50
40
fosc : 60KHz
RECTIFIERS
File Name: APC-35-SPEC 2016-11-10
Case No.PCD16A
Unit:mm
2-
3.6
ψ
2-
8.9
ψ
84
UL1569 18AWG
UL1569 18AWG
V+(RED)
V-(BLACK)
3
3
150 10
±
150 10
±
7.3
7.3
※ T case: Max. Case Temperature.
AC/N(Blue)
AC/L(Brown)
Tcase 5
-30
0
10
20
30
40
50
70
20
40
60
80
100
50
60


Similar Part No. - APC-35_17

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
APC-35-1050 MEANWELL-APC-35-1050 Datasheet
647Kb / 2P
   35W Single Output Switching Power Supply
APC-35 MEANWELL-APC-35_12 Datasheet
647Kb / 2P
   35W Single Output Switching Power Supply
More results

Similar Description - APC-35_17

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
APC-25 MEANWELL-APC-25_17 Datasheet
70Kb / 2P
   CONSTANT CURRENT MODE POWER SUPPLY
logo
LinkCom Manufacturing C...
25W-LCCE LINKCOM-25W-LCCE Datasheet
498Kb / 4P
   25W Constant Current Power Supply
logo
Mean Well Enterprises C...
APV-25 MEANWELL-APV-25_17 Datasheet
70Kb / 2P
   CONSTANT VOLTAGE MODE POWER SUPPLY
APV-35 MEANWELL-APV-35_17 Datasheet
71Kb / 2P
   CONSTANT VOLTAGE MODE POWER SUPPLY
logo
List of Unclassifed Man...
LPA-700-45 ETC-LPA-700-45 Datasheet
252Kb / 2P
   Power Supply LED Constant Current Water-proof Switching Power Supply
logo
Marl International Limi...
CC3512 MARL-CC3512 Datasheet
131Kb / 2P
   DC to DC Constant Current Power Supply
logo
ON Semiconductor
NCP1360 ONSEMI-NCP1360 Datasheet
375Kb / 29P
   Low Power Offline Constant Current & Constant Voltage PWM Current-Mode Controller
October, 2015 ??Rev. 1
logo
Mean Well Enterprises C...
HBG-240P MEANWELL-HBG-240P Datasheet
173Kb / 7P
   CONSTANT VOLTAGECONSTANT CURRENT MODE OUTPUT
HLG-600H MEANWELL-HLG-600H Datasheet
174Kb / 8P
   CONSTANT VOLTAGECONSTANT CURRENT MODE OUTPUT
HBG-160P MEANWELL-HBG-160P Datasheet
145Kb / 7P
   CONSTANT VOLTAGECONSTANT CURRENT MODE OUTPUT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com