Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LDH-45A-1050 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # LDH-45A-1050
Description  DC/DC STEP-UP CONVERTER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

LDH-45A-1050 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  LDH-45A-1050 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. LDH-45A-1050 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. LDH-45A-1050 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. LDH-45A-1050 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Mechanical Specification
LDH-45 series
File Name:LDH-45-SPEC 2016-10-15
BOTTOM
VIEW
3.5 [ 0.138 ]
53 [2.09]
19.75
6 8.1
SIDE
VIEW
22.7 [0.89]
12.75
32.8
Pin No.
1
2
6
7
4
Vin+
Vin-
Vout-
Vout+
PWM DIM
Comment
DC Supply
Don't connect to Vout-
LED - connection
LED + connection
ON/OFF and PWM dimming
(leave open if not used)
Mechanical Specification
Pin Configuration
8mm
8mm
100 10mm
±
5
6
Unit: mm (inch)
LDH (Pin Style):
LDH (Wire Style):
NOTE:Pin size tolerance 1.0
0.05mm
ψ±
5
Analog
DIM
ON/OFF and analog voltage dimming
(leave open if not used)
Vin+(red)
Vin-(black)
Vout-(black)
Vout+(red)
PWM DIM
(blue)
Analog
DIM
(white)
100 10mm
±
DIM-(black)
3
DIM-
GND of DIM signal
Don't connect to Vout- or Vin-
Derating Curve
Ta (
)
-40
0
25
50
60
70
50
25
75
100
100
INPUT VOLTAGE (V)
Static Characteristics
9
12
20
14
24
16
28
50
25
75
100
18
18
32
B type
B type
(B type)
Atype
Atype
(A type)
DC-DC Step-Up Constant Current LED driver
Pin No.
1
2
6
7
4
Comment
DC Supply
Don't connect to Vout-
LED - connection
LED + connection
ON/OFF and PWM dimming
(leave open if not used)
5
ON/OFF and analog voltage dimming
(leave open if not used)
3
GND of DIM signal
Don't connect to Vout- or Vin-
6
6
1
3 4
6
7
2
5
BOTTOM
VIEW
53 [2.09]
SIDE
VIEW
22.7 [0.89]
1
3 4
6
7
2
5


Similar Part No. - LDH-45A-1050

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
LDH-25 MEANWELL-LDH-25 Datasheet
591Kb / 6P
   DC-DC Step-Up Constant Current LED driver
LDH-25-250 MEANWELL-LDH-25-250 Datasheet
591Kb / 6P
   DC-DC Step-Up Constant Current LED driver
LDH-25-250W MEANWELL-LDH-25-250W Datasheet
591Kb / 6P
   DC-DC Step-Up Constant Current LED driver
LDH-25-350 MEANWELL-LDH-25-350 Datasheet
591Kb / 6P
   DC-DC Step-Up Constant Current LED driver
LDH-25-350W MEANWELL-LDH-25-350W Datasheet
591Kb / 6P
   DC-DC Step-Up Constant Current LED driver
More results

Similar Description - LDH-45A-1050

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UC8383 UTC-UC8383_15 Datasheet
444Kb / 9P
   STEP-UP DC/DC CONVERTER
logo
Diodes Incorporated
AP1603 DIODES-AP1603 Datasheet
159Kb / 8P
   STEP-UP DC/DC CONVERTER
AP1603 Rev. 1
logo
Anachip Corp
AP1602 ANACHIP-AP1602 Datasheet
164Kb / 7P
   Step-Up DC/DC Converter
AP1522 ANACHIP-AP1522 Datasheet
166Kb / 8P
   Step-Up DC/DC Converter
logo
Micon Design Technology...
MDT7727 MDTIC-MDT7727 Datasheet
107Kb / 4P
   Step-up DC/DC Converter
logo
SiGe Semiconductor, Inc...
AATIAN36 SIGE-AATIAN36 Datasheet
231Kb / 7P
   Step-Up DC/DC Converter
logo
Diodes Incorporated
AP1603 DIODES-AP1603_V01 Datasheet
278Kb / 8P
   STEP-UP DC-DC CONVERTER
Rev. 4 - 2 February 2014
AP1522 DIODES-AP1522 Datasheet
323Kb / 10P
   STEP-UP DC/DC CONVERTER
December 2017 Rev. 4 - 4
logo
Micon Design Technology...
MDT7733 MDTIC-MDT7733 Datasheet
63Kb / 3P
   Step-up DC/DC Converter
logo
Kingbor Technology Co
KB2301 KINGBOR-KB2301 Datasheet
137Kb / 10P
   Step-Up DC-DC Converter
logo
Anachip Corp
AP1601 ANACHIP-AP1601 Datasheet
207Kb / 9P
   Step-Up DC/DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com