Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADGM1304JCPZ-RL7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADGM1304JCPZ-RL7
Description  Fully operational down to 0 Hz/dc
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADGM1304JCPZ-RL7 Datasheet(HTML) 1 Page - Analog Devices

  ADGM1304JCPZ-RL7 Datasheet HTML 1Page - Analog Devices ADGM1304JCPZ-RL7 Datasheet HTML 2Page - Analog Devices ADGM1304JCPZ-RL7 Datasheet HTML 3Page - Analog Devices ADGM1304JCPZ-RL7 Datasheet HTML 4Page - Analog Devices ADGM1304JCPZ-RL7 Datasheet HTML 5Page - Analog Devices ADGM1304JCPZ-RL7 Datasheet HTML 6Page - Analog Devices ADGM1304JCPZ-RL7 Datasheet HTML 7Page - Analog Devices ADGM1304JCPZ-RL7 Datasheet HTML 8Page - Analog Devices ADGM1304JCPZ-RL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
0 Hz/DC to 14 GHz, Single-Pole, Four-Throw
MEMS Switch with Integrated Driver
Data Sheet
ADGM1304
Rev. C
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2016 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Fully operational down to 0 Hz/dc
Actuation lifetime: 1 billion cycles (minimum)
−3 dB bandwidth
11 GHz (typical) for RF1, RF4
14 GHz (typical) for RF2, RF3
Insertion loss: 0.26 dB (typical) at 2.5 GHz
Isolation: 24 dB (typical) at 2.5 GHz
High linearity IIP3: 69 dBm (typical)
On switching time: 30 μs (typical)
Radio frequency (RF) power rating: 36 dBm (maximum)
On resistance 1.6 Ω (typical)
Supply voltage: 3.1 V to 3.3 V nominal
Hermetically sealed switch contacts
Integrated driver removes the need for an external driver
CMOS-/LVTTL-compatible
Parallel interface
IDD sleep mode current: 1 μA typical power consumption
24-lead, 5 mm × 4 mm × 0.95 mm, LFCSP
APPLICATIONS
Relay replacements
Automatic test equipment (ATE): RF/digital/mixed signals
Load/probe boards: RF/digital/mixed signals
RF test instrumentation
Reconfigurable filters/attenuators
High performance RF switching
GENERAL DESCRIPTION
The ADGM1304 is a wideband, single-pole, four-throw (SP4T)
switch, fabricated using Analog Devices, Inc., microelectro-
mechanical system (MEMS) switch technology. This technology
enables a small, wide bandwidth, highly linear, low insertion
loss switch that is operational down to 0 Hz/dc, making it an
ideal switching solution for a wide range of RF applications.
An integrated control chip generates the high voltage necessary
to electrostatically actuate the switch via a complementary metal-
oxide semiconductor (CMOS)-/low voltage transistor-transistor
logic (LVTTL)-compatible parallel interface. All four switches are
independently controllable.
The ADGM1304 is packaged in a 24-lead, 5 mm × 4 mm ×
0.95 mm, lead frame chip-scale package (LFCSP).
FUNCTIONAL BLOCK DIAGRAM
CHARGE
PUMP
CCP
VCP
VCP
VDD
AGND
OSCILLATOR
EXTCLK
REGULATOR
REFERENCE
AND BIAS
LEVEL
SHIFTER
LEVEL
SHIFTER
LEVEL
SHIFTER
LEVEL
SHIFTER
RF3
RF4
RF1
RF2
ADGM1304
RFC
IN1
IN2
IN3
IN4
SLEEP
NOTES
1. LV = LOW VOLTAGE.
HV = HIGH VOLTAGE.
CLKSEL
RFGND
HV
HV
LV
LV
LV
LV
MUX
÷2
HV
HV
Figure 1.


Similar Part No. - ADGM1304JCPZ-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADGM1304JCPZ-RL7 AD-ADGM1304JCPZ-RL7 Datasheet
1Mb / 34P
   0 Hz/dc to 14 GHz, Single-Pole, Four-Throw MEMS Switch with Integrated Driver
Rev. G
More results

Similar Description - ADGM1304JCPZ-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADGM1144 AD-ADGM1144 Datasheet
2Mb / 28P
   0 Hz/DC to 18 GHz, SP4T, MEMS Switch
Rev. 0
ADGM1001 AD-ADGM1001 Datasheet
2Mb / 33P
   0 Hz/DC to 34 GHz, SPDT MEMS Switches
Rev. 0
ADGM1121 AD-ADGM1121 Datasheet
6Mb / 27P
   0 Hz/DC to 18 GHz, DPDT, MEMS Switch
Rev. 0
logo
Peregrine Semiconductor
PE42020 PSEMI-PE42020 Datasheet
1Mb / 25P
   UltraCMOS True DC RF Switch, 0 Hz??000 MHz
logo
Vicor Corporation
DCM4623XD2N26C8YZZ VICOR-DCM4623XD2N26C8YZZ Datasheet
1Mb / 25P
   Fully operational current limit
DCM4623XD2K53EYZZ VICOR-DCM4623XD2K53EYZZ Datasheet
1Mb / 25P
   Fully operational current limit
logo
First Components Intern...
LM2596M FCI-LM2596M Datasheet
345Kb / 6P
   150K Hz, 2A PWM Step-Down CD/DC Converter Positive to negative convertre
logo
Nisshinbo Micro Devices...
NJM2725 NISSHINBO-NJM2725 Datasheet
1Mb / 19P
   160MHz, 1.4nV/√Hz, Operational Amplifier
August 25, 2022 Ver.1.1
logo
Analog Devices
ADP1821 AD-ADP1821 Datasheet
543Kb / 24P
   Step-Down DC-to-DC Controller
REV. B
ADP1821 AD-ADP1821_15 Datasheet
815Kb / 24P
   Step-Down DC-to-DC Controller
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com