Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC14XXXUBCL Datasheet(PDF) 3 Page - Motorola, Inc

Part # MC14XXXUBCL
Description  Dual 2-wide, 2-input Expandable And-Or-Invert Gate
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC14XXXUBCL Datasheet(HTML) 3 Page - Motorola, Inc

  MC14XXXUBCL Datasheet HTML 1Page - Motorola, Inc MC14XXXUBCL Datasheet HTML 2Page - Motorola, Inc MC14XXXUBCL Datasheet HTML 3Page - Motorola, Inc MC14XXXUBCL Datasheet HTML 4Page - Motorola, Inc MC14XXXUBCL Datasheet HTML 5Page - Motorola, Inc MC14XXXUBCL Datasheet HTML 6Page - Motorola, Inc MC14XXXUBCL Datasheet HTML 7Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MOTOROLA CMOS LOGIC DATA
3
MC14506UB
SWITCHING CHARACTERISTICS* (CL = 50 pF, TA = 25_C)
Characteristic
Symbol
VDD
Min
Typ #
Max
Unit
Output Rise and Fall Time
tTLH, tTHL = (1.5 ns/pF) CL + 25 ns
tTLH, tTHL = (0.75 ns/pF) CL + 12.5 ns
tTLH, tTHL = (0.55 ns/pF) CL + 9.5 ns
tTLH, tTHL
5.0
10
15
100
50
40
200
100
80
ns
Data Propagation Delay Time
tPLH = (1.7 ns/pF) CL + 210 ns
tPLH = (0.66 ns/pF) CL + 77 ns
tPLH = (0.5 ns/pF) CL + 50 ns
tPLH
5.0
10
15
295
110
75
580
225
180
ns
tPHL = (1.7 ns/pF) CL + 185 ns
tPHL = (0.66 ns/pF) CL + 62 ns
tPHL = (0.5 ns/pF) CL + 40 ns
tPHL
5.0
10
15
270
95
65
480
175
140
ns
Expand Propagation Delay Time
tPLH = (1.7 ns/pF) CL + 95 ns
tPLH = (0.66 ns/pF) CL + 42 ns
tPLH = (0.5 ns/pF) CL + 25 ns
tPLH
5.0
10
15
180
75
50
430
160
125
ns
tPHL = (1.7 ns/pF) CL + 115 ns
tPHL = (0.66 ns/pF) CL + 47 ns
tPHL = (0.5 ns/pF) CL + 30 ns
tPHL
5.0
10
15
200
80
55
330
110
90
ns
Inhibit Propagation Delay Time
tPLH = (1.7 ns/pF) CL + 135 ns
tPLH = (0.66 ns/pF) CL + 67 ns
tPLH = (0.5 ns/pF) CL + 40 ns
tPLH
5.0
10
15
220
100
65
500
225
160
ns
tPHL = (1.7 ns/pF) CL + 145 ns
tPHL = (0.66 ns/pF) CL + 62 ns
tPHL = (0.5 ns/pF) CL + 35 ns
tPHL
5.0
10
15
230
95
60
400
175
150
ns
3–State Propagation Delay Time
“1” to High Impedance
tPHZ
5.0
10
15
60
45
35
150
110
90
ns
“0” to High Impedance
tPLZ
5.0
10
15
90
55
40
225
140
100
ns
High Impedance to “1”
tPZH
5.0
10
15
110
50
40
300
125
100
ns
High Impedance to “0”
tPZL
5.0
10
15
170
70
50
425
175
125
ns
* The formulas given are for the typical characteristics only at 25
_C.
#Data labelled “Typ” Is not to be used for design purposes but is intended as an indication of the IC’s potential performance.
Figure 1. Typical Voltage Transfer Characteristics
(a) Expand Inputs
(b) Data Inputs
16
14
12
10
8.0
6.0
4.0
2.0
0
16
14
12
10
8.0
6.0
4.0
2.0
0
Vin, INPUT VOLTAGE (Vdc)
a
b
c
c
a
b
a
b
c
VDD = 15 Vdc
10 Vdc
5.0 Vdc
a
b
c
TA = + 125°C
TA = + 25°C
TA = – 55°C
UNUSED INPUTS
CONNECTED TO
VSS
16
14
12
10
8.0
6.0
4.0
2.0
0
16
14
12
10
8.0
6.0
4.0
2.0
0
Vin, INPUT VOLTAGE (Vdc)
a
b
c
TA = + 125°C
TA = + 25°C
TA = – 55°C
A AND B CONNECTED TO Vin
ENABLE INPUT CONNECTED TO
VDD. OTHER INPUTS CONNECTED
TO VSS.
VDD = 15 Vdc
10 Vdc
5.0 Vdc
b
c
a
b
a
c
b
c
a


Similar Part No. - MC14XXXUBCL

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC14XXXBCL MOTOROLA-MC14XXXBCL Datasheet
223Kb / 6P
   QUAD 2 INPUT NAND SCHMITT TRIGGER
MC14XXXBCL MOTOROLA-MC14XXXBCL Datasheet
310Kb / 13P
   NBCD Adder
MC14XXXBCL MOTOROLA-MC14XXXBCL Datasheet
704Kb / 15P
   SYNCHRONUS PRESETTABLE 4-BIT COUNTERS
MC14XXXBCL MOTOROLA-MC14XXXBCL Datasheet
326Kb / 12P
   Phase Comparator and Programmable Counters
MC14XXXBCL MOTOROLA-MC14XXXBCL Datasheet
266Kb / 8P
   24-Stage Frequency Driver
More results

Similar Description - MC14XXXUBCL

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD14506B HITACHI-HD14506B Datasheet
81Kb / 6P
   Dual 2-wide 2-input Expandable AND-OR-INVERT Gate
logo
National Semiconductor ...
DM7450 NSC-DM7450 Datasheet
88Kb / 4P
   Expandable Dual 2-Wide 2-Input AND-OR-INVERT Gate
logo
Texas Instruments
SN5450 TI1-SN5450_14 Datasheet
317Kb / 9P
[Old version datasheet]   DUAL 2-WIDE 2-INPUT AND-OR-INVERT GATES ONE GATE EXPANDABLE
SN5450 TI-SN5450 Datasheet
114Kb / 4P
[Old version datasheet]   DUAL 2-WIDE 2-INPUT AND-OR-INVERT GATES ONE GATE EXPANDABLE
CD4086B TI-CD4086B Datasheet
539Kb / 12P
[Old version datasheet]   CMOS EXPANDABLE 4-WIDE 2-INPUT AND-OR-INVERT GATE
logo
Intersil Corporation
CD4086BMS INTERSIL-CD4086BMS Datasheet
85Kb / 9P
   CMOS Expandable 4-Wide 2-Input AND-OR-INVERT Gate
logo
Texas Instruments
CD4086B TI1-CD4086B_14 Datasheet
828Kb / 13P
[Old version datasheet]   CMOS Expandable 4-Wide 2-Input AND-OR-INVERT Gate
logo
STMicroelectronics
M74HC51 STMICROELECTRONICS-M74HC51 Datasheet
62Kb / 9P
   DUAL 2 WIDE 2 INPUT AND/OR INVERT GATE
August 2001
logo
Fairchild Semiconductor
DM74S51 FAIRCHILD-DM74S51 Datasheet
34Kb / 3P
   Dual 2-Wide 2-Input AND-OR-INVERT Gate
logo
NXP Semiconductors
HEF4085B PHILIPS-HEF4085B Datasheet
29Kb / 3P
   Dual 2-wide 2-input AND-OR-invert gate
January 1995
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com