Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC14XXXBCP Datasheet(PDF) 1 Page - Motorola, Inc

Part # MC14XXXBCP
Description  NBCD Adder
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC14XXXBCP Datasheet(HTML) 1 Page - Motorola, Inc

  MC14XXXBCP Datasheet HTML 1Page - Motorola, Inc MC14XXXBCP Datasheet HTML 2Page - Motorola, Inc MC14XXXBCP Datasheet HTML 3Page - Motorola, Inc MC14XXXBCP Datasheet HTML 4Page - Motorola, Inc MC14XXXBCP Datasheet HTML 5Page - Motorola, Inc MC14XXXBCP Datasheet HTML 6Page - Motorola, Inc MC14XXXBCP Datasheet HTML 7Page - Motorola, Inc MC14XXXBCP Datasheet HTML 8Page - Motorola, Inc MC14XXXBCP Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
MOTOROLA CMOS LOGIC DATA
1
MC14560B
NBCD Adder
The MC14560B adds two 4–bit numbers in NBCD (natural binary coded
decimal) format, resulting in sum and carry outputs in NBCD code.
This device can also subtract when one set of inputs is complemented with
a 9’s Complementer (MC14561B).
All inputs and outputs are active high. The carry input for the least
significant digit is connected to VSS for no carry in.
• Diode Protection on All Inputs
• Supply Voltage Range = 3.0 Vdc to 18 Vdc
• Capable of Driving Two Low–power TTL Loads or One Low–power
Schottky TTL Load Over the Rated Temperature Range
MAXIMUM RATINGS* (Voltages Referenced to VSS)
Symbol
Parameter
Value
Unit
VDD
DC Supply Voltage
– 0.5 to + 18.0
V
Vin, Vout Input or Output Voltage (DC or Transient)
– 0.5 to VDD + 0.5
V
Iin, Iout
Input or Output Current (DC or Transient),
per Pin
± 10
mA
PD
Power Dissipation, per Package†
500
mW
Tstg
Storage Temperature
– 65 to + 150
_C
TL
Lead Temperature (8–Second Soldering)
260
_C
* Maximum Ratings are those values beyond which damage to the device may occur.
†Temperature Derating:
Plastic “P and D/DW” Packages: – 7.0 mW/
_C From 65_C To 125_C
Ceramic “L” Packages: – 12 mW/
_C From 100_C To 125_C
TRUTH TABLE*
Input
Output
A4
A3
A2
A1
B4
B3
B2
B1
Cin Cout
S4
S3
S2
S1
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
1
0
0
0
0
1
0
1
0
0
0
0
1
1
0
0
0
1
1
1
0
1
0
0
0
0
1
1
1
0
1
0
0
0
0
1
1
1
0
1
0
0
0
1
0
0
0
1
0
1
1
1
0
1
0
0
1
1
0
0
1
0
1
0
0
0
0
1
0
1
0
1
0
0
1
1
0
1
1
0
1
0
0
0
0
1
0
1
0
0
1
0
0
1
1
0
0
1
1
1
1
0
0
1
* Partial truth table to show logic operation for representative input values.
This device contains protection circuitry to guard against damage
due to high static voltages or electric fields. However, precautions must
be taken to avoid applications of any voltage higher than maximum rated
voltages to this high-impedance circuit. For proper operation, Vin and
Vout should be constrained to the range VSS ≤ (Vin or Vout) ≤ VDD.
Unused inputs must always be tied to an appropriate logic voltage
level (e.g., either VSS or VDD). Unused outputs must be left open.
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
© Motorola, Inc. 1995
REV 3
1/94
MC14559B
See Page 398
© Motorola, Inc. 1994
REV 0
1/94
MC14560B
BLOCK DIAGRAM
L SUFFIX
CERAMIC
CASE 620
ORDERING INFORMATION
MC14XXXBCP
Plastic
MC14XXXBCL
Ceramic
MC14XXXBD
SOIC
TA = – 55° to 125°C for all packages.
P SUFFIX
PLASTIC
CASE 648
D SUFFIX
SOIC
CASE 751B
7
13
15
14
1
2
3
4
5
6
12
11
10
9
Cin
A1
B1
A2
B2
A3
B3
A4
B4
S1
S2
S3
S4
Cout
VDD = PIN 16
VSS = PIN 8


Similar Part No. - MC14XXXBCP

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC14XXXBCP MOTOROLA-MC14XXXBCP Datasheet
223Kb / 6P
   QUAD 2 INPUT NAND SCHMITT TRIGGER
MC14XXXBCP MOTOROLA-MC14XXXBCP Datasheet
326Kb / 12P
   Phase Comparator and Programmable Counters
MC14XXXBCP MOTOROLA-MC14XXXBCP Datasheet
704Kb / 15P
   SYNCHRONUS PRESETTABLE 4-BIT COUNTERS
MC14XXXBCP MOTOROLA-MC14XXXBCP Datasheet
234Kb / 7P
   4x4 Multiport Register
MC14XXXBCP MOTOROLA-MC14XXXBCP Datasheet
266Kb / 8P
   24-Stage Frequency Driver
More results

Similar Description - MC14XXXBCP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCC4560B STMICROELECTRONICS-HCC4560B Datasheet
201Kb / 6P
   NBCD ADDER
logo
Fuji Electric
EDS9-2I FUJI-EDS9-2I Datasheet
207Kb / 3P
   FC SERIES ADDER
logo
Fairchild Semiconductor
74F583 FAIRCHILD-74F583 Datasheet
52Kb / 5P
   4-Bit BCD Adder
logo
ON Semiconductor
MC14008B ONSEMI-MC14008B_05 Datasheet
107Kb / 8P
   4?묪it Full Adder
August, 2005 ??Rev. 6
logo
NXP Semiconductors
74F583 PHILIPS-74F583 Datasheet
120Kb / 8P
   4-bit BCD adder
1989 Apr 06
logo
ON Semiconductor
MC14008BCPG ONSEMI-MC14008BCPG Datasheet
135Kb / 8P
   4-Bit Full Adder
April, 2013 ??Rev. 7
logo
National Semiconductor ...
CD4008BM NSC-CD4008BM Datasheet
124Kb / 6P
   4-Bit Full Adder
logo
Motorola, Inc
MC14008B MOTOROLA-MC14008B Datasheet
255Kb / 8P
   4-Bit Full Adder
logo
NXP Semiconductors
74F385 PHILIPS-74F385 Datasheet
64Kb / 6P
   Quad serial adder/subtractor
1989 Sep 20
logo
ON Semiconductor
MC14008B ONSEMI-MC14008B Datasheet
225Kb / 8P
   4-Bit Full Adder
March, 2000 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com