Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X25138S142.5 Datasheet(PDF) 9 Page - Xicor Inc.

Part # X25138S142.5
Description  5MHz SPI Serial E2PROM with Block Lock PROTECTION
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X25138S142.5 Datasheet(HTML) 9 Page - Xicor Inc.

Back Button X25138S142.5 Datasheet HTML 5Page - Xicor Inc. X25138S142.5 Datasheet HTML 6Page - Xicor Inc. X25138S142.5 Datasheet HTML 7Page - Xicor Inc. X25138S142.5 Datasheet HTML 8Page - Xicor Inc. X25138S142.5 Datasheet HTML 9Page - Xicor Inc. X25138S142.5 Datasheet HTML 10Page - Xicor Inc. X25138S142.5 Datasheet HTML 11Page - Xicor Inc. X25138S142.5 Datasheet HTML 12Page - Xicor Inc. X25138S142.5 Datasheet HTML 13Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
X25138
9
A.C. OPERATING CHARACTERISTICS
Data Input Timing
7037 FRM T12
Data Output Timing
7037 FRM T13
Notes: (4) This parameter is periodically sampled and not 100% tested.
(5) tWC is the time from the rising edge of CS after a valid write sequence has been sent to the end of the self-timed internal nonvolatile
write cycle
Symbol
Parameter
VCC = 2.5V-5.5V
VCC = 4.5V-5.5V
Units
Min.
Max.
Min.
Max.
fSCK
Clock Frequency
0
3.3
0
5
MHz
tCYC
Cycle Time
300
200
ns
tLEAD
CS Lead Time
150
100
ns
tLAG
CS Lag Time
150
100
ns
tWH
Clock HIGH Time
130
80
ns
tWL
Clock LOW Time
130
80
ns
tSU
Data Setup Time
30
20
ns
tH
Data Hold Time
30
20
ns
tRI
(4)
Data In Rise Time
2
2
ms
tFI
(4)
Data In Fall Time
2
2
ms
tHD
HOLD Setup Time
60
40
ns
tCD
HOLD Hold Time
60
40
ns
tCS
CS Deselect Time
100
100
ns
tWC
(5)
Write Cycle Time
10
10
ms
Symbol
Parameter
VCC = 2.5V-5.5V
VCC = 4.5V-5.5V
Units
Min.
Max.
Min.
Max.
fSCK
Clock Frequency
0
3.3
0
5
MHz
tDIS
Output Disable Time
150
100
ns
tV
Output Valid from Clock LOW
130
80
ns
tHO
Output Hold Time
0
0
ns
tRO
(4)
Output Rise Time
50
50
ns
tFO
(4)
Output Fall Time
50
50
ns
tLZ
(4)
HOLD HIGH to Output in Low Z
50
50
ns
tHZ
(4)
HOLD LOW to Output in High Z
50
50
ns
A.C. CONDITIONS OF TEST
7037 FRM T11
Input Pulse Levels
VCC x 0.1 to VCC x 0.9
Input Rise and Fall Times
10ns
Input and OutputTiming Levels
VCC X 0.5
EQUIVALENT A.C. LOAD CIRCUIT
OUTPUT
7037 FRM F09
5V
1.44K
W
1.95K
W
100pF
OUTPUT
3V
1.64K
W
4.63K
W
100pF


Similar Part No. - X25138S142.5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
X251 ETC1-X251 Datasheet
67Kb / 1P
   X200 SERIES (CMOS) STANDARD SPECFITIONS
X251-883B ETC1-X251-883B Datasheet
67Kb / 1P
   X200 SERIES (CMOS) STANDARD SPECFITIONS
logo
Xicor Inc.
X25128 XICOR-X25128 Datasheet
77Kb / 15P
   SPI Serial E 2 PROM with Block Lock TM Protection
logo
IC MICROSYSTEMS
X25128 ICMIC-X25128 Datasheet
135Kb / 15P
   SPI Serial E2PROM with Block Lock Protection
X25128FG ICMIC-X25128FG Datasheet
135Kb / 15P
   SPI Serial E2PROM with Block Lock Protection
More results

Similar Description - X25138S142.5

ManufacturerPart #DatasheetDescription
logo
IC MICROSYSTEMS
X25650 ICMIC-X25650 Datasheet
134Kb / 14P
   5MHz SPI Serial E2PROM with Block Lock Protection
X25128 ICMIC-X25128 Datasheet
135Kb / 15P
   SPI Serial E2PROM with Block Lock Protection
X25642 ICMIC-X25642 Datasheet
135Kb / 16P
   Advanced SPI Serial E2PROM with Block Lock Protection
X25330 ICMIC-X25330 Datasheet
131Kb / 14P
   5MHz SPI Serial E2 PROM with Block Lock Protection
X25320 ICMIC-X25320 Datasheet
388Kb / 15P
   SPI Serial E2PROM With Block LockTM Protection
logo
Xicor Inc.
X25021 XICOR-X25021 Datasheet
60Kb / 14P
   SPI Serial E2PROM with Block LockTM Protection
X25040 XICOR-X25040 Datasheet
61Kb / 14P
   SPI Serial E2PROM with Block LockTM Protection
X25160 XICOR-X25160 Datasheet
70Kb / 15P
   SPI Serial E2PROM With Block LockTM Protection
logo
IC MICROSYSTEMS
X25256 ICMIC-X25256 Datasheet
488Kb / 17P
   5MHz SPI Serial E 2 PROM with Block Lock ??Protection
logo
Xicor Inc.
X25080 XICOR-X25080 Datasheet
70Kb / 15P
   SPI Serial E2PROM With Block LockTM Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com