Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K1010W Datasheet(PDF) 3 Page - COSMO Electronics Corporation

Part # K1010W
Description  LOW INPUT CURRENT PHOTOCOUPLER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

K1010W Datasheet(HTML) 3 Page - COSMO Electronics Corporation

  K1010W_16 Datasheet HTML 1Page - COSMO  Electronics Corporation K1010W_16 Datasheet HTML 2Page - COSMO  Electronics Corporation K1010W_16 Datasheet HTML 3Page - COSMO  Electronics Corporation K1010W_16 Datasheet HTML 4Page - COSMO  Electronics Corporation K1010W_16 Datasheet HTML 5Page - COSMO  Electronics Corporation K1010W_16 Datasheet HTML 6Page - COSMO  Electronics Corporation K1010W_16 Datasheet HTML 7Page - COSMO  Electronics Corporation K1010W_16 Datasheet HTML 8Page - COSMO  Electronics Corporation K1010W_16 Datasheet HTML 9Page - COSMO  Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Cosmo Electronics Corp.
Document No. 69P00004.3
- 3 -
http://www.cosmo-ic.com
cosmo
K1010 W Series
LOW INPUT CURRENT
PHOTOCOUPLER
Absolute Maximum Ratings
(Ta=25℃)
Parameter
Symbol
Rating
Unit
Input
Forward current
IF
50
mA
Peak forward current
IFM
1
A
Reverse voltage
VR
6
V
Power dissipation
PD
70
mW
Output
Collector-emitter voltage
VCEO
80
V
Emitter-collector voltage
VECO
6
V
Collector current
IC
50
mA
Collector power dissipation
PC
150
mW
Total power dissipation
Ptot
200
mW
Isolation voltage 1 minute
Viso
5000
Vrms
Operating temperature
Topr
-55 to +115
Storage temperature
Tstg
-55 to +125
Soldering temperature 10 seconds
Tsol
260
Electro-optical Characteristics
(Ta=25℃)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Input
Forward voltage
VF
IF=20mA
-
1.2
1.8
V
Peak forward voltage
VFM
IFM=0.5A
-
-
3.0
V
Reverse current
IR
VR=4V
-
-
10
μA
Terminal capacitance
Ct
V=0, f=1KHz
-
30
-
pF
Output Collector dark current
ICEO
VCE=20V, IF=0
-
-
0.1
μA
Transfer
charac-
teristics
Current transfer ratio
CTR
IF=0.5mA, VCE=5V
50
-
600
%
Collector-emitter saturation
VCE(sat) IF=20mA, IC=1mA
-
0.1
0.2
V
Isolation resistance
Riso
DC500V
5x10
10
10
11
-
Ω
Floating capacitance
Cf
V=0, f=1MHz
-
0.6
1.0
pF
Cut-off frequency
fC
VCC=5V, IC=2mA, RL=100Ω
-
80
-
KHz
Response time ( Rise )
tr
VCE=2V, IC=2mA, RL=100Ω
-
4
18
μs
Response time ( Fall )
tf
-
3
18
μs


Similar Part No. - K1010W_16

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
K1010WA COSMO-K1010WA Datasheet
1Mb / 11P
   LOW INPUT CURRENT PHOTOCOUPLER
K1010WE COSMO-K1010WE Datasheet
1Mb / 11P
   LOW INPUT CURRENT PHOTOCOUPLER
More results

Similar Description - K1010W_16

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
K1010Z COSMO-K1010Z_16 Datasheet
224Kb / 11P
   LOW INPUT CURRENT PHOTOCOUPLER
K1010Z COSMO-K1010Z Datasheet
977Kb / 11P
   LOW INPUT CURRENT PHOTOCOUPLER
K1010W COSMO-K1010W Datasheet
1Mb / 11P
   LOW INPUT CURRENT PHOTOCOUPLER
K1010T COSMO-K1010T_16 Datasheet
223Kb / 11P
   LOW INPUT CURRENT PHOTOCOUPLER
logo
Sharp Corporation
PC3H710NIP SHARP-PC3H710NIP Datasheet
75Kb / 5P
   Low Input Current Type Photocoupler
PC8171NSZ SHARP-PC8171NSZ Datasheet
63Kb / 5P
   Low Input Current Type Photocoupler
PC367NT SHARP-PC367NT Datasheet
63Kb / 5P
   Low Input Current Type Photocoupler
PC3H410NIP SHARP-PC3H410NIP Datasheet
74Kb / 5P
   AC Input, Low Input Current Type Photocoupler
PC364N SHARP-PC364N Datasheet
63Kb / 5P
   AC Input, Low Input Current Type Photocoupler
PC81410NSZ SHARP-PC81410NSZ Datasheet
62Kb / 5P
   AC Input, Low Input Current Type Photocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com