Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K30106CTRU Datasheet(PDF) 5 Page - COSMO Electronics Corporation

Part # K30106CTRU
Description  4PIN PHOTOTRANSISTOR PHOTOCOUPLER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

K30106CTRU Datasheet(HTML) 5 Page - COSMO Electronics Corporation

  K30106CTRU Datasheet HTML 1Page - COSMO  Electronics Corporation K30106CTRU Datasheet HTML 2Page - COSMO  Electronics Corporation K30106CTRU Datasheet HTML 3Page - COSMO  Electronics Corporation K30106CTRU Datasheet HTML 4Page - COSMO  Electronics Corporation K30106CTRU Datasheet HTML 5Page - COSMO  Electronics Corporation K30106CTRU Datasheet HTML 6Page - COSMO  Electronics Corporation K30106CTRU Datasheet HTML 7Page - COSMO  Electronics Corporation K30106CTRU Datasheet HTML 8Page - COSMO  Electronics Corporation K30106CTRU Datasheet HTML 9Page - COSMO  Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Cosmo Electronics Corp.
Document No. 69P10001.2
- 5 -
http://www.cosmo-ic.com
cosmo
K3010 Series
4PIN PHOTOTRANSISTOR
PHOTOCOUPLER
Fig.6 Collector Current
Fig.7 Relative Current Transfer Ratio
vs. Collector-Emitter Voltage
vs. Ambient Temperature
15mA
0
0
10
2
4
8
6
10mA
5mA
10
20mA
20
I =30mA
F
30
Ta=25°C
-55
0
-25
50
25
50
115
75
I =1mA
V
=5V
150
100
0
F
CE
Collector-Emitter Voltage VCE (V)
Ambient Temperature Ta (
)
Fig.8 Collector-Emitter Saturation Voltage
Fig.9 Collector-Emitter Saturation
vs. Ambient Temperature
Voltage vs. Forward Current
0
0
- 5 5
4 0
20
60
8 0
1 00 1 15
0. 08
0. 04
0. 02
0. 01
0. 03
0. 06
0. 05
0. 07
Ic=1mA
I =20mA
0. 1
0. 09
F
1 5
1 2
9
7
5
3
1
0
0
1
2
4
3
5
6
I c = 5 m A
I c = 7 m A
I c = 1 m A
I c = 3 m A
I c = 0 . 5 m A
T a = 2 5 C
Ambient Temperature Ta (
)
Forward Current IF (mA)
Fig.10 Response Time (Rise)
Fig.11 Response Time (Fall)
vs. Load Resistance
vs. Load Resistance
5
2
1
0 . 2
0 . 1
0 . 5
0 . 0 3
C
T a = 2 5 °
2
0 . 5
0 . 1
0 . 2
1
1 0
5
2 0
t r
V
= 2 V
I c = 2 m A
1 0 0
5 0
1 0
C E
1 0
5
2
1
0 . 5
0 . 2
0 . 0 3
0 . 1
C
T a = 2 5 °
2
0 . 1
0 . 2
1
0 . 5
5
2 0
1 0
1 0 0
5 0
I c = 2 m A
V
= 2 V
t f
C E
Load Resistance RL (KΩ)
Load Resistance RL (KΩ)


Similar Part No. - K30106CTRU

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
K30106A COSMO-K30106A Datasheet
97Kb / 6P
   High Reliability Photocoupler
K30106B COSMO-K30106B Datasheet
97Kb / 6P
   High Reliability Photocoupler
More results

Similar Description - K30106CTRU

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KP1210 COSMO-KP1210_15 Datasheet
291Kb / 11P
   4PIN PHOTOTRANSISTOR PHOTOCOUPLER
K1010 COSMO-K1010_16 Datasheet
472Kb / 11P
   4PIN PHOTOTRANSISTOR PHOTOCOUPLER
KT1600 COSMO-KT1600_16 Datasheet
348Kb / 10P
   4PIN LSOP PHOTOTRANSISTOR PHOTOCOUPLER
KT1300 COSMO-KT1300_16 Datasheet
225Kb / 10P
   4PIN LSOP PHOTOTRANSISTOR PHOTOCOUPLER
KPS2801 COSMO-KPS2801_15 Datasheet
219Kb / 10P
   4PIN SSOP PHOTOTRANSISTOR PHOTOCOUPLER
KT1610 COSMO-KT1610_16 Datasheet
182Kb / 10P
   4PIN LSOP PHOTOTRANSISTOR PHOTOCOUPLER
KT1310 COSMO-KT1310_16 Datasheet
225Kb / 10P
   4PIN LSOP PHOTOTRANSISTOR PHOTOCOUPLER
KPS2805 COSMO-KPS2805_15 Datasheet
230Kb / 10P
   4PIN SSOP PHOTOTRANSISTOR PHOTOCOUPLER
KT101X COSMO-KT101X_16 Datasheet
178Kb / 10P
   4PIN LSOP PHOTOTRANSISTOR PHOTOCOUPLER
KT1000 COSMO-KT1000_16 Datasheet
177Kb / 10P
   4PIN LSOP PHOTOTRANSISTOR PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com