Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACM-21H-900 Datasheet(PDF) 1 Page - Abracon Corporation

Part # ACM-21H-900
Description  Wire Wound Common Mode Choke for HDMI
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ACM-21H-900 Datasheet(HTML) 1 Page - Abracon Corporation

  ACM-21H-900 Datasheet HTML 1Page - Abracon Corporation ACM-21H-900 Datasheet HTML 2Page - Abracon Corporation ACM-21H-900 Datasheet HTML 3Page - Abracon Corporation ACM-21H-900 Datasheet HTML 4Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Wire Wound Common Mode Choke for HDMI
| | | | | | | | | | | | | | |
APPLICATIONS:
FEATURES:
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001:2008
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000| fax 949-546-8001 | www.abracon.com
Revised: 02.19.14
Visit www.abracon.com for Terms & Conditions of Sale
2.0 x 1.2 x 1.2mm
STANDARD SPECIFICATIONS
Abracon P/N:
ACM-21H
Operating Temperature & Humidity:
Storage Temperature & Humidity:
PART IDENTIFICATION:
-40˚C to +85˚C
• Small size and low profile
• Virtually no effect on high speed signals due to suppressed
differential mode impedance
• Elimination of common mode noise in high speed, differential
mode signal transmission lines such as HDMI
• HDMI, DVI, etc
-10˚C to +40˚C, Humidity < 70%RH (In tape and reel)
ACM-21H
Part Number
Impedance
@100MHz
DCR
IR
Rated
Voltage
Insulation
Resistance
Units
Ω ± 25%
Ω (max.)
mA
Vdc
MΩ (min.)
ACM-21H-670
67
0.30
320
20
10
ACM-21H-900
90
0.40
280
20
10
ACM-21H-121
120
0.40
280
20
10
Test Conditions
Impedance (Common mode and differential mode): LCR Meter Agilent 4287A/E4991A
DCR: Agilent 4338B/34420
IR: Electric power, Electrical current meter, Thermometer
Definition of Rated Current (IR): The direct electric current as chip surface temperature rise just 20oC
against chip initial surface temperature.
Insertion Loss: Network Analyzer Agilent E5071C
Insulation Resistance: High resistance meter Agilent 4339B
ACM-21H-
-
Packaging
Blank: bulk
T: Tape and Reel
(2k pcs/reel)
Impedance Code
Please refer to the
table above
Pb RoHS/RoHS II compliant


Similar Part No. - ACM-21H-900

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ACM-21 ABRACON-ACM-21 Datasheet
1Mb / 5P
   Chip Wire Wound Common Mode Choke
01.27.14
ACM-21-121 ABRACON-ACM-21-121 Datasheet
1Mb / 5P
   Chip Wire Wound Common Mode Choke
01.27.14
ACM-21-161 ABRACON-ACM-21-161 Datasheet
1Mb / 5P
   Chip Wire Wound Common Mode Choke
01.27.14
ACM-21-181 ABRACON-ACM-21-181 Datasheet
1Mb / 5P
   Chip Wire Wound Common Mode Choke
01.27.14
ACM-21-201 ABRACON-ACM-21-201 Datasheet
1Mb / 5P
   Chip Wire Wound Common Mode Choke
01.27.14
More results

Similar Description - ACM-21H-900

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
HCMC0805-670MFS DELTA-HCMC0805-670MFS Datasheet
214Kb / 2P
   WIRE- WOUND COMMON MODE CHOKE
logo
Abracon Corporation
ACM-21U ABRACON-ACM-21U Datasheet
1Mb / 4P
   Wire Wound Common Mode Choke for USB3.0
02.20.14
logo
WALSIN TECHNOLOGY CORPO...
WTCF2012 WALSIN-WTCF2012 Datasheet
263Kb / 6P
   Wire wound type common mode choke
logo
Abracon Corporation
ACM-21 ABRACON-ACM-21 Datasheet
1Mb / 5P
   Chip Wire Wound Common Mode Choke
01.27.14
ACM-31 ABRACON-ACM-31 Datasheet
1Mb / 4P
   Chip Wire Wound Common Mode Choke
01.28.13
logo
Murata Manufacturing Co...
DLW21SN900SQ2L MURATA-DLW21SN900SQ2L Datasheet
100Kb / 2P
   Common Mode Choke Coil Wire Wound Type
logo
Cyntec Co., Ltd.
CYNVF-172-001 CYNTEC-CYNVF-172-001 Datasheet
947Kb / 6P
   Wire-wound Common Mode Choke VFB4532 Series
logo
Murata Manufacturing Co...
DLW21HN900SQ2L MURATA-DLW21HN900SQ2L Datasheet
83Kb / 2P
   Common Mode Choke Coil Wire Wound Type
logo
Cyntec Co., Ltd.
CYNVF-19Z-005 CYNTEC-CYNVF-19Z-005 Datasheet
970Kb / 6P
   Wire-wound Common Mode Choke VFB3225 Series
logo
Murata Manufacturing Co...
DLW5BSN191SQ2L MURATA-DLW5BSN191SQ2L Datasheet
73Kb / 2P
   Common Mode Choke Coil Wire Wound Type for Large Current
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com