Electronic Components Datasheet Search |
|
KAQY210ATL Datasheet(PDF) 8 Page - COSMO Electronics Corporation |
|
KAQY210ATL Datasheet(HTML) 8 Page - COSMO Electronics Corporation |
8 / 12 page Cosmo Electronics Corp. Document No. 69M00004.5 - 8 - http://www.cosmo-ic.com cosmo KAQY210 Series 4PIN 350V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT Recommended Soldering Conditions (a) Infrared reflow soldering: Peak reflow soldering: Time of peak reflow temperature: Time of temperature higher than 230℃: Time to preheat temperature from 180~190℃: Number of reflows: Flux: 260℃ or below (package surface temperature) 10 sec 30-60 sec 60-120 sec Two Rosin flux containing small amount of chlorine (The flux with a maximum chlorine content of 0.2 Wt% is recommended.) Recommended Temperature Profile of Infrared Reflow 1 8 0 ℃ 1 9 0 ℃ 2 3 0 ℃ 2 6 0 ℃ 6 0 -1 2 0 s e c 3 0 -6 0 s e c t (s ) 1 0 s e c M a x . (b) Wave soldering: Temperature: Time: Preheating conditions: Number of times: Flux: 260℃ or below (molten solder temperature) 10 seconds or less 120℃ or below (package surface temperature) One Rosin flux containing small amount of chlorine (The flux with a maximum chlorine content of 0.2 Wt% is recommended.) (c) Cautions: Fluxes: Avoid removing the residual flux with freon-based and chlorine-based cleaning solvent. Avoid shorting between portion of frame and leads. |
Similar Part No. - KAQY210ATL |
|
Similar Description - KAQY210ATL |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |