Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KAQY213STLD Datasheet(PDF) 5 Page - COSMO Electronics Corporation

Part # KAQY213STLD
Description  4PIN 250V N.O TYPE SOLID STATE RELAY-MOSFET Output
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KAQY213STLD Datasheet(HTML) 5 Page - COSMO Electronics Corporation

  KAQY213STLD Datasheet HTML 1Page - COSMO  Electronics Corporation KAQY213STLD Datasheet HTML 2Page - COSMO  Electronics Corporation KAQY213STLD Datasheet HTML 3Page - COSMO  Electronics Corporation KAQY213STLD Datasheet HTML 4Page - COSMO  Electronics Corporation KAQY213STLD Datasheet HTML 5Page - COSMO  Electronics Corporation KAQY213STLD Datasheet HTML 6Page - COSMO  Electronics Corporation KAQY213STLD Datasheet HTML 7Page - COSMO  Electronics Corporation KAQY213STLD Datasheet HTML 8Page - COSMO  Electronics Corporation KAQY213STLD Datasheet HTML 9Page - COSMO  Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Cosmo Electronics Corp.
Document No. 69M00003.5
- 5 -
http://www.cosmo-ic.com
cosmo
KAQY213 Series
4PIN 250V N.O TYPE
SOLID STATE RELAY-MOSFET Output
Fig.1 Load Current
vs. Ambient Temperature
Fig.2 On Resistance
vs. Ambient Temperature
0
50
100
150
200
250
300
350
0
-20
-40
20
40
60
80
100
0
-4 0
-2 0
0
2 0
4 0
6 0
8 0
5
1 0
1 5
2 0
2 5
Ambient Temperature Ta (℃)
Ambient Temperature Ta (℃)
Fig.3 Turn-on Time
vs. Ambient Temperature
Fig.4 Turn-off Time
vs. Ambient Temperature
0
-40
-20
0
2 0
40
6 0
80
0 .2
0 .4
0 .6
0 .8
1 .0
0
-4 0
- 2 0
0
2 0
4 0
6 0
8 0
0 .2
0 .4
0 .6
0 .8
1 .0
Ambient Temperature Ta (℃)
Ambient Temperature Ta (℃)
Fig.5 LED Operate Current
vs. Ambient Temperature
Fig.6 LED Turn-off Current
vs. Ambient Temperature
0
-40
-20
0
20
40
60
80
1
2
3
4
5
0
-4 0
- 2 0
0
2 0
4 0
6 0
8 0
0 .5
1 .0
1 .5
2 .0
2 .5
Ambient Temperature Ta (℃)
Ambient Temperature Ta (℃)


Similar Part No. - KAQY213STLD

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KAQY213S COSMO-KAQY213S Datasheet
158Kb / 7P
   PRODUCT SPECIFICATION
KAQY213S COSMO-KAQY213S Datasheet
485Kb / 12P
   4PIN 250V N.O TYPE SOLID STATE RELAY-MOSFET Output
More results

Similar Description - KAQY213STLD

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KAQY213 COSMO-KAQY213 Datasheet
485Kb / 12P
   4PIN 250V N.O TYPE SOLID STATE RELAY-MOSFET Output
KAQY210 COSMO-KAQY210_15 Datasheet
256Kb / 12P
   4PIN 350V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQY212 COSMO-KAQY212_15 Datasheet
264Kb / 12P
   4PIN 60V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQY216 COSMO-KAQY216_15 Datasheet
255Kb / 12P
   4PIN 600V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KCP1008 COSMO-KCP1008_15 Datasheet
209Kb / 11P
   4PIN 100V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQY216 COSMO-KAQY216 Datasheet
473Kb / 12P
   4PIN 600V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KCP1017 COSMO-KCP1017_15 Datasheet
217Kb / 11P
   4PIN 60V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQY212SE COSMO-KAQY212SE_15 Datasheet
204Kb / 12P
   4PIN 60V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQY214 COSMO-KAQY214_15 Datasheet
255Kb / 12P
   4PIN 400V N.O TYPE SOLID STATE RELAY-MOSFET Output
KAQY217 COSMO-KAQY217_15 Datasheet
254Kb / 12P
   4PIN 200V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com