Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACM-31-121 Datasheet(PDF) 4 Page - Abracon Corporation

Part # ACM-31-121
Description  Chip Wire Wound Common Mode Choke
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ACM-31-121 Datasheet(HTML) 4 Page - Abracon Corporation

  ACM-31-121 Datasheet HTML 1Page - Abracon Corporation ACM-31-121 Datasheet HTML 2Page - Abracon Corporation ACM-31-121 Datasheet HTML 3Page - Abracon Corporation ACM-31-121 Datasheet HTML 4Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Chip Wire Wound Common Mode Choke
| | | | | | | | | | | | | | |
ACM-31
Pb RoHS
Compliant
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001:2008
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000| fax 949-546-8001 | www.abracon.com
Revised: 01.28.13
Visit www.abracon.com for Terms & Conditions of Sale
3.2 x 1.6 x 1.8mm
Dimension: mm
TAPE & REEL: 2000pcs/reel
ATTENTION: Abracon Corporation’s products are COTS – Commercial-Off-The-Shelf products; suitable for Commercial, Industrial and, where designated, Automotive Applications.
Abracon’s products are not specifically designed for Military, Aviation, Aerospace, Life-dependant Medical applications or any application requiring high reliability where component
failure could result in loss of life and/or property. For applications requiring high reliability and/or presenting an extreme operating environment, written consent and authorization from
Abracon Corporation is required. Please contact Abracon Corporation for more information.
A
B
W
E
F
P0
P1
P2
ΦD0
t
1.90±0.10
3.50±0.05
8.0±0.20
1.75±0.10
3.5±0.10
4.00±0.10
4.00±0.10
2.00±0.10
1.50+0.10
2.10±0.10
ΦA
ΦB
ΦC
W
T
178±2.0
60±0.5
13±0.3
9+0.3
11.4±1.0


Similar Part No. - ACM-31-121

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
ACM-3225 TDK-ACM-3225 Datasheet
90Kb / 4P
   Common Mode Choke Colls for Signal Line
More results

Similar Description - ACM-31-121

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ACM-21 ABRACON-ACM-21 Datasheet
1Mb / 5P
   Chip Wire Wound Common Mode Choke
01.27.14
logo
Delta Electronics, Inc.
HCMC0805-670MFS DELTA-HCMC0805-670MFS Datasheet
214Kb / 2P
   WIRE- WOUND COMMON MODE CHOKE
logo
WALSIN TECHNOLOGY CORPO...
WTCF2012 WALSIN-WTCF2012 Datasheet
263Kb / 6P
   Wire wound type common mode choke
logo
Murata Manufacturing Co...
DLW21SN900SQ2L MURATA-DLW21SN900SQ2L Datasheet
100Kb / 2P
   Common Mode Choke Coil Wire Wound Type
logo
Abracon Corporation
ACM-21H ABRACON-ACM-21H Datasheet
1Mb / 4P
   Wire Wound Common Mode Choke for HDMI
02.19.14
logo
Cyntec Co., Ltd.
CYNVF-172-001 CYNTEC-CYNVF-172-001 Datasheet
947Kb / 6P
   Wire-wound Common Mode Choke VFB4532 Series
logo
Murata Manufacturing Co...
DLW21HN900SQ2L MURATA-DLW21HN900SQ2L Datasheet
83Kb / 2P
   Common Mode Choke Coil Wire Wound Type
logo
Abracon Corporation
ACM-21U ABRACON-ACM-21U Datasheet
1Mb / 4P
   Wire Wound Common Mode Choke for USB3.0
02.20.14
logo
Cyntec Co., Ltd.
CYNVF-19Z-005 CYNTEC-CYNVF-19Z-005 Datasheet
970Kb / 6P
   Wire-wound Common Mode Choke VFB3225 Series
CYNVF-196-003 CYNTEC-CYNVF-196-003 Datasheet
1Mb / 6P
   Wire-wound Common Mode Choke VFB4532 V Series
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com