Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K10106ETRU Datasheet(PDF) 5 Page - COSMO Electronics Corporation

Part # K10106ETRU
Description  4PIN PHOTOTRANSISTOR PHOTOCOUPLER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

K10106ETRU Datasheet(HTML) 5 Page - COSMO Electronics Corporation

  K10106ETRU Datasheet HTML 1Page - COSMO  Electronics Corporation K10106ETRU Datasheet HTML 2Page - COSMO  Electronics Corporation K10106ETRU Datasheet HTML 3Page - COSMO  Electronics Corporation K10106ETRU Datasheet HTML 4Page - COSMO  Electronics Corporation K10106ETRU Datasheet HTML 5Page - COSMO  Electronics Corporation K10106ETRU Datasheet HTML 6Page - COSMO  Electronics Corporation K10106ETRU Datasheet HTML 7Page - COSMO  Electronics Corporation K10106ETRU Datasheet HTML 8Page - COSMO  Electronics Corporation K10106ETRU Datasheet HTML 9Page - COSMO  Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Cosmo Electronics Corp.
Document No. 69P00001.3
- 5 -
http://www.cosmo-ic.com
cosmo
K1010 Series
4PIN PHOTOTRANSISTOR
PHOTOCOUPLER
Fig.6 Collector Current
Fig.7 Relative Current Transfer Ratio
vs. Collector-Emitter Voltage
vs. Ambient Temperature
0
0
1
5
10
2
3
4
6
5
7
5mA
9
8
20mA
I =30mA
20
15
25
30
Ta=25°
10mA
C
F
-55
0
-25
50
25
50
115
75
I =5mA
V
=5V
150
100
0
F
CE
Collector-Emitter Voltage VCE (V)
Ambient Temperature Ta (℃)
Fig.8 Collector-Emitter Saturation Voltage
Fig.9 Collector-Emitter Saturation
vs. Ambient Temperature
Voltage vs. Forward Current
0
-55
0
50
25
75
115
Ic=1mA
0.02
0.04
0.06
0.10
0.08
0.12
0.16
0.14
I =20mA
F
0
5
0
10
1
2
3
5
4
6
7
C
Ta=25°
Ic=7mA
Ic=5mA
Ic=3mA
Ic=1mA
Ic=0.5mA
Ambient Temperature Ta (℃)
Forward Current IF (mA)
Fig.10 Response Time (Rise)
Fig.11 Response Time (Fall)
vs. Load Resistance
vs. Load Resistance
10
1
0.1
tr
0.5
0.2
0.1
1
2
5
10
20
100
50
Ic=2mA
V
=2V
Ta=25°C
CE
10
0.1
1
0.1
0.2
1
0.5
5
2
20
10
Ta=25°
Ic=2mA
V
=2V
100
50
C
tf
CE
Load Resistance RL (KΩ)
Load Resistance RL (KΩ)


Similar Part No. - K10106ETRU

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
K10106E COSMO-K10106E Datasheet
123Kb / 6P
   High Reliability Photocoupler
More results

Similar Description - K10106ETRU

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KP1210 COSMO-KP1210_15 Datasheet
291Kb / 11P
   4PIN PHOTOTRANSISTOR PHOTOCOUPLER
K3010 COSMO-K3010_15 Datasheet
302Kb / 11P
   4PIN PHOTOTRANSISTOR PHOTOCOUPLER
KT1600 COSMO-KT1600_16 Datasheet
348Kb / 10P
   4PIN LSOP PHOTOTRANSISTOR PHOTOCOUPLER
KT1300 COSMO-KT1300_16 Datasheet
225Kb / 10P
   4PIN LSOP PHOTOTRANSISTOR PHOTOCOUPLER
KPS2801 COSMO-KPS2801_15 Datasheet
219Kb / 10P
   4PIN SSOP PHOTOTRANSISTOR PHOTOCOUPLER
KT1610 COSMO-KT1610_16 Datasheet
182Kb / 10P
   4PIN LSOP PHOTOTRANSISTOR PHOTOCOUPLER
KT1310 COSMO-KT1310_16 Datasheet
225Kb / 10P
   4PIN LSOP PHOTOTRANSISTOR PHOTOCOUPLER
KPS2805 COSMO-KPS2805_15 Datasheet
230Kb / 10P
   4PIN SSOP PHOTOTRANSISTOR PHOTOCOUPLER
KT101X COSMO-KT101X_16 Datasheet
178Kb / 10P
   4PIN LSOP PHOTOTRANSISTOR PHOTOCOUPLER
KT1000 COSMO-KT1000_16 Datasheet
177Kb / 10P
   4PIN LSOP PHOTOTRANSISTOR PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com