Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KAQY214TRU Datasheet(PDF) 2 Page - COSMO Electronics Corporation

Part # KAQY214TRU
Description  4PIN 400V N.O TYPE SOLID STATE RELAY-MOSFET Output
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KAQY214TRU Datasheet(HTML) 2 Page - COSMO Electronics Corporation

  KAQY214TRU Datasheet HTML 1Page - COSMO  Electronics Corporation KAQY214TRU Datasheet HTML 2Page - COSMO  Electronics Corporation KAQY214TRU Datasheet HTML 3Page - COSMO  Electronics Corporation KAQY214TRU Datasheet HTML 4Page - COSMO  Electronics Corporation KAQY214TRU Datasheet HTML 5Page - COSMO  Electronics Corporation KAQY214TRU Datasheet HTML 6Page - COSMO  Electronics Corporation KAQY214TRU Datasheet HTML 7Page - COSMO  Electronics Corporation KAQY214TRU Datasheet HTML 8Page - COSMO  Electronics Corporation KAQY214TRU Datasheet HTML 9Page - COSMO  Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Cosmo Electronics Corp.
Document No. 69M00005.5
- 2 -
http://www.cosmo-ic.com
cosmo
KAQY214 Series
4PIN 400V N.O TYPE
SOLID STATE RELAY-MOSFET Output
 Outside Dimension
Unit:mm
13.00°
0.25
13.00°
1.20
0.50
2.54
7.62
6.50
4.60
KAQY214
10.00±0.4
1.00
1.20
2.54
6.50
7.62
0
~10°
4.60
TOLERANCE
±0.2mm
KAQY214A
0.50±0.3
0.40
6.8±0.4
2.54
4.40
4.60
KAQY214S
1. Dual-in-line type.
2. Surface mount type.
3. Small outline for
surface mount type.
 Device Marking
cosmo
Y214
YWW
Notes:
cosmo
Y214□
□:Pin forming
YWW
Y:Year code / W:Week code


Similar Part No. - KAQY214TRU

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KAQY214 COSMO-KAQY214 Datasheet
820Kb / 7P
   PRODUCT SPECIFICATION
KAQY214 COSMO-KAQY214 Datasheet
400Kb / 2P
   HIGH VOLTAGE SOLID STATE RELAY - MOSFET OUTPUT
KAQY214A COSMO-KAQY214A Datasheet
166Kb / 7P
   PRODUCT SPECIFICATION
KAQY214H COSMO-KAQY214H Datasheet
196Kb / 7P
   SOLID STATE RELAY - MOSFET OUTPUT
KAQY214HA COSMO-KAQY214HA Datasheet
161Kb / 7P
   PRODUCT SPECIFICATION
More results

Similar Description - KAQY214TRU

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KAQY210 COSMO-KAQY210_15 Datasheet
256Kb / 12P
   4PIN 350V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQY213 COSMO-KAQY213 Datasheet
485Kb / 12P
   4PIN 250V N.O TYPE SOLID STATE RELAY-MOSFET Output
KAQY212 COSMO-KAQY212_15 Datasheet
264Kb / 12P
   4PIN 60V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQY216 COSMO-KAQY216_15 Datasheet
255Kb / 12P
   4PIN 600V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KCP1008 COSMO-KCP1008_15 Datasheet
209Kb / 11P
   4PIN 100V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQY216 COSMO-KAQY216 Datasheet
473Kb / 12P
   4PIN 600V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KCP1017 COSMO-KCP1017_15 Datasheet
217Kb / 11P
   4PIN 60V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQY212SE COSMO-KAQY212SE_15 Datasheet
204Kb / 12P
   4PIN 60V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQY213 COSMO-KAQY213_15 Datasheet
267Kb / 12P
   4PIN 250V N.O TYPE SOLID STATE RELAY-MOSFET Output
KAQY217 COSMO-KAQY217_15 Datasheet
254Kb / 12P
   4PIN 200V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com