Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

N Datasheet(PDF) 1 Page - MTRONPTI

Part # N
Description  In-Line Style Bandpass Filter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MTRONPTI [MTRONPTI]
Direct Link  http://www.mtronpti.com
Logo MTRONPTI - MTRONPTI

N Datasheet(HTML) 1 Page - MTRONPTI

  N Datasheet HTML 1Page - MTRONPTI N Datasheet HTML 2Page - MTRONPTI  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
N Series
In-Line Style Bandpass Filter
PC mountable or connector. Small size with better isolation
and complexity.
Standard Parameters
Special Parameters
Comments
Frequency Range
70 to 1500 MHz
30 to 2000 MHz
Percentage
Bandwidth
1 to 100%
0.5 to 200%
Maximum VSWR
1.5:1
1.2:1
Average Input
Power
1 Watt
Up to 5 Watts
Measured up to 10,000 feet
Phase Linearity
± 5°
± 2°
Phase Matching
± 2°
± 1°
Maximum
Attenuation
Up to 50 dBc
Up to 65 dBc
Topology
Chebychev
*Consult Factory
Nominal
Impedance
50 Ohms
**Consult Factory
Number of
Sections
7
10
Shock
5 G's
Up to 500 G's
See Below
Vibration
5 G's
Up to 500 G's
See Below
Humidity
90%, non-condensing
Up to 100%, non-condensing
See Below
Alititude
Unlimited
Unlimited
See Below
Operating
Temperature
0 to +50 °Celsius
-55 to +125 °Celsius
See Below
Storage
Temperature
-55 to +85 °Celsius
-65 to +150 °Celsius
See Below
Gross Leak
As required
As required
Additional testing charges will apply
Fine Leak
As required
As required
Additional testing charges will apply
Moisure
Resistance
100%
100%
Dimensions
Mounting Options
PC Mount
Connectorized
Gross and Fine Leak do not apply to
connectorized parts.
SMA Female or Male
Overview
Conne
ctor
http://www.mtronpti.com/products/Filter/Bandpass/n-series-in-line-style-bandpass


Similar Description - N

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
K MTRONPTI-K Datasheet
276Kb / 2P
   Box Style Bandpass Filter
logo
Anaren Microwave
10014-30 ANAREN-10014-30_14 Datasheet
169Kb / 4P
   Directional Couplers In-Line Style
10013-10 ANAREN-10013-10_14 Datasheet
140Kb / 4P
   Directional Couplers In-Line Style
10010-10 ANAREN-10010-10 Datasheet
483Kb / 3P
   Directional Couplers In-Line Style
10013-20 ANAREN-10013-20 Datasheet
458Kb / 3P
   Directional Couplers In-Line Style
10012-20 ANAREN-10012-20_14 Datasheet
127Kb / 4P
   Directional Couplers In-Line Style
10014-30 ANAREN-10014-30 Datasheet
163Kb / 3P
   Directional Couplers In-Line Style
logo
Pulse A Technitrol Comp...
Z-200SM PULSE-Z-200SM Datasheet
322Kb / 2P
   In-Line Filter
logo
Tyco Electronics
15SRBX8 MACOM-15SRBX8 Datasheet
663Kb / 4P
   CORCOM SRB Series Power Line Filter with Slide-in Mounting Style
logo
Bothhand USA, LP.
513090688000 BOTHHAND-513090688000_1 Datasheet
235Kb / 1P
   VDSL IN-LINE FILTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com