Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALFT-09V-202 Datasheet(PDF) 2 Page - Abracon Corporation

Part # ALFT-09V-202
Description  Common Mode Line Filter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ALFT-09V-202 Datasheet(HTML) 2 Page - Abracon Corporation

  ALFT-09V-202 Datasheet HTML 1Page - Abracon Corporation ALFT-09V-202 Datasheet HTML 2Page - Abracon Corporation ALFT-09V-202 Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ALFT-09V
Pb
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001:2008
CERTIFIED
30332Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
Revised: 01.02.14
Visit www.abracon.com for Terms & Conditions of Sale
Common Mode Line Filter
16.5 x 11.5 x 17.0mm
RoHS/RoHS II Compliant
OUTLINE DRAWING:
ALFT-09V-501
ALFT-09V-202
ALFT-09V-102
ALFT-09V-103
Dimensions: mm
A
B
C
D
E
F
11.5 max
16.5 max
17.0 max
5.0 ±1.0
7.0 ±0.5
8.0 ±0.5
0.6 ±0.05


Similar Part No. - ALFT-09V-202

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ALFT-03A ABRACON-ALFT-03A Datasheet
931Kb / 2P
   AC Line Filters Common Mode Choke Coil
02.06.15
ALFT-03A-1 ABRACON-ALFT-03A-1 Datasheet
931Kb / 2P
   AC Line Filters Common Mode Choke Coil
02.06.15
ALFT-03A-10 ABRACON-ALFT-03A-10 Datasheet
931Kb / 2P
   AC Line Filters Common Mode Choke Coil
02.06.15
ALFT-03A-11 ABRACON-ALFT-03A-11 Datasheet
931Kb / 2P
   AC Line Filters Common Mode Choke Coil
02.06.15
ALFT-03A-12 ABRACON-ALFT-03A-12 Datasheet
931Kb / 2P
   AC Line Filters Common Mode Choke Coil
02.06.15
More results

Similar Description - ALFT-09V-202

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XF0056-CMC125 XFMRS-XF0056-CMC125 Datasheet
51Kb / 1P
   COMMON MODE LINE FILTER
logo
Accetek Electronics (Sh...
2CA ACCETEK-2CA Datasheet
313Kb / 4P
   Common Mode Line Filter
logo
XFMRS Inc.
XF0474-CMC125 XFMRS-XF0474-CMC125 Datasheet
51Kb / 1P
   COMMON MODE LINE FILTER
logo
Abracon Corporation
ALFT-04 ABRACON-ALFT-04 Datasheet
819Kb / 2P
   Common Mode Line Filter
03.12.14
logo
XFMRS Inc.
XF2506-CMC12 XFMRS-XF2506-CMC12 Datasheet
262Kb / 2P
   COMMON MODE SMD LINE FILTER
logo
PCA ELECTRONICS INC.
EPA120 PCA-EPA120 Datasheet
54Kb / 1P
   4 Line Common Mode Filter
logo
Semtech Corporation
ECLAMP8052P SEMTECH-ECLAMP8052P Datasheet
896Kb / 9P
   2-Line Common Mode Filter
logo
PCA ELECTRONICS INC.
EPA120-A120G PCA-EPA120-A120G_15 Datasheet
58Kb / 1P
   4 Line Common Mode Filter
logo
List of Unclassifed Man...
CM608301M80R ETC2-CM608301M80R Datasheet
215Kb / 2P
   COMMON MODE CHOKES / LINE FILTER BALUM
logo
Wurth Elektronik GmbH &...
744227S WURTH-744227S Datasheet
171Kb / 2P
   COMMON MODE SMD LINE FILTER WE-SL2
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com