Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD82C55A Datasheet(PDF) 1 Page - Harris Corporation

Part # CD82C55A
Description  CMOS Programmable Peripheral Interface
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

CD82C55A Datasheet(HTML) 1 Page - Harris Corporation

  CD82C55A Datasheet HTML 1Page - Harris Corporation CD82C55A Datasheet HTML 2Page - Harris Corporation CD82C55A Datasheet HTML 3Page - Harris Corporation CD82C55A Datasheet HTML 4Page - Harris Corporation CD82C55A Datasheet HTML 5Page - Harris Corporation CD82C55A Datasheet HTML 6Page - Harris Corporation CD82C55A Datasheet HTML 7Page - Harris Corporation CD82C55A Datasheet HTML 8Page - Harris Corporation CD82C55A Datasheet HTML 9Page - Harris Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
1
Semiconductor
June 1998
82C55A
CMOS Programmable
Peripheral Interface
Features
• Pin Compatible with NMOS 8255A
• 24 Programmable I/O Pins
• Fully TTL Compatible
• High Speed, No “Wait State” Operation with 5MHz and
8MHz 80C86 and 80C88
• Direct Bit Set/Reset Capability
• Enhanced Control Word Read Capability
• L7 Process
• 2.5mA Drive Capability on All I/O Ports
• Low Standby Power (ICCSB) . . . . . . . . . . . . . . . . .10
µA
Description
The Harris 82C55A is a high performance CMOS version of
the industry standard 8255A and is manufactured using a
self-aligned silicon gate CMOS process (Scaled SAJI IV). It
is a general purpose programmable I/O device which may be
used with many different microprocessors. There are 24 I/O
pins which may be individually programmed in 2 groups of
12 and used in 3 major modes of operation. The high
performance and industry standard configuration of the
82C55A make it compatible with the 80C86, 80C88 and
other microprocessors.
Static CMOS circuit design insures low operating power. TTL
compatibility over the full military temperature range and bus
hold circuitry eliminate the need for pull-up resistors. The
Harris advanced SAJI process results in performance equal
to or greater than existing functionally equivalent products at
a fraction of the power.
Ordering Information
PART NUMBERS
PACKAGE
TEMPERATURE
RANGE
PKG.
NO.
5MHz
8MHz
CP82C55A-5
CP82C55A
40 Ld PDIP
0oC to 70oC
E40.6
IP82C55A-5
IP82C55A
-40oC to 85oC
E40.6
CS82C55A-5
CS82C55A
44 Ld PLCC
0oC to 70oC
N44.65
IS82C55A-5
IS82C55A
-40oC to 85oC
N44.65
CD82C55A-5
CD82C55A
40 Ld
CERDIP
0oC to 70oC
F40.6
ID82C55A-5
ID82C55A
-40oC to 85oC
F40.6
MD82C55A-5/B MD82C55A/B
-55oC to 125oC
F40.6
8406601QA
8406602QA
SMD#
F40.6
MR82C55A-5/B MR82C55A/B
44 Pad
CLCC
-55oC to 125oC
J44.A
8406601XA
8406602XA
SMD#
J44.A
Pinouts
82C55A (DIP)
TOP VIEW
82C55A (CLCC)
TOP VIEW
82C55A (PLCC)
TOP VIEW
PA3
PA2
PA1
PA0
RD
CS
GND
A1
A0
PC7
PC6
PC5
PC4
PC0
PC1
PC2
PC3
PB0
PB1
PB2
PA4
PA5
PA6
PA7
WR
RESET
D0
D1
D2
D3
D4
D5
D6
D7
VCC
PB7
PB6
PB5
PB4
PB3
13
1
2
3
4
5
6
7
8
9
10
11
12
14
15
16
17
18
19
20
28
40
39
38
37
36
35
34
33
32
31
30
29
27
26
25
24
23
22
21
40
65
3
2
1 44 43 42 41
4
9
10
11
8
7
12
13
17
16
15
14
39
38
37
36
35
34
33
32
31
30
29
18 19 20 21 22 23 24 25 26 27 28
GND
NC
A1
A0
PC7
PC6
PC5
PC4
PC0
PC1
PC2
NC
RESET
D0
D1
D2
D3
D4
D5
D6
D7
NC
CS
GND
A1
A0
PC7
PC6
PC5
PC4
PC0
PC1
NC
RESET
D0
D1
D2
D3
D4
D5
D6
D7
VCC
NC
44 43 42 41 40
39
38
37
36
35
34
33
32
31
30
29
28
27
1
2
3
4
5
6
26
25
24
23
22
21
20
19
18
7
8
9
10
11
12
13
14
15
16
17
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
Copyright
© Harris Corporation 1998
File Number
2969.2


Similar Part No. - CD82C55A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CD82C55A INTERSIL-CD82C55A Datasheet
233Kb / 26P
   CMOS Programmable Peripheral Interface
June 1998
CD82C55A-5 INTERSIL-CD82C55A-5 Datasheet
233Kb / 26P
   CMOS Programmable Peripheral Interface
June 1998
More results

Similar Description - CD82C55A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP82C255A TOSHIBA-TMP82C255A Datasheet
682Kb / 32P
   CMOS PROGRAMMABLE PERIPHERAL INTERFACE
logo
Intersil Corporation
CS82C55AZ96 INTERSIL-CS82C55AZ96 Datasheet
560Kb / 29P
   CMOS Programmable Peripheral Interface
MS82C55A INTERSIL-MS82C55A_06 Datasheet
500Kb / 26P
   CMOS Programmable Peripheral Interface
MS82C55A INTERSIL-MS82C55A Datasheet
502Kb / 24P
   CMOS Programmable Peripheral Interface
logo
List of Unclassifed Man...
SMC82C55AC-5 ETC1-SMC82C55AC-5 Datasheet
293Kb / 6P
   CMOS PROGRAMMABLE PERIPHERAL INTERFACE
logo
Wing Shing Computer Com...
WS82C55A WINGS-WS82C55A Datasheet
457Kb / 25P
   CMOS Programmable peripheral Interface
logo
Intersil Corporation
82C55A INTERSIL-82C55A_06 Datasheet
554Kb / 29P
   CMOS Programmable Peripheral Interface
logo
Renesas Technology Corp
MS82C55A RENESAS-MS82C55A Datasheet
1Mb / 26P
   CMOS Programmable Peripheral Interface
logo
Intersil Corporation
82C55A INTERSIL-82C55A Datasheet
233Kb / 26P
   CMOS Programmable Peripheral Interface
June 1998
logo
Renesas Technology Corp
82C55A RENESAS-82C55A Datasheet
818Kb / 30P
   CMOS Programmable Peripheral Interface
Dec 8, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com