Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G10 Datasheet(PDF) 2 Page - XP Power Limited

Part # G10
Description  ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

G10 Datasheet(HTML) 2 Page - XP Power Limited

  G10 Datasheet HTML 1Page - XP Power Limited G10 Datasheet HTML 2Page - XP Power Limited G10 Datasheet HTML 3Page - XP Power Limited G10 Datasheet HTML 4Page - XP Power Limited G10 Datasheet HTML 5Page - XP Power Limited G10 Datasheet HTML 6Page - XP Power Limited G10 Datasheet HTML 7Page - XP Power Limited G10 Datasheet HTML 8Page - XP Power Limited G10 Datasheet HTML 9Page - XP Power Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
REVERSIBLE
MODEL
OUTPUT
VOLTAGE*2
DUAL OUTPUT
(CENTER TAP)
MODEL*4
OUTPUT
VOLTAGE*2
OUTPUT
CURRENT*1
INPUT
CURRENT
(NO LOAD)
INPUT
CURRENT
(FULL LOAD)
RIPPLE*5
G01
0 to 100V
G01CT
0 to +/- 50V
15mA
<100mA
<250mA
<1.75%
G02
0 to 200V
G02CT
0 to +/- 100V
7.5mA
<100mA
<250mA
<0.75%
G03
0 to 300V
G03CT
0 to +/- 150V
5mA
<100mA
<250mA
<0.75%
G04
0 to 400V
G04CT
0 to +/- 200V
3.75mA
<100mA
<250mA
<0.75%
G05
0 to 500V
G05CT
0 to +/- 250V
3mA
<100mA
<250mA
<0.1%
G06
0 to 600V
G06CT
0 to +/- 300V
2.5mA
<100mA
<250mA
<0.1%
G10
0 to 1kV
G10CT
0 to +/- 500V
1.5mA
<100mA
<250mA
<0.1%
G12
0 to 1.2kV
G12CT
0 to +/- 600V
1.25mA
<150mA
<275mA
<0.1%
G15
0 to 1.5kV
G15CT
0 to +/- 750V
1.0mA
<125mA
<275mA
<0.5%
G20
0 to 2kV
G20CT
0 to +/- 1kV
0.75mA
<165mA
<275mA
<0.5%
G25
0 to 2.5kV
G25CT
0 to +/- 1.25kV
0.60mA
<125mA
<275mA
<1.0%
G30
0 to 3kV
G30CT
0 to +/- 1.5kV
0.50mA
<125mA
<300mA
<2.0%
G40
0 to 4kV
G40CT
0 to +/- 2kV
0.37mA
<125mA
<300mA
<1.0%
G50
0 to 5kV
G50CT
0 to +/- 2.5kV
0.30mA
<125mA
<300mA
<2.0%
G60
0 to 6kV
G60CT
0 to +/- 3kV
0.25mA
<125mA
<300mA
<2.0%
GPMT
0 to 1.25kV
350uA
<35mA
<75mA
<0.05%
4726BH01
PAGE 2
WWW.XPPOWER.COM
ELECTRICAL SPECIFICATIONS*
3
G SERIES


Similar Part No. - G10

ManufacturerPart #DatasheetDescription
logo
Powerbox
G10 POWERBOX-G10 Datasheet
503Kb / 1P
   5WATTS SINGLE OUTPUT DC/DC INDUSTRIAL
logo
Virginia Panel Corporat...
G10 VPC-G10 Datasheet
1Mb / 2P
   Receiver, G18, 18 Module, with Slide Mounting Kit (slide kit required)
logo
Shenzhen Taychipst Elec...
G10 TAYCHIPST-G10 Datasheet
1Mb / 3P
   Silicon Z?밆iodes
logo
TDK Electronics
G10-100 TDK-G10-100 Datasheet
85Kb / 2P
   Programmable Power Supplies
May 03, 2022
G10-170 TDK-G10-170 Datasheet
118Kb / 2P
   Programmable Power Supplies
More results

Similar Description - G10

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
AG01 XPPOWER-AG01 Datasheet
907Kb / 10P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
GP01 XPPOWER-GP01 Datasheet
568Kb / 6P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
E02 XPPOWER-E02 Datasheet
581Kb / 7P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
F02 XPPOWER-F02 Datasheet
622Kb / 6P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
FS02 XPPOWER-FS02 Datasheet
685Kb / 9P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
AH01 XPPOWER-AH01 Datasheet
1Mb / 10P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
QH01 XPPOWER-QH01 Datasheet
1Mb / 14P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
logo
Bel Fuse Inc.
GPBW52V04 BEL-GPBW52V04 Datasheet
470Kb / 8P
   BOLERO HV DC/DC CONVERTERS
GPBR52V04A BEL-GPBR52V04A Datasheet
1Mb / 9P
   BOLERO HV DC/DC CONVERTERS
GPBW24V0 BEL-GPBW24V0_11 Datasheet
1Mb / 8P
   BOLERO HV DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com