Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC14568B Datasheet(PDF) 7 Page - Motorola, Inc

Part # MC14568B
Description  Phase Comparator and Programmable Counters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC14568B Datasheet(HTML) 7 Page - Motorola, Inc

Back Button MC14568B Datasheet HTML 3Page - Motorola, Inc MC14568B Datasheet HTML 4Page - Motorola, Inc MC14568B Datasheet HTML 5Page - Motorola, Inc MC14568B Datasheet HTML 6Page - Motorola, Inc MC14568B Datasheet HTML 7Page - Motorola, Inc MC14568B Datasheet HTML 8Page - Motorola, Inc MC14568B Datasheet HTML 9Page - Motorola, Inc MC14568B Datasheet HTML 10Page - Motorola, Inc MC14568B Datasheet HTML 11Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
MOTOROLA CMOS LOGIC DATA
7
MC14568B
OPERATING CHARACTERISTICS
The MC14568B contains a phase comparator, a fixed
divider (
÷ 4, ÷ 16, ÷ 64, ÷ 100) and a programmable divide–
by–N 4–bit counter.
PHASE COMPARATOR
The phase comparator is a positive edge controlled logic
circuit. It essentially consists of four flip–flops and an output
pair of MOS transistors. Only one of its inputs (PCin, pin 14)
is accessible externally. The second is connected to the out-
put of one of the two counters D1 or D2 (see block diagram).
Duty cycles of both input signals (at A and B) need not be
taken into consideration since the comparator responds to
leading edges only.
If both input signals have identical frequencies but different
phases, with signal A (pin 14) leading signal B (Ref.), the
comparator output will be high for the time equal to the
phased difference.
If signal A lags signal B, the output will be low for the same
time. In between, the output will be in a three–state condition
and the voltage on the capacitor of an RC filter normally con-
nected at this point will have some intermediate value (see
Figure 4). When used in a phase locked loop, this value will
adjust the Voltage Controlled Oscillator frequency by reduc-
ing the phase difference between the reference signal and
the divided VCO frequency to zero.
Figure 4. Phase Comparator Waveforms
A (PCin)
B (REF.)
PCout
LD
VDD
VSS
VOH
VOL
VOH
VOL
VOH
VOL
1/f
If the input signals have different frequencies, the output
signal will be high when signal B has a lower frequency than
signal A, and low otherwise.
Under the same conditions of frequency difference, the
output will vary between VOH (or VOL) and some intermedi-
ate value until the frequencies of both signals are equal and
their phase difference equal to zero, i.e. until locked condition
is obtained.
Capture and lock range will be determined by the VCO fre-
quency range. The comparator is provided with a lock indi-
cator output, which will stay at logic 1 in locked conditions.
The state diagram (Figure 5) depicts the internal state
transitions. It assumes that only one transition on either sig-
nal occurs at any time. It shows that a change of the output
state is always associated with a positive transition of either
signal. For a negative transition, the output does not change
state. A positive transition may not cause the output to
change, this happens when the signals have different fre-
quencies.
DIVIDE BY 4, 16, 64 OR 100 COUNTER (D1)
This counter is able to work at an input frequency of 5 MHz
for a VDD value of 10 volts over the standard temperature
range when dividing by 4, 64 and 100. Programming is ac-
complished by use of inputs F and G (pins 10 and 11) ac-
cording to the truth table shown. Connecting the Control
input (CTL, pin 15), to VDD allows cascading this counter with
the programmable divide–by–N counter provided in the
same package. Independent operation is obtained when the
Control input is connected to VSS.
The different division ratios have been chosen to generate
the reference frequencies corresponding to the channel
spacings normally required in frequency synthesizer applica-
tions. For example. with the division ratio 100 and a 5 MHz
crystal stabilized source a reference frequency of 50 kHz is
supplied to the comparator. The lower division ratios permit
operation with low frequency crystals.
Figure 5. Phase Comparator State Diagram
00
11
10
01
00
11
01
10
00
11
10
01
INPUT STATE
PCout
LD
(LOCK DETECT)
0
0
3–STATE
OUTPUT DISCONNECTED
1
1
0
X X
A
B


Similar Part No. - MC14568B

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC14568 FREESCALE-MC14568 Datasheet
201Kb / 11P
   Low-Power CMOS Ionization Smoke Detector with Interconnect and Timer
More results

Similar Description - MC14568B

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
ICM7240 MAXIM-ICM7240 Datasheet
349Kb / 8P
   Fixed And Programmable Timer/Counters
logo
Motorola, Inc
MC4316 MOTOROLA-MC4316 Datasheet
1Mb / 21P
   PROGRAMMABLE MODULO- N COUNTERS
logo
Toshiba Semiconductor
TC5081AP TOSHIBA-TC5081AP Datasheet
68Kb / 4P
   PHASE COMPARATOR
TC5081BP TOSHIBA-TC5081BP Datasheet
178Kb / 6P
   PHASE COMPARATOR
logo
National Semiconductor ...
MM54C932 NSC-MM54C932 Datasheet
121Kb / 6P
   Phase Comparator
DM7556 NSC-DM7556 Datasheet
155Kb / 8P
   TRI-STATE Programmable Binary Counters
logo
STMicroelectronics
HCC40160B-40161B STMICROELECTRONICS-HCC40160B-40161B Datasheet
320Kb / 15P
   SYNCHRONOUS PROGRAMMABLE 4-BIT COUNTERS
HCC40160B STMICROELECTRONICS-HCC40160B Datasheet
310Kb / 15P
   SYNCHRONOUS PROGRAMMABLE 4-BIT COUNTERS
logo
National Semiconductor ...
LP265 NSC-LP265 Datasheet
209Kb / 10P
   Micropower Programmable Quad Comparator
logo
Intersil Corporation
CD40160BMS INTERSIL-CD40160BMS Datasheet
156Kb / 13P
   CMOS Synchronous Programmable 4-Bit Counters
December 1992
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com