Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC14568B Datasheet(PDF) 8 Page - Motorola, Inc

Part # MC14568B
Description  Phase Comparator and Programmable Counters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC14568B Datasheet(HTML) 8 Page - Motorola, Inc

Back Button MC14568B Datasheet HTML 4Page - Motorola, Inc MC14568B Datasheet HTML 5Page - Motorola, Inc MC14568B Datasheet HTML 6Page - Motorola, Inc MC14568B Datasheet HTML 7Page - Motorola, Inc MC14568B Datasheet HTML 8Page - Motorola, Inc MC14568B Datasheet HTML 9Page - Motorola, Inc MC14568B Datasheet HTML 10Page - Motorola, Inc MC14568B Datasheet HTML 11Page - Motorola, Inc MC14568B Datasheet HTML 12Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
MOTOROLA CMOS LOGIC DATA
MC14568B
8
If used in cascade with the programmable divide–by–N
counter, practically all usual reference frequencies, or chan-
nel spacings of 25, 20, 12.5, 10, 6.25 kHz, etc. are easily
achievable.
PROGRAMMABLE DIVIDE–BY–N
4–BIT COUNTER (D2)
This counter is programmable by using inputs DP0 ... DP3
(pins 7 ... 4). The Preset Enable input enables the parallel
preset inputs DP0... DP3. The “0” output must be externally
connected to the PE input for single stage applications.
Since there is not a cascade feedback input, this counter,
when cascaded, must be used as the most significant digit.
Because of this, it can be cascaded with binary counters as
well as with BCD counters (MC14569B, MC14522B,
MC14526B).
TYPICAL APPLICATIONS
Figure 6. Cascading MC14568B and MC14522B or MC14526B with MC14569B
fin
CF
C
MC14569B
ZERO DETECT
CF
C
MC14522B
OR
MC14526B
Q4
PE
“0”
CF
C
MC14522B
OR
MC14526B
Q4
PE
“0”
Q1/C2
PE
“0”
MC14568B
LSD
MSD
fout
DP0 – – – – – – DP3
DP0 – – – – – – DP3
DP0 – – – – – – DP3
Figure 7. Frequency Synthesizer with MC14568B and MC14569B Using a Mixer
(Channel Spacing 10 kHz)
Frequencies shown in parenthesis are given as an example.
(40 kHz)
VSS
PE
DP0 – – – – DP3
PCin
C1
CTI
“0”
PCout
G
F
Q1/C2
VSS
VSS
VCO
fout
(144 – 146 MHz)
VDD
MC14011
CF
Q
ZERO DETECT
C
CRYSTAL
OSCILLATOR
2 k
2M
MC14568B
MC14569B
MIXER
(143.5 MHz)


Similar Part No. - MC14568B

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC14568 FREESCALE-MC14568 Datasheet
201Kb / 11P
   Low-Power CMOS Ionization Smoke Detector with Interconnect and Timer
More results

Similar Description - MC14568B

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
ICM7240 MAXIM-ICM7240 Datasheet
349Kb / 8P
   Fixed And Programmable Timer/Counters
logo
Motorola, Inc
MC4316 MOTOROLA-MC4316 Datasheet
1Mb / 21P
   PROGRAMMABLE MODULO- N COUNTERS
logo
Toshiba Semiconductor
TC5081AP TOSHIBA-TC5081AP Datasheet
68Kb / 4P
   PHASE COMPARATOR
TC5081BP TOSHIBA-TC5081BP Datasheet
178Kb / 6P
   PHASE COMPARATOR
logo
National Semiconductor ...
MM54C932 NSC-MM54C932 Datasheet
121Kb / 6P
   Phase Comparator
DM7556 NSC-DM7556 Datasheet
155Kb / 8P
   TRI-STATE Programmable Binary Counters
logo
STMicroelectronics
HCC40160B-40161B STMICROELECTRONICS-HCC40160B-40161B Datasheet
320Kb / 15P
   SYNCHRONOUS PROGRAMMABLE 4-BIT COUNTERS
HCC40160B STMICROELECTRONICS-HCC40160B Datasheet
310Kb / 15P
   SYNCHRONOUS PROGRAMMABLE 4-BIT COUNTERS
logo
National Semiconductor ...
LP265 NSC-LP265 Datasheet
209Kb / 10P
   Micropower Programmable Quad Comparator
logo
Intersil Corporation
CD40160BMS INTERSIL-CD40160BMS Datasheet
156Kb / 13P
   CMOS Synchronous Programmable 4-Bit Counters
December 1992
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com