Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCX18LT1G Datasheet(PDF) 3 Page - ON Semiconductor

Part # BCX18LT1G
Description  General Purpose Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BCX18LT1G Datasheet(HTML) 3 Page - ON Semiconductor

  BCX18LT1G Datasheet HTML 1Page - ON Semiconductor BCX18LT1G Datasheet HTML 2Page - ON Semiconductor BCX18LT1G Datasheet HTML 3Page - ON Semiconductor BCX18LT1G Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BCX17LT1G, PNP BCX18LT1G, PNP BCX19LT1G, NPN SBCX19LT1G, NPN
www.onsemi.com
3
IC, COLLECTOR CURRENT (mA)
Figure 1. DC Current Gain
1000
10
1000
0.1
10
100
100
1.0
VCE = 1 V
TJ = 25°C
IB, BASE CURRENT (mA)
Figure 2. Saturation Region
IC, COLLECTOR CURRENT (mA)
Figure 3. “On” Voltages
100
10
1
VR, REVERSE VOLTAGE (VOLTS)
Figure 4. Temperature Coefficients
+1
IC, COLLECTOR CURRENT (mA)
Figure 5. Capacitances
0.1
1
1
10
100
1000
-2
-1
0
1.0
0.8
0.6
0.4
0.2
0
0.01
0.1
10
100
1
1.0
0.8
0.6
0.4
0.2
0
1
10
1000
100
10
100
TJ = 25°C
IC = 10 mA
TA = 25°C
VBE(sat) @ IC/IB = 10
VBE(on) @ VCE = 1 V
VCE(sat) @ IC/IB = 10
qVC for VCE(sat)
qVB for VBE
Cob
Cib
100 mA
300 mA
500 mA


Similar Part No. - BCX18LT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BCX18LT1G ONSEMI-BCX18LT1G Datasheet
134Kb / 4P
   General Purpose Transistors
August, 2009 ??Rev. 0
More results

Similar Description - BCX18LT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N4403 ONSEMI-2N4403 Datasheet
106Kb / 7P
   General Purpose Transistors
March, 2007 ??Rev. 3
logo
E-Tech Electronics LTD
BC846ALT1 ETL-BC846ALT1 Datasheet
194Kb / 4P
   General Purpose Transistors
logo
List of Unclassifed Man...
SC2412KLT1 ETC1-SC2412KLT1 Datasheet
151Kb / 3P
   General Purpose Transistors
logo
Motorola, Inc
BCW61BLT1 MOTOROLA-BCW61BLT1 Datasheet
394Kb / 8P
   General Purpose Transistors
logo
ON Semiconductor
MMBT2131T1 ONSEMI-MMBT2131T1_06 Datasheet
66Kb / 4P
   General Purpose Transistors
January, 2006 ??Rev. 4
MMBT2222LT1G ONSEMI-MMBT2222LT1G_09 Datasheet
132Kb / 7P
   General Purpose Transistors
October, 2009 ??Rev. 9
SBC847CWT1G ONSEMI-SBC847CWT1G Datasheet
107Kb / 13P
   General Purpose Transistors
August, 2014 ??Rev. 10
logo
WILLAS ELECTRONIC CORP
2SA812XLT1 WILLAS-2SA812XLT1 Datasheet
351Kb / 5P
   General Purpose Transistors
MMBT3906TT1 WILLAS-MMBT3906TT1 Datasheet
378Kb / 6P
   General Purpose Transistors
BC817-XXLT1 WILLAS-BC817-XXLT1 Datasheet
164Kb / 3P
   General Purpose Transistors
logo
ON Semiconductor
BC846ALT1G ONSEMI-BC846ALT1G_15 Datasheet
116Kb / 13P
   General Purpose Transistors
March, 2015 ??Rev. 14
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com