Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC849BLT1G Datasheet(PDF) 9 Page - ON Semiconductor

Part # BC849BLT1G
Description  General Purpose Transistors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BC849BLT1G Datasheet(HTML) 9 Page - ON Semiconductor

Back Button BC849BLT1G Datasheet HTML 5Page - ON Semiconductor BC849BLT1G Datasheet HTML 6Page - ON Semiconductor BC849BLT1G Datasheet HTML 7Page - ON Semiconductor BC849BLT1G Datasheet HTML 8Page - ON Semiconductor BC849BLT1G Datasheet HTML 9Page - ON Semiconductor BC849BLT1G Datasheet HTML 10Page - ON Semiconductor BC849BLT1G Datasheet HTML 11Page - ON Semiconductor BC849BLT1G Datasheet HTML 12Page - ON Semiconductor BC849BLT1G Datasheet HTML 13Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
BC846ALT1G Series
www.onsemi.com
9
BC847C, BC848C, BC849C, BC850C, SBC847C
Figure 28. DC Current Gain vs. Collector
Current
IC, COLLECTOR CURRENT (A)
0.1
0.01
0.001
0
100
200
1000
1
VCE = 1 V
150
°C
−55
°C
25
°C
300
400
500
600
700
800
900
Figure 29. DC Current Gain vs. Collector
Current
IC, COLLECTOR CURRENT (A)
0.1
0.01
0.001
0
100
200
1000
1
VCE = 5 V
150
°C
−55
°C
25
°C
300
400
500
600
700
800
900
Figure 30. Collector Emitter Saturation Voltage
vs. Collector Current
IC, COLLECTOR CURRENT (A)
0.1
0.01
0.001
0.0001
0
0.05
0.30
Figure 31. Base Emitter Saturation Voltage vs.
Collector Current
Figure 32. Base Emitter Voltage vs. Collector
Current
IC, COLLECTOR CURRENT (A)
IC, COLLECTOR CURRENT (A)
0.1
0.01
0.001
0.0001
0.2
0.3
0.5
0.6
0.7
0.8
1.1
0.1
0.01
0.001
0.0001
0.2
0.3
0.5
0.6
0.8
0.9
1.0
1.2
IC/IB = 20
150
°C
−55
°C
25
°C
0.4
0.9
IC/IB = 20
150
°C
−55
°C
25
°C
0.4
0.7
1.1
VCE = 5 V
150
°C
−55
°C
25
°C
0.10
0.15
0.20
0.25
1.0


Similar Part No. - BC849BLT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BC849BLT1G ONSEMI-BC849BLT1G Datasheet
137Kb / 13P
   General Purpose Transistors
October, 2010 ??Rev. 10
BC849BLT1G ONSEMI-BC849BLT1G Datasheet
178Kb / 13P
   General Purpose Transistors
November, 2011 ??Rev. 11
BC849BLT1G ONSEMI-BC849BLT1G Datasheet
116Kb / 13P
   General Purpose Transistors
March, 2015 ??Rev. 14
More results

Similar Description - BC849BLT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N4403 ONSEMI-2N4403 Datasheet
106Kb / 7P
   General Purpose Transistors
March, 2007 ??Rev. 3
logo
E-Tech Electronics LTD
BC846ALT1 ETL-BC846ALT1 Datasheet
194Kb / 4P
   General Purpose Transistors
logo
List of Unclassifed Man...
SC2412KLT1 ETC1-SC2412KLT1 Datasheet
151Kb / 3P
   General Purpose Transistors
logo
Motorola, Inc
BCW61BLT1 MOTOROLA-BCW61BLT1 Datasheet
394Kb / 8P
   General Purpose Transistors
logo
ON Semiconductor
MMBT2131T1 ONSEMI-MMBT2131T1_06 Datasheet
66Kb / 4P
   General Purpose Transistors
January, 2006 ??Rev. 4
MMBT2222LT1G ONSEMI-MMBT2222LT1G_09 Datasheet
132Kb / 7P
   General Purpose Transistors
October, 2009 ??Rev. 9
SBC847CWT1G ONSEMI-SBC847CWT1G Datasheet
107Kb / 13P
   General Purpose Transistors
August, 2014 ??Rev. 10
logo
WILLAS ELECTRONIC CORP
2SA812XLT1 WILLAS-2SA812XLT1 Datasheet
351Kb / 5P
   General Purpose Transistors
MMBT3906TT1 WILLAS-MMBT3906TT1 Datasheet
378Kb / 6P
   General Purpose Transistors
BC817-XXLT1 WILLAS-BC817-XXLT1 Datasheet
164Kb / 3P
   General Purpose Transistors
logo
ON Semiconductor
BC846ALT1G ONSEMI-BC846ALT1G_15 Datasheet
116Kb / 13P
   General Purpose Transistors
March, 2015 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com