Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DE5S4M Datasheet(PDF) 1 Page - Shindengen Electric Mfg.Co.Ltd

Part # DE5S4M
Description  SCHOTTKY RECTIFIERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

DE5S4M Datasheet(HTML) 1 Page - Shindengen Electric Mfg.Co.Ltd

  DE5S4M Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd DE5S4M Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd DE5S4M Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd DE5S4M Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd DE5S4M Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd DE5S4M Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd DE5S4M Datasheet HTML 7Page - Shindengen Electric Mfg.Co.Ltd DE5S4M Datasheet HTML 8Page - Shindengen Electric Mfg.Co.Ltd DE5S4M Datasheet HTML 9Page - Shindengen Electric Mfg.Co.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
DE5S4M
40V 5A
Copyright & Copy;2001 Shindengen Electric Mfg.Co.Ltd
OUTLINE DIMENSIONS
Unit : mm
RATINGS
SHINDENGEN
Case : E-pack
APPLICATION
Switching power supply
DC/DC converter
Home Appliances, Office Equipment
Telecommunication
FEATURES
SMT
Tj150
PRRSM avalanche guaranteed
High current capacity with Small Package
Schottky Rectifiers (SBD)
Single
œAbsolute Maximum Ratings (If not specified TS=25Ž)
Item
Symbol
Conditions
Ratings
Unit
Storage Temperature
Tstg
-40`150
Ž
Operating Junction Temperature
Tj
150
Ž
Maximum Reverse Voltage
VRM
40
V
Repetitive Peak Surge Reverse Voltage
VRRSM Pulse width 0.5ms, duty 1/40
45
V
Average Rectified Forward Current
IO
50Hz sine wave, R-load With heatsink@Tc=101Ž
5.0
A
50Hz sine wave, R-load Without heatsink@Ta=25Ž
3.1
Peak Surge Forward Current
IFSM
50Hz sine wave, Non-repetitive 1 cycle peak value, Tj=125Ž
80
A
Repetitive Peak Surge Reverse Power
PRRSM Pulse width 10Ês, Tj=25Ž
330
W
œElectrical Characteristics (If not specified TS=25Ž)
Item
Symbol
Conditions
Ratings
Unit
Forward Voltage
VF
IF=5A, @ Pulse measurement
Max.0.55
V
Reverse Current
IR
VR=VRM,
Pulse measurement
Max.3.5
mA
Junction Capacitance
Cj
f=1MHz, VR=10V
Typ.180
pF
Thermal Resistance
Æjc
junction to case
Max.12
Ž/W
Æja
junction to ambient
Max.55


Similar Part No. - DE5S4M

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
DE5S4M SHINDENGEN-DE5S4M_10 Datasheet
543Kb / 2P
   Schottky Barrier Diode
More results

Similar Description - DE5S4M

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
SB220 LRC-SB220 Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Fairchild Semiconductor
SS26 FAIRCHILD-SS26 Datasheet
49Kb / 3P
   Schottky Rectifiers
logo
Motorola, Inc
MBR040 MOTOROLA-MBR040 Datasheet
159Kb / 2P
   Schottky rectifiers
logo
Central Semiconductor C...
CSHDD16-40C CENTRAL-CSHDD16-40C_15 Datasheet
557Kb / 2P
   SCHOTTKY RECTIFIERS
logo
Fairchild Semiconductor
SS32 FAIRCHILD-SS32_01 Datasheet
53Kb / 3P
   Schottky Rectifiers
logo
Dongguan City Niuhang E...
K22-NH-E-OK NIUHANG-K22-NH-E-OK Datasheet
1Mb / 3P
   SCHOTTKY RECTIFIERS
MBR2020CT NIUHANG-MBR2020CT Datasheet
2Mb / 5P
   SCHOTTKY RECTIFIERS
MBR1020DD NIUHANG-MBR1020DD Datasheet
485Kb / 5P
   SCHOTTKY RECTIFIERS
SS52F NIUHANG-SS52F Datasheet
321Kb / 3P
   SCHOTTKY RECTIFIERS
MBR1020DCT NIUHANG-MBR1020DCT Datasheet
431Kb / 3P
   SCHOTTKY RECTIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com