Electronic Components Datasheet Search |
|
MTV4030-04 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc. |
|
MTV4030-04 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc. |
2 / 5 page Silicon Abrupt Tuning Varactor Diodes Rev. V1 MTV4030-x Series 2 2 M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. Visit www.macom.com for additional data sheets and product information. For further information and support please visit: https://www.macom.com/support 2 Absolute Maximum Ratings Parameter Absolute Maximum Device Dissipation 250 mW Operating Temperature -55°C to +150°C Storage Temperature -65°C to +100°C Electrical Specifications: TC = +25°C Handling Procedures Please observe the following precautions to avoid damage: Static Sensitivity These electronic devices are sensitive to electrostatic discharge (ESD) and can be damaged by static electricity. Proper ESD control techniques should be used when handling these HBM Class 0 devices. Moisture Sensitivity These electronic devices are rated MSL 1. Part Number Reverse Voltage VB IR = 10 µA Junction Capacitance1 CJ VR = 4 V, 1 MHz Capacitance Ratio CR CT0 / CT30 Quality Factor Q VR = 4 V, 50 MHz Minimum Typical Minimum Minimum MTV4030-11 30 3.3 5 3600 MTV4030-12 30 3.6 5 3400 MTV4030-13 30 3.9 5 3400 MTV4030-14 30 4.7 5 3200 MTV4030-15 30 5.6 5 3000 MTV4030-16 30 6.8 5 2800 MTV4030-17 30 8.2 5 2600 MTV4030-18 30 10.0 5 2400 MTV4030-19 30 12.0 5 2200 MTV4030-20 30 15.0 5 2000 MTV4030-21 30 18.0 5 1800 MTV4030-22 30 22.0 5 1600 MTV4030-23 30 27.0 5 1400 MTV4030-24 30 33.0 5 1400 MTV4030-25 30 39.0 5 1200 MTV4030-26 30 47.0 5 1000 1. Total Capacitance (CT) values will vary depending upon the desired packaging type (CJ + package = CT). Package Style Package Capacitance (pF) Series Inductance (nH) Typical Typical CS11 0 0.12 H20 0.20 0.12 CS37 0.19 0.40 CS75 0.25 1.20 CS85 0.30 1.50 |
Similar Part No. - MTV4030-04 |
|
Similar Description - MTV4030-04 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |