Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

105192 Datasheet(PDF) 2 Page - Analog Devices

Part # 105192
Description  Conversion loss: 7.5 dB typical at 5.5 GHz to 10 GHz
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

105192 Datasheet(HTML) 2 Page - Analog Devices

  105192 Datasheet HTML 1Page - Analog Devices 105192 Datasheet HTML 2Page - Analog Devices 105192 Datasheet HTML 3Page - Analog Devices 105192 Datasheet HTML 4Page - Analog Devices 105192 Datasheet HTML 5Page - Analog Devices 105192 Datasheet HTML 6Page - Analog Devices 105192 Datasheet HTML 7Page - Analog Devices 105192 Datasheet HTML 8Page - Analog Devices 105192 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
HMC558A
Data Sheet
Rev. 0 | Page 2 of 15
TABLE OF CONTENTS
Features .............................................................................................. 1
 
Applications....................................................................................... 1
 
Functional Block Diagram .............................................................. 1
 
General Description ......................................................................... 1
 
Revision History ............................................................................... 2
 
Specifications..................................................................................... 3
 
Absolute Maximum Ratings............................................................ 4
 
Thermal Resistance ...................................................................... 4
 
ESD Caution.................................................................................. 4
 
Pin Configuration and Function Descriptions............................. 5
 
Interface Schematics..................................................................... 5
 
Typical Performance Characteristics ............................................. 6
 
Downconverter Performance ......................................................6
 
Upconverter Performance............................................................9
 
Return Loss and Isolation Performance.................................. 10
 
Spurious Performance ............................................................... 12
 
Theory of Operation ...................................................................... 13
 
Applications Information .............................................................. 14
 
Typical Application Circuit....................................................... 14
 
Evaluation Board Information ................................................. 14
 
Outline Dimensions ....................................................................... 15
 
Ordering Guide .......................................................................... 15
 
REVISION HISTORY
11/2016—Revision 0: Initial Version


Similar Part No. - 105192

ManufacturerPart #DatasheetDescription
logo
Heyco.
10519 HEYCO-10519 Datasheet
127Kb / 1P
   Nylon PCB Supports - Metric Spacing
logo
SICK AG
1051900 SICK-1051900 Datasheet
3Mb / 9P
   PHOTOELECTRIC SENSORS
logo
Molex Electronics Ltd.
1051900001 MOLEX1-1051900001_17 Datasheet
34Kb / 1P
   7.50 by 7.50mm Camera Socket, 4.00mm Height, SMIA-compliant, Serial data type
logo
SICK AG
1051910 SICK-1051910 Datasheet
3Mb / 9P
   PHOTOELECTRIC SENSORS
logo
Molex Electronics Ltd.
105193-0001 MOLEX-105193-0001 Datasheet
327Kb / 2P
   PACKAGING DRAWING FOR MICRO USB REC. MID MOUNT
REVISION G1
More results

Similar Description - 105192

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC787A AD-HMC787A Datasheet
956Kb / 18P
   Conversion loss: 9 dB typical at 3 GHz to 9 GHz
logo
CRYSTEK CORPORATION
CBTEE-01-50-6000 CRYSTEKMICROWAVE-CBTEE-01-50-6000 Datasheet
235Kb / 4P
   High Isolation, 35 dB Typical at 1 GHz
logo
Cree, Inc
CGHV60075D5 CREE-CGHV60075D5 Datasheet
662Kb / 7P
   19 dB Typical Small Signal Gain at 4 GHz
logo
Siemens Semiconductor G...
BGA310 SIEMENS-BGA310 Datasheet
20Kb / 4P
   Silicon Bipolar MMIC-Amplifier (Cascadable 50 W-gain block 9 dB typical gain at 1.0 GHz 9 dBm typical P-1dB at 1.0 GHz 3 dB-bandwidth: DC to 2.4 GHz)
logo
Analog Devices
AD8347ARUZ AD-AD8347ARUZ Datasheet
630Kb / 28P
   0.8 GHz to 2.7 GHz Direct Conversion
REV. A
logo
Pasternack Enterprises,...
PE15A3268 PASTERNACK-PE15A3268 Datasheet
374Kb / 3P
   5.5 dB NF, 10 dBm P1dB, 18 GHz to 40 GHz, Low Noise Broadband Amplifier, 18 dB Gain, 2.4mm
PE2206-6 PASTERNACK-PE2206-6 Datasheet
211Kb / 3P
   Directional 6 dB SMA Coupler From 7.5 GHz to 16 GHz Rated To 50 Watts
logo
Siemens Semiconductor G...
BGA318 SIEMENS-BGA318 Datasheet
20Kb / 4P
   Silicon Bipolar MMIC-Amplifier (Cascadable 50 W-gain block 16 dB typical gain at 1.0 GHz 12 dBm typical P-1dB at 1.0 GHz)
logo
Pasternack Enterprises,...
PE2206-30 PASTERNACK-PE2206-30 Datasheet
246Kb / 3P
   Directional 30 dB SMA Coupler From 7.5 GHz to 16 GHz Rated To 50 Watts
logo
Siemens Semiconductor G...
BGA312 SIEMENS-BGA312 Datasheet
20Kb / 4P
   Silicon Bipolar MMIC-Amplifier (Cascadable 50 W-gain block 11 dB typical gain at 1.0 GHz 9 dBm typical P-1dB at 1.0 GHz)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com