Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1313 Datasheet(PDF) 10 Page - ams AG

Part # AS1313
Description  Wide input voltage range (2.4V to 5.5V)
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1313 Datasheet(HTML) 10 Page - ams AG

Back Button AS1313 Datasheet HTML 6Page - ams AG AS1313 Datasheet HTML 7Page - ams AG AS1313 Datasheet HTML 8Page - ams AG AS1313 Datasheet HTML 9Page - ams AG AS1313 Datasheet HTML 10Page - ams AG AS1313 Datasheet HTML 11Page - ams AG AS1313 Datasheet HTML 12Page - ams AG AS1313 Datasheet HTML 13Page - ams AG AS1313 Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
Page 10
ams Datasheet
Document Feedback
[v1-43] 2015-Jul-23
AS1313 − Typical Operating Characteristics
Figure 11:
Efficiency vs. Input Voltage, VOUT = 3.0V
Figure 12:
Quiescent Current vs. Input Voltage, VOUT = 1.8V
Efficiency vs. Input Voltage: This figure
shows the Efficiency vs. the Input
Voltage for various Output Currents. All
measurements were done with a
VOUT = 3.0V at TAMB = 25°C with the coil
LPS4018-682.
Quiescent Current vs. Input Voltage:
This figure shows the Quiescent Current
vs. the Input Voltage for VOUT = 1.8V.
The measurement was done at
TAMB = 25°C with the coil LPS4018-682.
0
10
20
30
40
50
60
70
80
90
100
2
345
6
Input Voltage (V)
Iout = 10uA
Iout = 100uA
Iout = 1mA
Iout = 10mA
Iout = 100mA
0,2
0,3
0,4
0,5
0,6
0,7
0,8
0,9
1
1,1
22,5
33,5
4
4,5
55,5
6
Input Voltage(V)


Similar Part No. - AS1313

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1310 AMSCO-AS1310 Datasheet
453Kb / 15P
   Ultra Low Quiescent Current, Hysteretic DC-DC Step-Up Converter
AS1310 AMSCO-AS1310 Datasheet
1Mb / 20P
   Ultra Low Quiescent Current, Hysteretic DC-DC Step-Up Converter
AS1310 AMSCO-AS1310 Datasheet
399Kb / 30P
   Ultra Low Quiescent Current, Hysteretic DC-DC Step-Up Converter
2015-Jan-28
AS1310-BTDT-18 AMSCO-AS1310-BTDT-18 Datasheet
1Mb / 20P
   Ultra Low Quiescent Current, Hysteretic DC-DC Step-Up Converter
AS1310-BTDT-18 AMSCO-AS1310-BTDT-18 Datasheet
1Mb / 20P
   Ultra Low Quiescent Current, Hysteretic DC-DC Step-Up Converter
More results

Similar Description - AS1313

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8023GQW RICHTEK-RT8023GQW Datasheet
391Kb / 19P
   Converter Input Voltage Range : 2.6V to 5.5V, LDO Input Voltage Range : 2.4V to 5.5V
logo
List of Unclassifed Man...
PL8333 ETC2-PL8333 Datasheet
655Kb / 2P
   Wide supply voltage range: 2.4V to 5V
logo
Maxim Integrated Produc...
MAX5X02EVKIT MAXIM-MAX5X02EVKIT Datasheet
799Kb / 16P
   2.7V to 5.5V Wide Input Supply Range
Rev 0; 5/13
MAX5394MEVKIT MAXIM-MAX5394MEVKIT Datasheet
1Mb / 12P
   1.7V to 5.5V Wide Input Supply Range
Rev 0; 5/13
MAX5395LEVKIT MAXIM-MAX5395LEVKIT Datasheet
733Kb / 12P
   1.7V to 5.5V Wide Input Supply Range
Rev 0; 5/13
MAX15101 MAXIM-MAX15101 Datasheet
1Mb / 9P
   1.7V to 5.5V Input Voltage Range
Rev 0; 9/11
logo
Shanghai Leiditech Elec...
LP25151T5 LEIDITECH-LP25151T5 Datasheet
1Mb / 6P
   Input Voltage Range: 2.5V to 5.5V
LP25151T5-A LEIDITECH-LP25151T5-A Datasheet
1Mb / 6P
   Input Voltage Range: 2.5V to 5.5V
LP25P20T5 LEIDITECH-LP25P20T5 Datasheet
761Kb / 7P
   Input Voltage Range: 2.5V to 5.5V
logo
Maxim Integrated Produc...
MAX6397EVKIT MAXIM-MAX6397EVKIT Datasheet
444Kb / 8P
   5.5V to 72V Wide Supply Voltage Range
Rev 2; 4/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com