Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1370-ATDT-28 Datasheet(PDF) 4 Page - ams AG

Part # AS1370-ATDT-28
Description  Input voltage from 2.6V to 50V
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1370-ATDT-28 Datasheet(HTML) 4 Page - ams AG

  AS1370-ATDT-28 Datasheet HTML 1Page - ams AG AS1370-ATDT-28 Datasheet HTML 2Page - ams AG AS1370-ATDT-28 Datasheet HTML 3Page - ams AG AS1370-ATDT-28 Datasheet HTML 4Page - ams AG AS1370-ATDT-28 Datasheet HTML 5Page - ams AG AS1370-ATDT-28 Datasheet HTML 6Page - ams AG AS1370-ATDT-28 Datasheet HTML 7Page - ams AG AS1370-ATDT-28 Datasheet HTML 8Page - ams AG AS1370-ATDT-28 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
Page 4
ams Datasheet
Document Feedback
[v2-00] 2016-Jun-01
AS1370 − Pin Assignment
Figure 4:
Pin Diagram of AS1370 (Top View)
Figure 5:
Pin Description
Pin Name
Pin Number
Description
IN
1
Unregulated Input Voltage. This pin should be connected to the
positive terminal of the input capacitor. Bypass with 1μF capacitor to
GND. Input voltage can range from 2.6V to 50V.
SHDN
2
Active-High Shutdown Input. A logic high reduces the ground pin
current to < 1μA. Connect this pin to GND for normal operation.
NC
3
Not Connected. This pins must be not connected.
GND
4
Ground.
POK
5
Power-OK Output. Active-low, open-drain output indicates an
out-of-regulation condition. Connect a 100k
Ω pull-up resistor to pin OUT
for logic levels. Leave this pin unconnected if the Power-OK feature is not
used.
NC
6
Not Connected. This pins is not connected.
OUT
7
Regulated Output Voltage. This pin should be connected to the positive
side of the load and to the positive terminal of the output capacitor.
Current flowing out of this pin is equivalent to a DC load current. Fixed
1.2, 1.8, 2.5, 3.0, 3.3, 4.5, 5.0 and 5.5V output, as well as versions from 1.2V
up to 5.5V can be ordered. Bypass with 1μF capacitor to GND.
NC
8
Not Connected. This pin is not connected.
Exposed Pad
9
Exposed Pad. This pin functions as a heat sink. Solder it to a large pad or
to the circuit-board ground plane to maximize power dissipation.
Pin Assignment
1
2
3
4
AS1370
MLPD 8-pin 3x3mm
Exposed pad: GND
9
IN
8
7
6
5
SHDN
NC
GND
NC
OUT
NC
POK


Similar Part No. - AS1370-ATDT-28

ManufacturerPart #DatasheetDescription
logo
JSC ALFA.
AS13704 ALFA-AS13704 Datasheet
630Kb / 4P
   Quad Operational Transconductance Amplifiers (OTA) with linearizing diodes
AS13704D ALFA-AS13704D Datasheet
630Kb / 4P
   Quad Operational Transconductance Amplifiers (OTA) with linearizing diodes
More results

Similar Description - AS1370-ATDT-28

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8023GQW RICHTEK-RT8023GQW Datasheet
391Kb / 19P
   Converter Input Voltage Range : 2.6V to 5.5V, LDO Input Voltage Range : 2.4V to 5.5V
logo
Elite Semiconductor Mem...
F59L1G81A ESMT-F59L1G81A Datasheet
1Mb / 35P
   Voltage Supply: 2.6V ~ 3.6V
logo
M.S. Kennedy Corporatio...
MSK5500-15 MSK-MSK5500-15 Datasheet
491Kb / 5P
   Input Voltage from Vout Dropout to 40V
logo
International Rectifier
IR3827M IRF-IR3827M_15 Datasheet
2Mb / 44P
   Single input voltage range from 5V to 21V
logo
Maxim Integrated Produc...
MAX7044EVKIT MAXIM-MAX7044EVKIT Datasheet
6Mb / 32P
   Single Input Voltage Supply from 2.1V to 3.6V
Rev 3; 6/21
logo
International Rectifier
IR3823M IRF-IR3823M_15 Datasheet
2Mb / 41P
   Single input voltage range from 5V to 21V
logo
Maxim Integrated Produc...
MAX5388EVMINIQU MAXIM-MAX5388EVMINIQU Datasheet
826Kb / 14P
   2.6V to 5.25V Single-Supply Operation
Rev 0; 3/10
MAX1586AEVKIT MAXIM-MAX1586AEVKIT Datasheet
635Kb / 14P
   2.6V to 5.5V Single-Supply Operation
Rev 1; 1/07
MAX98302EVKIT MAXIM-MAX98302EVKIT Datasheet
1Mb / 6P
   2.6V to 5.5V Single-Supply Operation
19-5218; Rev 0; 4/10
MAX5386MEVMINIQU MAXIM-MAX5386MEVMINIQU Datasheet
1Mb / 14P
   2.6V to 5.25V Single-Supply Operation
Rev 0; 1/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com