Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS5103CPFBR Datasheet(PDF) 6 Page - Texas Instruments

Part # ADS5103CPFBR
Description  1.8-V ANALOG SUPPLY, 10-BIT, 65/40 MSPS ANALOG-TO-DIGITAL CONVERTERS WITH INTERNAL REFERENCE
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5103CPFBR Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADS5103CPFBR Datasheet HTML 2Page - Texas Instruments ADS5103CPFBR Datasheet HTML 3Page - Texas Instruments ADS5103CPFBR Datasheet HTML 4Page - Texas Instruments ADS5103CPFBR Datasheet HTML 5Page - Texas Instruments ADS5103CPFBR Datasheet HTML 6Page - Texas Instruments ADS5103CPFBR Datasheet HTML 7Page - Texas Instruments ADS5103CPFBR Datasheet HTML 8Page - Texas Instruments ADS5103CPFBR Datasheet HTML 9Page - Texas Instruments ADS5103CPFBR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
ADS5102
ADS5103
SLAS351B – OCTOBER 2001 – REVISED DECEMBER 2001
6
www.ti.com
electrical characteristics over recommended operating conditions, AVDD = DVDD = 1.8 V,
DRVDD = 3.3 V, Fs = 40, 65 MSPS (as appropriate)/50% duty cycle, –1 dBFS input span, CL = 10 pF
at D0–D9, internal reference, T(min) to T(max), typical data at 25°C (unless otherwise noted)
(continued)
dynamic performance
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ADS5102
f = 3.5 MHz
8.7
9.2
Bits
ENOB
Effective number of bits
ADS5102
f = 20 MHz
9
Bits
ENOB
Effective number of bits
ADS5103
f = 3.5 MHz
9.0
9.3
Bits
ADS5103
f = 20 MHz
9.2
Bits
ADS5102
f = 3.5 MHz
58
73
dBc
SFDR
Spurious free dynamic range
ADS5102
f = 20 MHz
71
dBc
SFDR
Spurious free dynamic range
ADS5103
f = 3.5 MHz
64
69
dBc
ADS5103
f = 20 MHz
66
dBc
ADS5102
f = 3.5 MHz
–71
–55
dBc
THD
Total harmonic distortion
ADS5102
f = 20 MHz
–71
dBc
THD
Total harmonic distortion
ADS5103
f = 3.5 MHz
–65
–62
dBc
ADS5103
f = 20 MHz
–68
dBc
ADS5102
f = 3.5 MHz
56
58
dBc
SNR
Signal to noise ratio
ADS5102
f = 20 MHz
57
dBc
SNR
Signal-to-noise ratio
ADS5103
f = 3.5 MHz
57
59
dBc
ADS5103
f = 20 MHz
58
dBc
ADS5102
f = 3.5 MHz
54
58
dBc
SINAD
Signal to noise and distortion
ADS5102
f = 20 MHz
57
dBc
SINAD
Signal-to-noise and distortion
ADS5103
f = 3.5 MHz
56
58
dBc
ADS5103
f = 20 MHz
57
dBc
power supply
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
AVDD
1.65
1.8
2
Operating voltage
DVDD
1.65
1.8
2
V
O erating voltage
DRVDD
1.65
1.8
3.6
V
I(AVDD)
Analog supply current
ADS5102
AVDD =DVDD =1 8V
DRVDD =3 3V
70
80
mA
I(AVDD)
Analog supply current
ADS5103
AVDD = DVDD = 1.8 V,
DRVDD = 3.3 V
45
53
mA
I(DVDD)
Digital supply current
ADS5102
AVDD =DVDD=1 8V
DRVDD =3 3V
8
9
mA
I(DVDD)
Digital supply current
ADS5103
AVDD = DVDD= 1.8 V,
DRVDD = 3.3 V
5
7
mA
I(DRVDD)
Output driver supply current
ADS5102
AVDD =DVDD =1 8V
DRVDD =3 3V
6.5
8
mA
I(DRVDD)
Output driver supply current
ADS5103
AVDD = DVDD = 1.8 V,
DRVDD = 3.3 V
4.8
5.5
mA
I(TOTAL)
Total current consumption
ADS5102
AVDD =DVDD =1 8V
DRVDD =3 3V
84
97
mA
I(TOTAL)
Total current consumption
ADS5103
AVDD = DVDD = 1.8 V,
DRVDD = 3.3 V
54
66
mA
PD
Power dissipation
ADS5102
AVDD =DVDD =1 8V
DRVDD =3 3V
160
188
mW
PD
Power dissipation
ADS5103
AVDD = DVDD = 1.8 V,
DRVDD = 3.3 V
105
126
mW
Standby power
CLK running
336
390
µW
Power supply rejection
0.25
%FS
† Sinewave input, fi = 3.5 MHz, –1 dBFS input span


Similar Part No. - ADS5103CPFBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5120 TI-ADS5120 Datasheet
325Kb / 18P
[Old version datasheet]   8-Channel, 10-Bit, 40MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
ADS5120 TI1-ADS5120 Datasheet
458Kb / 21P
[Old version datasheet]   8-Channel, 10-Bit, 40MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
ADS5120CGHK TI-ADS5120CGHK Datasheet
325Kb / 18P
[Old version datasheet]   8-Channel, 10-Bit, 40MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
ADS5120CGHK TI1-ADS5120CGHK Datasheet
458Kb / 21P
[Old version datasheet]   8-Channel, 10-Bit, 40MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
ADS5120CZHK TI1-ADS5120CZHK Datasheet
458Kb / 21P
[Old version datasheet]   8-Channel, 10-Bit, 40MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS5103CPFBR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9609 AD-AD9609 Datasheet
1Mb / 32P
   10-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
AD9609 AD-AD9609_17 Datasheet
1Mb / 33P
   10-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
AD9204 AD-AD9204 Datasheet
1Mb / 36P
   10-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
AD9629 AD-AD9629 Datasheet
984Kb / 32P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
AD9629 AD-AD9629_17 Datasheet
906Kb / 33P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
AD9266BCPZ-20 AD-AD9266BCPZ-20 Datasheet
870Kb / 32P
   16-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9629BCPZ-80 AD-AD9629BCPZ-80 Datasheet
984Kb / 32P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9649 AD-AD9649 Datasheet
1Mb / 32P
   14-Bit, 20/40/65/80 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9649BCPZ-20 AD-AD9649BCPZ-20 Datasheet
1Mb / 32P
   14-Bit, 20/40/65/80 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
AD9649 AD-AD9649_17 Datasheet
1Mb / 33P
   14-Bit, 20/40/65/80 MSPS, 1.8 V Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com