Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBT-BGA-6037 Datasheet(PDF) 2 Page - Ironwood Electronics.

Part # SBT-BGA-6037
Description  Excellent signal integrity at high frequencies
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

SBT-BGA-6037 Datasheet(HTML) 2 Page - Ironwood Electronics.

  SBT-BGA-6037 Datasheet HTML 1Page - Ironwood Electronics. SBT-BGA-6037 Datasheet HTML 2Page - Ironwood Electronics. SBT-BGA-6037 Datasheet HTML 3Page - Ironwood Electronics. SBT-BGA-6037 Datasheet HTML 4Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
1.70±0.10 (x4)
non plated mounting hole
0.85±0.025 (x2)
non plated alignment hole
29.725±0.050
5.08±0.025
2.54±0.025
2.7975
0.635 pad
1.27 typ.
1.25±0.125
1.25±0.125
32.225
32.60
24.13
24.13
3.1725*
1.27 typ.
29.725±0.05
11.69
12.065
34.725
Insulation plate outline
33.625
Socket Outline
33.625
Socket Ouline
A1 orientation mark
Target PCB Recommendations
Total thickness: 1.6mm min.
Plating: Gold or Solder finish
PCB Pad height: Same or higher than solder mask
*Note: BGA pattern is not symmetrical
with respect to the mounting holes.
Ironwood Electronics, Inc.
Tele: (800) 404-0204
www.ironwoodelectronics.com
Tolerances: Hole diameters ±0.03mm [±0.001"], Pitches (from true position) ±0.025mm [±0.001"], substrate thickness tolerance
±10%, all other tolerances ±0.13mm [±0.005"] unless stated otherwise. Materials and specifications are subject to change
without notice.
Description: Recommended Layout
Primary dimension units are millimeters, Secondary dimension units are [inches], Weight is in grams.
STATUS: Released
REV. A
DATE: 3/26/2015
Material: Material <not specified>
Finish:
Weight: 53.01
SBT-BGA-6037 Drawing
SCALE: 3:1
SHEET: 2 OF 4
ENG: S. Faiz
FILE: SBT-BGA-6037 Dwg
DRAWN BY: M. Raske


Similar Part No. - SBT-BGA-6037

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SBT-BGA-6030 IRONWOOD-SBT-BGA-6030 Datasheet
426Kb / 4P
   Automated probe manufacturing enables low cost and short lead time
SBT-BGA-6031 IRONWOOD-SBT-BGA-6031 Datasheet
304Kb / 5P
   Highly compliant to accommodate wide co-planarity variations
SBT-BGA-6034 IRONWOOD-SBT-BGA-6034 Datasheet
563Kb / 4P
   Low and stable contact resistance for reliable production yield
SBT-BGA-6035 IRONWOOD-SBT-BGA-6035 Datasheet
479Kb / 4P
   Automated probe manufacturing enables low cost and short lead time
SBT-BGA-6038 IRONWOOD-SBT-BGA-6038 Datasheet
344Kb / 4P
   Excellent signal integrity at high frequencies
More results

Similar Description - SBT-BGA-6037

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SM-BGA-9040 IRONWOOD-SM-BGA-9040 Datasheet
429Kb / 5P
   Excellent signal integrity at high frequencies
SBT-BGA-6511 IRONWOOD-SBT-BGA-6511 Datasheet
372Kb / 4P
   Excellent signal integrity at high frequencies
SBT-BGA-6526 IRONWOOD-SBT-BGA-6526 Datasheet
368Kb / 4P
   Excellent signal integrity at high frequencies
CBT-QFN-7025 IRONWOOD-CBT-QFN-7025 Datasheet
384Kb / 5P
   Excellent signal integrity at high frequencies
CBT-QFN-7029 IRONWOOD-CBT-QFN-7029 Datasheet
488Kb / 4P
   Excellent signal integrity at high frequencies
SBT-BGA-7018 IRONWOOD-SBT-BGA-7018 Datasheet
298Kb / 5P
   Excellent signal integrity at high frequencies
SBT-BGA-6519 IRONWOOD-SBT-BGA-6519 Datasheet
667Kb / 4P
   Excellent signal integrity at high frequencies
SM-BGA-9011 IRONWOOD-SM-BGA-9011 Datasheet
375Kb / 5P
   Excellent signal integrity at high frequencies
SM-QFN-9018 IRONWOOD-SM-QFN-9018 Datasheet
242Kb / 4P
   Excellent signal integrity at high frequencies
CBT-QFN-7007 IRONWOOD-CBT-QFN-7007 Datasheet
370Kb / 4P
   Excellent signal integrity at high frequencies
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com