Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC1761-CS14 Datasheet(PDF) 2 Page - Analog Devices

Part # AIC1761-CS14
Description  BATTERY CHARGE CONTROLLER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AIC1761-CS14 Datasheet(HTML) 2 Page - Analog Devices

  AIC1761-CS14 Datasheet HTML 1Page - Analog Devices AIC1761-CS14 Datasheet HTML 2Page - Analog Devices AIC1761-CS14 Datasheet HTML 3Page - Analog Devices AIC1761-CS14 Datasheet HTML 4Page - Analog Devices AIC1761-CS14 Datasheet HTML 5Page - Analog Devices AIC1761-CS14 Datasheet HTML 6Page - Analog Devices AIC1761-CS14 Datasheet HTML 7Page - Analog Devices AIC1761-CS14 Datasheet HTML 8Page - Analog Devices AIC1761-CS14 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
AIC1761/1766
BATTERY CHARGE CONTROLLER
SPEC NO: DS-1761-02
ANALOG INTEGRATIONS CORPORATION
www.analog.com.tw
4F, 9 Industry E. 9th Road, Science-based Industrial Park , Hsinchu, Taiwan, R.O.C.
TEL: (8863)577-2500 FAX:(8863)577-2510
2
TYPICAL APPLICATION CIRCUIT
9.1V
1N4148
+
+
C1
0.33
1W
R8
470
10
µF
VIN
12 ~ 15 V
GREEN
LED2
RED
LED1
1N4148
D1
120
0.5W
R1
R9
1K
R10
1K
100
µF
C7
ZD1
R5
D3
R2
1K
C2
+
+
1
µF
C3
100K
R3
220
µF
R7
470pF
AIC1563
IS
BST
FB
VCC
GND
TC
SE
SC
1
2
3
4
5
6
7
8
D2
C4
1N5819
*Fast Charge Current= (0.3/RS) A
8
VREF
7
6
5
LED
VOUT
VDD
4.7
µF
0.1
µF
150K
AIC1761/66
C6
R4
C5
51K
4
3
2
1
MODE
TIMER
GND
VBT
+
L1
1N5819
1K
BATTERY
D4
3 ~ 5 CELLS
220
µH
*RS
Simple Battery Charger for NiMH / NiCd Battery
ORDERING INFORMATION
AIC176X-XXXX
ORDER NUMBER
TOP VIEW
AIC1761-CN08
AIC1766-CN08
(PLASTIC DIP)
AIC1761-CS08
AIC1766-CS08
(PLASTIC SO)
PIN CONFIGURATION
AIC1761-CN14
AIC1766-CN14
(PLASTIC DIP)
AIC1761-CS14
AIC1766-CS14
(PLASTIC SO)
1
3
4
2
8VREF
6VOUT
5LED
7VDD
GND
TIMER
MODE
VBT
TOP VIEW
14
1
3
4
2
5
7
6
12
11
13
10
8
9
VBT
GND
NC
NC
VDD
VREF
VNTC
TIMER
MODE
LED
GND
NC
FLASH
VOUT
VERSION
08: 8 PIN VERSION
14: 14 PIN VERSION
PACKAGE TYPE
N: PLASTIC DIP
S: SMALL OUTLINE
TEMPERATURE RANGE
C=0
°C~70°C
-
∆V DETECTION LEVEL
1: -1%
6: -0.25%
ABSOLUTE MAXIMUM RATINGS
Supply Voltage
.......................……………..........................................................................
18V
DC Voltage Applied on any Pin
..............................................……………..............................
18V
Sink Current of VOUT Pin, LED Pin, and FLASH Pin
...............................…………….........
20mA
Operating Temperature Range
...........................................…………........................
0
°C to 70°C
Storage Temperature Range ..............................................……………................. -65
°C to 150°C


Similar Part No. - AIC1761-CS14

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1701 AIC-AIC1701 Datasheet
669Kb / 15P
   150mA, 3關A Ultra Low Quiescent Current LDO Voltage Regulator
AIC1702 AIC-AIC1702 Datasheet
686Kb / 15P
   Load Regulation, typical - 2mV
AIC1714 AIC-AIC1714 Datasheet
162Kb / 5P
   Negative Voltage Regulator
AIC1714-30CX AIC-AIC1714-30CX Datasheet
162Kb / 5P
   Negative Voltage Regulator
AIC1714-30CZ AIC-AIC1714-30CZ Datasheet
162Kb / 5P
   Negative Voltage Regulator
More results

Similar Description - AIC1761-CS14

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1766 SEMTECH-SC1766 Datasheet
259Kb / 11P
   BATTERY CHARGE CONTROLLER
logo
Silicon Standard Corp.
SS6781B SSC-SS6781B Datasheet
584Kb / 20P
   Battery Charge Controller
logo
Analog Intergrations Co...
AIC1784 AIC-AIC1784 Datasheet
547Kb / 16P
   Battery Charge Controller
AIC1781A AIC-AIC1781A Datasheet
393Kb / 18P
   Battery Charge Controller
logo
List of Unclassifed Man...
8602GN ETC2-8602GN Datasheet
105Kb / 2P
   Battery Charge Controller
logo
Analog Intergrations Co...
AIC1781 AIC-AIC1781 Datasheet
423Kb / 17P
   Battery Charge Controller
AIC1783 AIC-AIC1783 Datasheet
159Kb / 11P
   Battery Charge Controller
AIC1782 AIC-AIC1782 Datasheet
361Kb / 17P
   Dual-Battery Charge Controller
logo
Dallas Semiconductor
DS2770 DALLAS-DS2770 Datasheet
272Kb / 27P
   Battery Monitor and Charge Controller
logo
National Semiconductor ...
LM3420-42 NSC-LM3420-42 Datasheet
393Kb / 17P
   Lithium-Ion Battery Charge Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com