Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSDL-9000 Datasheet(PDF) 7 Page - Agilent(Hewlett-Packard)

Part # HSDL-9000
Description  Miniature Surface-Mount Ambient Light Photo Sensor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSDL-9000 Datasheet(HTML) 7 Page - Agilent(Hewlett-Packard)

Back Button HSDL-9000 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HSDL-9000 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSDL-9000 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HSDL-9000 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSDL-9000 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSDL-9000 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HSDL-9000 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HSDL-9000 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HSDL-9000 Datasheet HTML 11Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
Moisture Proof Packaging
All HSDL-9000 options are
shipped in moisture proof
package. Once opened, moisture
absorption begins.
This part is compliant to JEDEC
Level 2a.
Baking Conditions
If the parts are not stored in dry
conditions, they must be baked
before reflow to prevent damage
to the parts.
Package
Temp.
Time
In reels
60
°C
20 hours
In bulk
125
°C
5 hours
Baking should only be done once.
Recommended Storage Conditions
Storage Temperature
10
°C to 30°C
Relative Humidity
below
60% RH
Time from Unsealing to Soldering
After removal from the bag, the
parts should be soldered within
twenty-eight days if stored at the
recommended storage conditions.
If times longer than 28 days are
needed, the parts must be stored
in a dry box.
Figure 5. Baking conditions chart.
UNITS IN A SEALED
MOISTURE-PROOF
PACKAGE
PACKAGE IS
OPENED (UNSEALED)
ENVIRONMENT
LESS THAN 30°C,
AND LESS THAN
60% RH
PACKAGE IS
OPENED LESS
THAN 672 HOURS
(4 WEEKS)
PERFORM RECOMMENDED
BAKING CONDITIONS
NO BAKING
IS NECESSARY
YES
NO
NO
YES


Similar Part No. - HSDL-9000

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSDL-9001 HP-HSDL-9001 Datasheet
87Kb / 12P
   Miniature Surface-Mount Ambient Light Photo Diode
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-9001 AVAGO-HSDL-9001 Datasheet
96Kb / 12P
   Miniature Surface-Mount Ambient Light Photo Diode
More results

Similar Description - HSDL-9000

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
APDS-9002 HP-APDS-9002 Datasheet
212Kb / 16P
   Miniature Surface-Mount Ambient Light Photo Sensor
logo
AVAGO TECHNOLOGIES LIMI...
APDS-9008 AVAGO-APDS-9008_09 Datasheet
354Kb / 12P
   Miniature Surface-Mount Ambient Light Photo Sensor
logo
Broadcom Corporation.
APDS-9008 BOARDCOM-APDS-9008 Datasheet
403Kb / 12P
   Miniature Surface-Mount Ambient Light Photo Sensor
logo
AVAGO TECHNOLOGIES LIMI...
APDS-9005 AVAGO-APDS-9005 Datasheet
685Kb / 12P
   Miniature Surface-Mount Ambient Light Photo Sensor
APDS-9006-020 AVAGO-APDS-9006-020 Datasheet
706Kb / 12P
   Miniature Surface-Mount Ambient Light Photo Sensor
logo
Broadcom Corporation.
APDS-9006 BOARDCOM-APDS-9006 Datasheet
720Kb / 12P
   Miniature Surface-Mount Ambient Light Photo Sensor
logo
AVAGO TECHNOLOGIES LIMI...
APDS-9002 AVAGO-APDS-9002_12 Datasheet
169Kb / 14P
   Miniature Surface-Mount Ambient Light Photo Sensor
APDS-9004 AVAGO-APDS-9004 Datasheet
316Kb / 14P
   Miniature Surface-Mount Ambient Light Photo Sensor
APDS-9002 AVAGO-APDS-9002 Datasheet
146Kb / 16P
   Miniature Surface-Mount Ambient Light Photo Sensor
APDS-9009 AVAGO-APDS-9009 Datasheet
696Kb / 10P
   Miniature Surface-Mount Ambient Light Photo Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com