Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS5103EVM Datasheet(PDF) 8 Page - Texas Instruments

Part # ADS5103EVM
Description  1.8-V ANALOG SUPPLY, 10-BIT, 65/40 MSPS ANALOG-TO-DIGITAL CONVERTERS WITH INTERNAL REFERENCE
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5103EVM Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADS5103EVM Datasheet HTML 4Page - Texas Instruments ADS5103EVM Datasheet HTML 5Page - Texas Instruments ADS5103EVM Datasheet HTML 6Page - Texas Instruments ADS5103EVM Datasheet HTML 7Page - Texas Instruments ADS5103EVM Datasheet HTML 8Page - Texas Instruments ADS5103EVM Datasheet HTML 9Page - Texas Instruments ADS5103EVM Datasheet HTML 10Page - Texas Instruments ADS5103EVM Datasheet HTML 11Page - Texas Instruments ADS5103EVM Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
ADS5102
ADS5103
SLAS351B – OCTOBER 2001 – REVISED DECEMBER 2001
8
www.ti.com
TYPICAL CHARACTERISTICS
ADS5102
ANALOG SUPPLY CURRENT
vs
TEMPERATURE
Figure 1
71
72
73
74
75
76
77
78
–40 –30 –20 –10 0
1020 304050607080 90
AVDD = DVDD = 1.8 V
DRVDD = 3.3 V
Fclk = 65 MHz
fi = 32.49 MHz at –1 dBFS
T – Temperature –
°C
Figure 2
45.0
45.5
46.0
46.5
47.0
47.5
48.0
48.5
49.0
49.5
50.0
–40 –30 –20 –10 0
1020 304050607080 90
ADS5103
ANALOG SUPPLY CURRENT
vs
TEMPERATURE
AVDD = DVDD = 1.8 V
DRVDD = 3.3 V
Fclk = 40 MHz
fi = 19.99 MHz at –1 dBFS
T – Temperature –
°C
Figure 3
15.0
15.5
16.0
16.5
17.0
17.5
18.0
18.5
19.0
19.5
20.0
–40 –30 –20 –10 0
1020 304050607080 90
ADS5102
DIGITAL SUPPLY CURRENT
vs
TEMPERATURE
AVDD = DVDD = 1.8 V
DRVDD = 3.3 V
Fclk = 65 MHz
fi = 32.49 MHz at –1 dBFS
T – Temperature –
°C
Figure 4
5
6
7
8
9
10
11
12
13
14
15
–40 –30 –20 –10 0
1020304050607080 90
ADS5103
DIGITAL SUPPLY CURRENT
vs
TEMPERATURE
AVDD = DVDD = 1.8 V
DRVDD = 3.3 V
Fclk = 40 MHz
fi = 19.99 MHz at –1 dBFS
T – Temperature –
°C


Similar Part No. - ADS5103EVM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5120 TI-ADS5120 Datasheet
325Kb / 18P
[Old version datasheet]   8-Channel, 10-Bit, 40MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
ADS5120 TI1-ADS5120 Datasheet
458Kb / 21P
[Old version datasheet]   8-Channel, 10-Bit, 40MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
ADS5120CGHK TI-ADS5120CGHK Datasheet
325Kb / 18P
[Old version datasheet]   8-Channel, 10-Bit, 40MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
ADS5120CGHK TI1-ADS5120CGHK Datasheet
458Kb / 21P
[Old version datasheet]   8-Channel, 10-Bit, 40MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
ADS5120CZHK TI1-ADS5120CZHK Datasheet
458Kb / 21P
[Old version datasheet]   8-Channel, 10-Bit, 40MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS5103EVM

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9609 AD-AD9609 Datasheet
1Mb / 32P
   10-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
AD9609 AD-AD9609_17 Datasheet
1Mb / 33P
   10-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
AD9204 AD-AD9204 Datasheet
1Mb / 36P
   10-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
AD9629 AD-AD9629 Datasheet
984Kb / 32P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
AD9629 AD-AD9629_17 Datasheet
906Kb / 33P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
AD9266BCPZ-20 AD-AD9266BCPZ-20 Datasheet
870Kb / 32P
   16-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9629BCPZ-80 AD-AD9629BCPZ-80 Datasheet
984Kb / 32P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9649 AD-AD9649 Datasheet
1Mb / 32P
   14-Bit, 20/40/65/80 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9649BCPZ-20 AD-AD9649BCPZ-20 Datasheet
1Mb / 32P
   14-Bit, 20/40/65/80 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
AD9649 AD-AD9649_17 Datasheet
1Mb / 33P
   14-Bit, 20/40/65/80 MSPS, 1.8 V Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com