Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSSR-7110 Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # HSSR-7110
Description  90 V/1.0 W, Hermetically Sealed, Power MOSFET Optocoupler
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSSR-7110 Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  HSSR-7110 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HSSR-7110 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HSSR-7110 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HSSR-7110 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSSR-7110 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HSSR-7110 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSSR-7110 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSSR-7110 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HSSR-7110 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
Recommended Operating Conditions
Parameter
Symbol
Min.
Max.
Units
Input Current (on)
I
F(ON)
520
mA
Input Voltage (off)
V
F(OFF)
0
0.6
V
Operating Temperature
T
A
-55
+125
°C
Device Marking
Absolute Maximum Ratings
Storage Temperature Range ........................................ -65
°C to +150°C
Operating Ambient Temperature – T
A .......................... -55°C to +125°C
Junction Temperature – T
J ......................................................... +150°C
Operating Case Temperature – T
C ......................................... +145°C
[1]
Lead Solder Temperature ............................................... 260
°C for 10 s
(1.6 mm below seating plane)
Average Input Current – I
F ........................................................... 20 mA
Peak Repetitive Input Current – I
FPK ............................................ 40 mA
(Pulse Width < 100 ms; duty cycle < 50%)
Peak Surge Input Current – I
FPK surge ....................................... 100 mA
(Pulse Width < 0.2 ms; duty cycle < 0.1%)
Reverse Input Voltage – V
R ............................................................... 5 V
Average Output Current – Figure 2
Connection A – I
O ....................................................................... 0.8 A
Connection B – I
O ...................................................................... 1.6 A
Single Shot Output Current – Figure 3
Connection A – I
OPK surge (Pulse width < 10 ms) ...................... 5.0 A
Connection B – I
OPK surge (Pulse width < 10 ms) ................... 10.0 A
Output Voltage
Connection A – V
O ...................................................... -90 V to +90 V
Connection B – V
O .......................................................... 0 V to +90 V
Average Output Power Dissipation – Figure 4 ....................... 800 mW[2]
Thermal Resistance
Maximum Output MOSFET Junction to Case –
θ
JC = 15°C/W
ESD Classification
(MIL-STD-883, Method 3015) .......................................... (
∆∆), Class 2
COMPLIANCE INDICATOR,*
DATE CODE, SUFFIX (IF NEEDED)
HP QYYWWZ
XXXXXX
XXXXXXX
XXX USA
50434
COUNTRY OF MFR.
HP FSCN*
HP LOGO
DSCC SMD*
PIN ONE/
ESD IDENT
HP P/N
DSCC SMD*
* QUALIFIED PARTS ONLY


Similar Part No. - HSSR-7110

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSSR-7110 AVAGO-HSSR-7110 Datasheet
143Kb / 11P
   90 V/1.0 , Hermetically Sealed, Power MOSFET Optocoupler QML-38534
HSSR-7110 AVAGO-HSSR-7110 Datasheet
143Kb / 11P
   90 V/1.0 Ohm, Hermetically Sealed, Power MOSFET Optocoupler
HSSR-7110 AVAGO-HSSR-7110 Datasheet
143Kb / 11P
   90 V/1.0, Hermetically Sealed, Power MOSFET Optocoupler
logo
Broadcom Corporation.
HSSR-7110 BOARDCOM-HSSR-7110 Datasheet
935Kb / 13P
   90V/1.0廓, Hermetically Sealed, Power MOSFET Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HSSR-7110-300 AVAGO-HSSR-7110-300 Datasheet
143Kb / 11P
   90 V/1.0, Hermetically Sealed, Power MOSFET Optocoupler
More results

Similar Description - HSSR-7110

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSSR-7110-300 AVAGO-HSSR-7110-300 Datasheet
143Kb / 11P
   90 V/1.0, Hermetically Sealed, Power MOSFET Optocoupler
5962-9314002HPA AVAGO-5962-9314002HPA Datasheet
143Kb / 11P
   90 V/1.0 Ohm, Hermetically Sealed, Power MOSFET Optocoupler
HSSR-7110 AVAGO-HSSR-7110 Datasheet
143Kb / 11P
   90 V/1.0 , Hermetically Sealed, Power MOSFET Optocoupler QML-38534
logo
Broadcom Corporation.
HSSR-7110 BOARDCOM-HSSR-7110 Datasheet
935Kb / 13P
   90V/1.0廓, Hermetically Sealed, Power MOSFET Optocoupler
logo
Micropac Industries
53259 MICROPAC-53259 Datasheet
130Kb / 6P
   POWER MOSFET OPTOCOUPLER 400V / 50ohm HERMETICALLY SEALED
66024 MICROPAC-66024 Datasheet
94Kb / 3P
   4N55 DUAL CHANNEL, HERMETICALLY SEALED OPTOCOUPLER
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-1930 AVAGO-HCPL-1930_12 Datasheet
742Kb / 12P
   Dual Channel Line Receiver Hermetically Sealed Optocoupler
logo
Micropac Industries
66179 MICROPAC-66179 Datasheet
49Kb / 2P
   GULL WING HERMETICALLY SEALED, SINGLE CHANNEL OPTOCOUPLER
logo
Broadcom Corporation.
HCPL-1930 BOARDCOM-HCPL-1930 Datasheet
1Mb / 13P
   Dual-Channel Line Receiver Hermetically Sealed Optocoupler
logo
Micropac Industries
66186 MICROPAC-66186 Datasheet
79Kb / 2P
   TWO CHANNEL, HERMETICALLY SEALED OPTOCOUPLER PHOTOTRANSISTOR OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com