Electronic Components Datasheet Search |
|
SHP350PS15 Datasheet(PDF) 9 Page - XP Power Limited |
|
SHP350PS15 Datasheet(HTML) 9 Page - XP Power Limited |
9 / 26 page SHP650 Series • Rugged Industrial Construction • End Fan, Top Fan & ‘ U’Channel Mechanical Options • -40 °C to +70 °C Operation • 5 V Standby • AC OK, Remote On/Off and Active Current Share • Load Dependant Variable Fan Speed • Screw Terminals • SEMI F47 Compliant • 3 Year Warranty The SHP650 AC-DC power supply provides upto 650 W of output power in three mechanical packages to provide installation flexibility in a range of industrial applications. The unit comprises of a main output with voltages from 12-48 VDC and two peripheral outputs providing a 12 VDC fan supply and a 5 VDC standby supply which can be utilitsed with the signals and control features of the unit to provide detection of loss of AC input and remote on/off control. Multiple units can used in parallel via the current share facility, providing higher power solutions. Inherently low earth leakage current, and conducted EMC compliance to Class B also simplify higher power system design. Packaged in a compact 8” (203 mm) x 4” (102 mm) x 2.6” (65 mm) and carrying IEC60950 family safety approvals, the SHP650 has a load dependant variable speed fan is fully protected with overtemperature shutdown and provides full power from -20 ºC to 50 ºC and 50% power at +70 ºC. |
Similar Part No. - SHP350PS15 |
|
Similar Description - SHP350PS15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |