Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL600PS12-C Datasheet(PDF) 2 Page - XP Power Limited

Part # SL600PS12-C
Description  Industrial (SL) & Medical (SLM) Versions
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

SL600PS12-C Datasheet(HTML) 2 Page - XP Power Limited

  SL600PS12-C Datasheet HTML 1Page - XP Power Limited SL600PS12-C Datasheet HTML 2Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
17-Apr-07
600 W
2.77 (71.0)
300 W
2.61 (67.0)
INPUT
EARTH
NEUTRAL
LINE
INTERNAL FAN
600 W ONLY
REMOTE ON/OFF
POWER SHARE
AC FAIL SIGNAL
OUTPUT
+V+V+V -V -V -V
4.95 (127.0)
4.33 (111.0)
A
A
A
A
SL & SLM Series
Mechanical Details
Nominal Output
Voltage(2,3)
Output Voltage Trim
OVP Setting
Typical(1)
Output Current
Code
300 W
600 W
12 V
11-14 V
15.3 V
25.0 A
50.0 A
12
24 V
22-29 V
30.7 V
12.0 A
25.0 A
24
36 V
33-42 V
45.9 V
8.0 A
16.5 A
36
48 V
44-57 V
61.2 V
6.0 A
12.5 A
48
60 V
55-70 V
76.5 V
5.0 A
10.0 A
60
96 V
88-114 V
127.5 V
3.0 A
6.0 A
C1
Model Numbering
Models and Ratings
Notes
1. Overvoltage protection is by the inverter shutdown method and can only be reset by disconnecting the input voltage.
2. Output characteristic constant voltage - constant current type, ideal for non-linear loads.
3. Other output voltages available, consult sales for details.
Input connectors:
0.37” (9.5mm) pitch M4 barrier block.
Signals:
3 X 0.04” (3 X 1.0mm) pins 1.0” (25.4mm) pitch
(ROF, power share and AC fail).
Fixings (ref ‘A’): M3 ISO Metric
(Screws must not penetrate unit by more than
0.20” (5.0mm).
Notes
1. 300 W models are convection cooled. 600 W models are fan cooled.
2. Not available on 12 V output.
SL
= Standard
SLM = Medically
Approved
P = PFC
-C = Cover
-D = ORing Diode(2)
-E = Conformal Coating
-M = Ruggedisation
-N = Temperature
Compensation
-T = Overtemperature
Protection
Inputs
Outputs
Options
EXAMPLE:
SL
300
P S
24 - C
SL = Standard
C = Safety Cover Fitted
300 = Power
24 = Output 24 VDC
S = Single Output
P = PFC Input
300
600
S = Single
No. of
Outputs
Power
(Watts)(1)
Style
12 = 12 V
24 = 24 V
48 = 48 V
60 = 60 V
C1 = 96 V
All dimensions are in inches (mm)
Weight: 300 W models - 3.75 lbs (1.7 kg)
600 W models - 4.19 lbs (1.9 kg)


Similar Part No. - SL600PS12-C

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
SL60 RECTRON-SL60 Datasheet
278Kb / 6P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SL600PS12-C

ManufacturerPart #DatasheetDescription
logo
Power System Technology
FAB9810012-16 PST-FAB9810012-16 Datasheet
216Kb / 3P
   Industrial / Medical
logo
List of Unclassifed Man...
SF4120 ETC2-SF4120 Datasheet
75Kb / 1P
   GENERAL PURPOSE CHASSIS MOUNTED FILTER STANDARD & MEDICAL VERSIONS
logo
Artesyn Technologies
LCM600 ARTESYN-LCM600 Datasheet
1Mb / 7P
   Industrial/Medical safety
logo
Minmax Technology Co., ...
MAU400 MINMAX-MAU400 Datasheet
710Kb / 4P
   Industrial & Medical Safety Approval
logo
Lapp.
72400001 LAPP-72400001 Datasheet
109Kb / 1P
   EPIC® SIGNAL M23 SCM/SLM
17.09.2018
logo
Banner Engineering Corp...
SLM BANNER-SLM Datasheet
543Kb / 6P
   SLM Series Slot Sensors
logo
Analog Devices
AD294 AD-AD294_15 Datasheet
3Mb / 8P
   Hybrid Industrial Medical Isolation Amplifier
logo
Ohmite Mfg. Co.
METALOHM OHMITE-METALOHM Datasheet
278Kb / 2P
   Noninductive versions
logo
List of Unclassifed Man...
SFM3300-AW ETC2-SFM3300-AW Datasheet
392Kb / 7P
   Flow range: 짹 250 slm (bidirectional)
logo
Ohmite Mfg. Co.
RES-UM OHMITE-RES-UM Datasheet
382Kb / 2P
   Special versions possible
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com