Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SHP1000PS15 Datasheet(PDF) 3 Page - XP Power Limited

Part # SHP1000PS15
Description  420 W High Line Output Power
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

SHP1000PS15 Datasheet(HTML) 3 Page - XP Power Limited

  SHP1000PS15 Datasheet HTML 1Page - XP Power Limited SHP1000PS15 Datasheet HTML 2Page - XP Power Limited SHP1000PS15 Datasheet HTML 3Page - XP Power Limited SHP1000PS15 Datasheet HTML 4Page - XP Power Limited SHP1000PS15 Datasheet HTML 5Page - XP Power Limited SHP1000PS15 Datasheet HTML 6Page - XP Power Limited SHP1000PS15 Datasheet HTML 7Page - XP Power Limited SHP1000PS15 Datasheet HTML 8Page - XP Power Limited SHP1000PS15 Datasheet HTML 9Page - XP Power Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
xppower.com
3
Output Characteristics
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Output Voltage - V1
12
48
VDC
See Models and Ratings table
Initial Set Accuracy
±1 (V1) , ±5 (V2)
%
50% load, 115/230 VAC
Output Voltage Adjustment
±10
%
V1 only. See mechanical details.
Minimum Load
0
A
Start Up Delay
0.5
s
230 VAC full load
Hold Up Time
20
ms
Drift
±0.2
%
After 20 min warm up
Line Regulation
±0.5
%
90-264 VAC
Load Regulation
±1 (V1) , ±5 (V2)
%
0-100% load.
Transient Response - V1
4
%
Recovery within 1% in less than 500 μs
for a 50-75% and 75-50% load step
Ripple & Noise
1%
% pk-pk
V1: 20 MHz bandwidth
Overvoltage Protection
115
145
%
Vnom DC. Output 1 only, recycle input to reset
Overload Protection
110
140
% I nom
Output 1 only, auto reset. See fig 2.
Short Circuit Protection
Auto Recovery, hiccup mode
Temperature Coefficient
0.02
%/˚C
Overtemperature Protection
°C
Protects unit from overtemperature. Auto reset.
Output Overload Characteristic
Figure 2
Typical V1 Overload Characteristic (SHP350PS12 shown)
0
2
4
6
8
10
12
14
0
5
10
15
20
25
30
35
Output Current (A)
Unit enters
hiccup mode


Similar Part No. - SHP1000PS15

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
SHP1000PS15 XPPOWER-SHP1000PS15 Datasheet
654Kb / 5P
   350-1200 Watts SHP Series
SHP1000PS15 XPPOWER-SHP1000PS15 Datasheet
360Kb / 5P
   3501200 Watts
More results

Similar Description - SHP1000PS15

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
MBC600 BEL-MBC600 Datasheet
713Kb / 11P
   600 W standard, 420 W convection cooled
ABC600 BEL-ABC600_V01 Datasheet
711Kb / 12P
   600 W standard, 420 W convection cooled
logo
Infineon Technologies A...
PTFA041501GL INFINEON-PTFA041501GL_09 Datasheet
502Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 150 W, 420-500 MHz
Rev. 03, 2009-04-21
PTFA041501E INFINEON-PTFA041501E Datasheet
437Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 150 W, 420 ??500 MHz
Rev. 01.1, 2010-01-20
PTFA041501GL INFINEON-PTFA041501GL Datasheet
424Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 150 W, 420 ??500 MHz
Rev. 02, 2008-11-21
logo
NEC
UPD160062 NEC-UPD160062 Datasheet
217Kb / 18P
   420-OUTPUT TFT-LCD SOURCE DRIVER
logo
Infineon Technologies A...
PXAD184218FV INFINEON-PXAD184218FV Datasheet
339Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 420 W, 28 V, 1805 ??1880 MHz
Rev. 02.1, 2016-12-07
logo
ANADIGICS, Inc
ACA2404 ANADIGICS-ACA2404 Datasheet
272Kb / 12P
   High Output Power Doubler Line Amplifier
logo
WOLFSPEED, INC.
PXAD184218FV WOLFSPEED-PXAD184218FV Datasheet
1Mb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 420 W, 28 V, 1805 – 1880 MHz
Rev. 04, 2023-06-26
logo
Cree, Inc
PXAD184218FV CREE-PXAD184218FV Datasheet
465Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 420 W, 28 V, 1805 ??1880 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com