Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3-21028-2 Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # 3-21028-2
Description  Reason for revision is given in Section 8, REVISION SUMMARY.
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

3-21028-2 Datasheet(HTML) 2 Page - TE Connectivity Ltd

  3-21028-2 Datasheet HTML 1Page - TE Connectivity Ltd 3-21028-2 Datasheet HTML 2Page - TE Connectivity Ltd 3-21028-2 Datasheet HTML 3Page - TE Connectivity Ltd 3-21028-2 Datasheet HTML 4Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
408-6795
2 of 4
Rev A
Figure 2
3.2. For Pistol Grip Pneumatic Handle Assembly
1. Perform the procedure outlined in Paragraph 3.1,
for Pistol Grip Manual Handle Assembly, Steps 1
through 4.
2. Inspect termination to ensure that conductor is
terminated past the lead-in transition and is
positioned about halfway into the contact slot. See
Figure 2.
3. Inspect termination to ensure that insulation is
2.03 to 2.54 mm [.080-.100 in.] beyond the front
contact beam.
4. If, upon inspection, it is determined that the wire
is not inserted deep enough, increase the air
pressure by 68.95 kPa [10 psi], and repeat the
termination and inspection procedure. Continue in
this manner until either the proper insertion depth is
obtained, or the air pressure is set to 482.6 kPa
[70 psi]. If the proper insertion depth is not reached
at 482.6 kPa [70 psi], return the air pressure to
275.8 kPa [40 psi] and follow the procedure in
Paragraph 3.3, Wire Insertion Depth Adjustment.
If the wire is inserted too deep, refer to the procedure
in Paragraph 3.3, Wire Insertion Depth Adjustment.
3.3. Wire Insertion Depth Adjustment
Use a 9/16-in. socket wrench or box wrench when
turning the adjuster. Do NOT use an open-end
wrench or pliers; both of these tools will deform or
nick the adjuster.
Wire Too Deep in Contact Slot - If the wire is inserted
too deep, remove the head, and turn the adjuster 1/6
revolution CLOCKWISE (see Figure 3). This will
reduce the wire insertion depth by approximately
0.20 mm [.008 in.]. Repeat Steps 3, 4, and 5 or
Section 3, SETUP ADJUSTMENTS AND TEST.
Figure 3
4. TERMINATING PROCEDURE (Figure 4)
1. Insert connector into left side of head as
indicated.
2. Align contact to be terminated with wire inserter.
3. Make sure index pawl rests between connector
index ribs.
4. Insert an unstripped wire into the funnel area
between contact and wire inserter until it bottoms on
tool base.
Test Connector
Wire Retainer
(Removed)
Contact (Partially
Removed)
Production Connector
Lance
Improper Cut
Right
Wrong
Wrong
Lead In
Contact Slot
Front Beam
Deformation
CAUTION
!
Turn Clockwise to
Reduce Wire
Insertion Depth
Turn Counterclockwise
for Deeper Wire
Insertion
Adjuster
NOTE: 1/6 Turn Equals 0.20 mm [.008 in.] Adjustments.


Similar Part No. - 3-21028-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
3-21028-2 MACOM-3-21028-2 Datasheet
224Kb / 5P
   Reasons for reissue of this instruction sheet are provided in Section 8, REVISION SUMMARY.
logo
TE Connectivity Ltd
3-21028-2 TEC-3-21028-2 Datasheet
172Kb / 5P
   Read these and all referenced instructions thoroughly before using the head.
3-21028-2 TEC-3-21028-2 Datasheet
166Kb / 5P
   Reasons for reissue of this instruction sheet are provided in Section 8, REVISION SUMMARY.
More results

Similar Description - 3-21028-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
408-4342 MACOM-408-4342 Datasheet
254Kb / 5P
   Reason for revision can be found in Section 11, REVISION SUMMARY.
408-1826 MACOM-408-1826 Datasheet
186Kb / 4P
   Reasons for reissue are given in Section 7, REVISION SUMMARY.
408-4291 MACOM-408-4291 Datasheet
170Kb / 3P
   Reasons for revision can be found in Section 9, REVISION SUMMARY.
408-4344 MACOM-408-4344 Datasheet
239Kb / 5P
   Reasons for revision can be found in Section 11, REVISION SUMMARY.
408-4346 MACOM-408-4346 Datasheet
244Kb / 5P
   Reasons for revision can be found in Section 11, REVISION SUMMARY.
408-10033 MACOM-408-10033 Datasheet
205Kb / 6P
   Reasons for reissue are provided in Section 8, REVISION SUMMARY.
408-10175 MACOM-408-10175 Datasheet
340Kb / 7P
   Reasons for reissue are provided in Section 8, REVISION SUMMARY.
408-10029 MACOM-408-10029 Datasheet
237Kb / 9P
   Reasons for reissue are provided in Section 8, REVISION SUMMARY.
logo
TE Connectivity Ltd
408-8848 TEC-408-8848 Datasheet
488Kb / 6P
   Reasons for reissue are provided in Section 8, REVISION SUMMARY.
logo
Tyco Electronics
408-4090 MACOM-408-4090 Datasheet
163Kb / 3P
   Reasons for reissue are provided in Section 7, REVISION SUMMARY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com