Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ALVC16245PAG Datasheet(PDF) 3 Page - Integrated Device Technology

Part # 74ALVC16245PAG
Description  CMOS 16-BIT 3.3V TO 5V LEVEL SHIFTING RANSCEIVER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

74ALVC16245PAG Datasheet(HTML) 3 Page - Integrated Device Technology

  74ALVC16245PAG Datasheet HTML 1Page - Integrated Device Technology 74ALVC16245PAG Datasheet HTML 2Page - Integrated Device Technology 74ALVC16245PAG Datasheet HTML 3Page - Integrated Device Technology 74ALVC16245PAG Datasheet HTML 4Page - Integrated Device Technology 74ALVC16245PAG Datasheet HTML 5Page - Integrated Device Technology 74ALVC16245PAG Datasheet HTML 6Page - Integrated Device Technology 74ALVC16245PAG Datasheet HTML 7Page - Integrated Device Technology 74ALVC16245PAG Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
INDUSTRIALTEMPERATURERANGE
IDT74ALVC164245
16-BIT 3.3V TO 5V LEVEL SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
3
DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE (B PORT)(1)
Following Conditions Apply Unless Otherwise Specified:
Operating Condition: TA = –40°C to +85°C
DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE (A PORT)(1,2)
Following Conditions Apply Unless Otherwise Specified:
Operating Condition: TA = –40°C to +85°C
Symbol
Parameter
Test Conditions
Min.
Typ.(2)
Max.
Unit
VIH
Input HIGH Voltage Level
VCCB = 4.5V to 5.5V
2
V
VIL
Input LOW Voltage Level
VCCB = 4.5V to 5.5V
0.8
V
IIH
Input HIGH Current
VCCB = 5.5V
VI = VCC
——
±5µ A
IIL
Input LOW Current
VCCB = 5.5V
VI = GND
±5µ A
IOZH
High Impedance Output Current
VCCB = 5.5V
VO = VCC
——
±10
µ A
IOZL
(3-State Output pins)
VO = GND
±10
VH
Input Hysteresis
VCCB = 4.5V
100
mV
ICCL
Quiescent Power Supply Current
VCCB = 5.5V
0.1
40
µ A
ICCH
VIN = GND or VCCB
ICCZ
ΔICC
Quiescent Power Supply Current
One input at 3.4V, other inputs at VCCB or GND
750
µ A
Variation
NOTES:
1.
VCCA = 2.7V to 3.6V.
2.
Typical values are at VCC = 5V, +25°C ambient.
Symbol
Parameter
Test Conditions
Min.
Typ.(3)
Max.
Unit
VIH
Input HIGH Voltage Level
VCCA = 2.7V to 3.6V
2
V
VIL
Input LOW Voltage Level
VCCA = 2.7V to 3.6V
0.8
V
IIH
Input HIGH Current
VCCA = 3.6V
VI = VCC
——
±5µ A
IIL
Input LOW Current
VCCA = 3.6V
VI = GND
±5µ A
IOZH
High Impedance Output Current
VCCA = 3.6V
VO = VCC
——
±10
µ A
IOZL
(3-State Output pins)
VO = GND
±10
VH
Input Hysteresis
VCCA = 3.3V
100
mV
ICCL
Quiescent Power Supply Current
VCCA = 3.6V
0.1
40
µ A
ICCH
VIN = GND or VCCA
ICCZ
ΔICC
Quiescent Power Supply Current
One input at VCCA - 0.6V, other inputs at VCCA or GND
750
µ A
Variation
NOTES:
1.
VCCB = 5V ± 0.5V.
2.
Control inputs xDIR,
OE are supplied from VCCA.
3.
Typical values are at VCC = 3.3V, +25°C ambient.


Similar Part No. - 74ALVC16245PAG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
74ALVC16245PA RENESAS-74ALVC16245PA Datasheet
277Kb / 7P
   3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
JUNE 2009
More results

Similar Description - 74ALVC16245PAG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74ALVC164245PAG IDT-IDT74ALVC164245PAG Datasheet
98Kb / 8P
   CMOS 16-BIT 3.3V TO 5V LEVEL SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
IDT74ALVC164245 IDT-IDT74ALVC164245_18 Datasheet
97Kb / 8P
   CMOS 16-BIT 3.3V TO 5V LEVEL SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
IDT74ALVC164245 IDT-IDT74ALVC164245 Datasheet
86Kb / 8P
   CMOS 16-BIT 3.3V TO 5V LEVEL SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
IDT74ALVC164245 RENESAS-IDT74ALVC164245 Datasheet
252Kb / 9P
   CMOS 16-BIT 3.3V TO 5V LEVEL SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
JULY 2018
IDT74FCT164245T RENESAS-IDT74FCT164245T Datasheet
379Kb / 9P
   FAST CMOS 16-BIT BIDIRECTIONAL 3.3V TO 5V TRANSLATOR
MAY 2016
logo
Integrated Device Techn...
74FCT164245TPVG IDT-74FCT164245TPVG Datasheet
98Kb / 8P
   FAST CMOS 16-BIT BIDIRECTIONAL 3.3V TO 5V TRANSLATOR
IDT74FCT164245TPVG IDT-IDT74FCT164245TPVG Datasheet
98Kb / 8P
   FAST CMOS 16-BIT BIDIRECTIONAL 3.3V TO 5V TRANSLATOR
IDT74FCT164245T IDT-IDT74FCT164245T_16 Datasheet
173Kb / 8P
   FAST CMOS 16-BIT BIDIRECTIONAL 3.3V TO 5V TRANSLATOR
IDT74FCT164245T IDT-IDT74FCT164245T Datasheet
145Kb / 9P
   FAST CMOS 16-BIT BIDIRECTIONAL 3.3V TO 5V TRANSLATOR
logo
Pericom Semiconductor C...
PI74HSTL1212 PERICOM-PI74HSTL1212 Datasheet
115Kb / 5P
   24-Bit, 1.8V to 3.3V Bi_Directional Level Shifting Transcciver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com