Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

71V546S100PFG Datasheet(PDF) 4 Page - Integrated Device Technology

Part # 71V546S100PFG
Description  3.3V Synchronous SRAM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

71V546S100PFG Datasheet(HTML) 4 Page - Integrated Device Technology

  71V546S100PFG Datasheet HTML 1Page - Integrated Device Technology 71V546S100PFG Datasheet HTML 2Page - Integrated Device Technology 71V546S100PFG Datasheet HTML 3Page - Integrated Device Technology 71V546S100PFG Datasheet HTML 4Page - Integrated Device Technology 71V546S100PFG Datasheet HTML 5Page - Integrated Device Technology 71V546S100PFG Datasheet HTML 6Page - Integrated Device Technology 71V546S100PFG Datasheet HTML 7Page - Integrated Device Technology 71V546S100PFG Datasheet HTML 8Page - Integrated Device Technology 71V546S100PFG Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
4
IDT71V546, 128K x 36, 3.3V Synchronous SRAM with
ZBT
™ Feature, Burst Counter and Pipelined Outputs
Commercial and Industrial Temperature Ranges
Pin Configuration — 128K X 36
100 99989796 9594 939291 90
87 86858483 8281
89 88
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50
I/O31
I/O30
VDD
VSS
I/O29
I/O28
I/O27
I/O26
VSS
VDD
I/O25
I/O24
VSS
VDD
I/O23
I/O22
VDD
VSS
I/O21
I/O20
I/O19
I/O18
VSS
VDD
I/O17
I/O16
80
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
I/O14
VDD
VSS
I/O13
I/O12
I/O11
I/O10
VSS
VDD
I/O9
I/O8
VSS
VDD
I/O7
I/O6
VDD
VSS
I/O5
I/O4
I/O3
I/O2
VSS
VDD
I/O1
I/O0
PK100-1
3821 drw 02
VDD(1)
I/O15
I/OP3
VDD
I/OP4
I/OP1
VDD
I/OP2
VSS
.
.
NOTES:
1. Pin 14 does not have to be connected directly to VDD as long as the input voltage is > VIH.
2. Pins 83 and 84 are reserved for future A17 (8M) and A18 (16M) respectively.
100
100
100
100
100 T
TT
T
TQFP
QFP
QFP
QFP
QFP
T
TT
T
Top
op
op
op
op V
V
V
V
Vie
ie
ie
ie
iew
w
w
w
w


Similar Part No. - 71V546S100PFG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
71V546S100PFG IDT-71V546S100PFG Datasheet
228Kb / 21P
   Synchronous SRAM with ZBT Feature Burst Counter and Pipelined Outputs
logo
Renesas Technology Corp
71V546S100PFG RENESAS-71V546S100PFG Datasheet
450Kb / 22P
   128K x 36, 3.3V Synchronous SRAM with ZBT™ Feature Burst Counter and Pipelined Outputs
AUGUST 2017
logo
Integrated Device Techn...
71V546S100PFG8 IDT-71V546S100PFG8 Datasheet
228Kb / 21P
   Synchronous SRAM with ZBT Feature Burst Counter and Pipelined Outputs
logo
Renesas Technology Corp
71V546S100PFG8 RENESAS-71V546S100PFG8 Datasheet
450Kb / 22P
   128K x 36, 3.3V Synchronous SRAM with ZBT™ Feature Burst Counter and Pipelined Outputs
AUGUST 2017
logo
Integrated Device Techn...
71V546S100PFGI IDT-71V546S100PFGI Datasheet
228Kb / 21P
   Synchronous SRAM with ZBT Feature Burst Counter and Pipelined Outputs
More results

Similar Description - 71V546S100PFG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V2546S IDT-IDT71V2546S_11 Datasheet
733Kb / 21P
   3.3V Synchronous ZBT SRAM
logo
White Electronic Design...
EDI2DL32256V WEDC-EDI2DL32256V Datasheet
97Kb / 8P
   256Kx32 Synchronous Pipline Burst SRAM 3.3V
logo
Alliance Semiconductor ...
AS7C33512FT18A ALSC-AS7C33512FT18A Datasheet
506Kb / 19P
   3.3V 512K x 18 Flow-through synchronous SRAM
AS7C332MPFS18A ALSC-AS7C332MPFS18A Datasheet
508Kb / 19P
   3.3V 2M x 18 pipelined burst synchronous SRAM
AS7C331FT18A ALSC-AS7C331FT18A Datasheet
512Kb / 19P
   3.3V 1M x 18 Flow-through synchronous SRAM
AS7C33256PFS18B ALSC-AS7C33256PFS18B Datasheet
536Kb / 19P
   3.3V 256K X 18 pipeline burst synchronous SRAM
AS7C33128PFS18B ALSC-AS7C33128PFS18B Datasheet
537Kb / 19P
   3.3V 128K x 18 pipeline burst synchronous SRAM
AS7C33256FT18B ALSC-AS7C33256FT18B Datasheet
401Kb / 19P
   3.3V 256K x 18 Flow Through Synchronous SRAM
AS7C332MFT18A ALSC-AS7C332MFT18A Datasheet
511Kb / 19P
   3.3V 2M x 18 Flow-through synchronous SRAM
AS7C33128PFD18B ALSC-AS7C33128PFD18B Datasheet
538Kb / 19P
   3.3V 128K x 18 pipeline burst synchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com