Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

71V016SA15BFG8 Datasheet(PDF) 3 Page - Integrated Device Technology

Part # 71V016SA15BFG8
Description  3.3V CMOS Static RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

71V016SA15BFG8 Datasheet(HTML) 3 Page - Integrated Device Technology

  71V016SA15BFG8 Datasheet HTML 1Page - Integrated Device Technology 71V016SA15BFG8 Datasheet HTML 2Page - Integrated Device Technology 71V016SA15BFG8 Datasheet HTML 3Page - Integrated Device Technology 71V016SA15BFG8 Datasheet HTML 4Page - Integrated Device Technology 71V016SA15BFG8 Datasheet HTML 5Page - Integrated Device Technology 71V016SA15BFG8 Datasheet HTML 6Page - Integrated Device Technology 71V016SA15BFG8 Datasheet HTML 7Page - Integrated Device Technology 71V016SA15BFG8 Datasheet HTML 8Page - Integrated Device Technology 71V016SA15BFG8 Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
IDT71V016SA, 3.3V CMOS Static RAM
1 Meg (64K x 16-Bit)
Commercial and Industrial Temperature Ranges
Symbol
Parameter
71V016SA10
71V016SA12
71V016SA15
71V016SA20
Unit
Com'l
Ind'l
Com'l
Ind'l
Com'l
Ind'l
Com'l
Ind'l
ICC
Dynamic Operating Current
CS
≤ VLC, Outputs Open, VDD = Max., f = fMAX(3)
Max.
160
170
150
160
130
130
120
120
mA
Typ.(4)
65
--
60
--
55
--
50
--
ISB
Dynamic Standby Power Supply Current
CS
≥ VHC, Outputs Open, VDD = Max., f = fMAX(3)
45
50
40
45
35
35
30
30
mA
ISB1
Full Standby Power Supply Current (static)
CS
≥ VHC, Outputs Open, VDD = Max., f = 0(3)
10
10
10
10
10
10
10
10
mA
3834 tbl 08
Absolute Maximum Ratings(1)
Recommended Operating
Temperature and Supply Voltage
DC Electrical Characteristics
(VDD = Min. to Max., Commercial and Industrial Temperature Ranges)
Capacitance
(TA = +25°C, f = 1.0MHz, SOJ package)
Recommended DC Operating
Conditions
DC Electrical Characteristics(1,2)
(VDD = Min. to Max., VLC = 0.2V, VHC = VDD – 0.2V)
NOTE:
1. StressesgreaterthanthoselistedunderABSOLUTEMAXIMUMRATINGSmaycause
permanentdamagetothedevice.Thisisastressratingonlyandfunctionaloperation
ofthedeviceattheseoranyotherconditionsabovethoseindicatedintheoperational
sections of this specification is not implied. Exposure to absolute maximum rating
conditionsforextendedperiodsmayaffectreliability.
NOTES:
1. For 71V016SA10 only.
2. For all speed grades except 71V016SA10.
3. VIH (max.) = VDD+2V for pulse width less than 5ns, once per cycle.
4. VIL (min.) = –2V for pulse width less than 5ns, once per cycle.
NOTE:
1. Thisparameterisguaranteedbydevicecharacterization,butnotproductiontested.
NOTES:
1. All values are maximum guaranteed values.
2. All inputs switch between 0.2V (Low) and VDD – 0.2V (High).
3. fMAX = 1/tRC (all address inputs are cycling at fMAX); f = 0 means no address input lines are changing .
4. Typical values are based on characterization data for H step only measured at 3.3V, 25°C and with equal read and write cycles.
Symbol
Rating
Value
Unit
VDD
Supply Voltage Relative to VSS
–0.5 to +4.6
V
VIN, VOUT Terminal Voltage Relative to VSS
–0.5 to VDD+0.5
V
TBIAS
Temperature Under Bias
–55 to +125
o
C
TSTG
Storage Temperature
–55 to +125
o
C
PT
Power Dissipation
1.25
W
IOUT
DC Output Current
50
mA
3834 tbl 03
Grade
Temperature
VSS
VDD
Commercial
0°C to +70°C
0V
See Below
Industrial
-40°C to +85°C
0V
See Below
3834 tbl 04
Symbol
Parameter
Min.
Typ.
Max.
Unit
VDD(1)
Supply Voltage
3.15
3.3
3.6
V
VDD(2)
Supply Voltage
3.0
3.3
3.6
V
Vss
Ground
0
0
0
V
VIH
Input High Voltage
2.0
____
VDD+0.3(3)
V
VIL
Input Low Voltage
–0.3(4)
____
0.8
V
3834 tbl 05
Symbol
Parameter(1)
Conditions
Max.
Unit
CIN
Input Capacitance
VIN = 3dV
6
pF
CI/O
I/O Capacitance
VOUT = 3dV
7
pF
3834 tbl 06
Symbol
Parameter
Test Condition
IDT71V016SA
Unit
Min.
Max.
|ILI|
Input Leakage Current
VDD = Max., VIN = VSS to VDD
___
5µA
|ILO|
Output Leakage Current
VDD = Max., CS = VIH, VOUT = VSS to VDD
___
5µA
VOL
Output Low Voltage
IOL = 8mA, VDD = Min.
___
0.4
V
VOH
Output High Voltage
IOH = –4mA, VDD = Min.
2.4
___
V
3834 tbl 07


Similar Part No. - 71V016SA15BFG8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
71V016SA10BF RENESAS-71V016SA10BF Datasheet
210Kb / 11P
   3.3V CMOS Static RAM 1 Meg (64K x 16-Bit)
Jun.23.20
71V016SA10BF8 RENESAS-71V016SA10BF8 Datasheet
210Kb / 11P
   3.3V CMOS Static RAM 1 Meg (64K x 16-Bit)
Jun.23.20
71V016SA10BFG RENESAS-71V016SA10BFG Datasheet
210Kb / 11P
   3.3V CMOS Static RAM 1 Meg (64K x 16-Bit)
Jun.23.20
71V016SA10BFG8 RENESAS-71V016SA10BFG8 Datasheet
210Kb / 11P
   3.3V CMOS Static RAM 1 Meg (64K x 16-Bit)
Jun.23.20
71V016SA10BFGI RENESAS-71V016SA10BFGI Datasheet
210Kb / 11P
   3.3V CMOS Static RAM 1 Meg (64K x 16-Bit)
Jun.23.20
More results

Similar Description - 71V016SA15BFG8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V416S IDT-IDT71V416S_16 Datasheet
645Kb / 9P
   3.3V CMOS Static RAM
IDT71V424S IDT-IDT71V424S Datasheet
72Kb / 9P
   3.3V CMOS Static RAM
logo
List of Unclassifed Man...
PDM31564 ETC1-PDM31564 Datasheet
286Kb / 9P
   256 X 16 CMOS 3.3V STATIC RAM
logo
Hitachi Semiconductor
MEJ02C2016_M5M5J167KT HITACHI-MEJ02C2016_M5M5J167KT Datasheet
154Kb / 11P
   CMOS STATIC RAM
logo
Mitsubishi Electric Sem...
M6MF16S2AVP MITSUBISHI-M6MF16S2AVP Datasheet
1Mb / 21P
   CMOS 3.3V-ONLY FLASH MEMORY & CMOS STATIC RAM STACKED-MCP
logo
List of Unclassifed Man...
P3C1024 ETC1-P3C1024 Datasheet
45Kb / 2P
   HIGH SPEED 128K x 8 3.3V STATIC CMOS RAM
logo
Integrated Device Techn...
IDT7MMV4101 IDT-IDT7MMV4101 Datasheet
86Kb / 8P
   128K x 24 Three Megabit 3.3V CMOS Static RAM
logo
Pyramid Semiconductor C...
P3C1256 PYRAMID-P3C1256 Datasheet
265Kb / 10P
   HIGH SPEED 32K x 8 3.3V STATIC CMOS RAM
logo
Samsung semiconductor
KM68V257E SAMSUNG-KM68V257E Datasheet
184Kb / 8P
   32Kx8 Bit High-Speed CMOS Static RAM (3.3V Operating)
K6R1008V1C-TI15 SAMSUNG-K6R1008V1C-TI15 Datasheet
140Kb / 9P
   128Kx8 Bit High-Speed CMOS Static RAM(3.3V Operating).
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com