Electronic Components Datasheet Search |
|
71T75602200PFG8 Datasheet(PDF) 7 Page - Integrated Device Technology |
|
71T75602200PFG8 Datasheet(HTML) 7 Page - Integrated Device Technology |
7 / 23 page 6.42 IDT71T75602, IDT71T75802, 512K x 36, 1M x 18, 2.5V Synchronous ZBT™ SRAMs with 2.5V I/O, Burst Counter, and Pipelined Outputs Commercial and Industrial Temperature Ranges 7 Synchronous Truth Table(1) Partial Truth Table for Writes(1) NOTES: 1. L = VIL, H = VIH, X = Don’t Care. 2. When ADV/LD signal is sampled high, the internal burst counter is incremented. The R/W signal is ignored when the counter is advanced. Therefore the nature of the burst cycle (Read or Write) is determined by the status of the R/W signal when the first address is loaded at the beginning of the burst cycle. 3. Deselect cycle is initiated when either (CE1, or CE2 is sampled high or CE2 is sampled low) and ADV/LD is sampled low at rising edge of clock. The data bus will tri-state two cycles after deselect is initiated. 4. When CEN is sampled high at the rising edge of clock, that clock edge is blocked from propogating through the part. The state of all the internal registers and the I/Os remains unchanged. 5. To select the chip requires CE1 = L, CE2 = L, CE2 = H on these chip enables. Chip is deselected if any one of the chip enables is false. 6. Device Outputs are ensured to be in High-Z after the first rising edge of clock upon power-up. 7. Q - Data read from the device, D - data written to the device. NOTES: 1. L = VIL, H = VIH, X = Don’t Care. 2. Multiple bytes may be selected during the same cycle. 3. N/A for X18 configuration. CEN R/W Chip(5) Enable ADV/LD BW x ADDRESS USED PREVIOUS CYCLE CURRENT CYCLE I/O (2 cycles later) L L Select L Valid External X LOAD WRITE D(7) L H Select L X External X LOAD READ Q(7) L X X H Valid Internal LOAD WRITE / BURST WRITE BURST WRITE (Advance burst counter)(2) D(7) L X X H X Internal LOAD READ / BURST READ BURST READ (Advance burst counter)(2) Q(7) L X Deselect L X X X DESELECT or STOP(3) HiZ L X X H X X DESELECT / NOOP NOOP HiZ H X X X X X X SUSPEND(4) Previous Value 5313 tbl 08 OPERATION R/W BW1 BW2 BW3(3) BW4(3) READ H X X X X WRITE ALL BYTES LLLLL WRITE BYTE 1 (I/O[0:7], I/OP1)(2) L L HHH WRITE BYTE 2 (I/O[8:15], I/OP2)(2) LH L H H WRITE BYTE 3 (I/O[16:23], I/OP3)(2,3) LH H L H WRITE BYTE 4 (I/O[24:31], I/OP4)(2,3) LH H H L NO WRITE L H HHH 5313 tbl 09 |
Similar Part No. - 71T75602200PFG8 |
|
Similar Description - 71T75602200PFG8 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |