Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM102202-H-C-301-T Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # LM102202-H-C-301-T
Description  PIN Diode Limiter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

LM102202-H-C-301-T Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  LM102202-H-C-301-T Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. LM102202-H-C-301-T Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. LM102202-H-C-301-T Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. LM102202-H-C-301-T Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. LM102202-H-C-301-T Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. LM102202-H-C-301-T Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PIN Diode Limiter
Rev. V1
LM102202-H-C-301
1
1
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
1
Features
 Surface Mount Limiter in 8 mm x 5 mm x 2.5 mm
Package
 Incorporates PIN Limiter & Schottky Diodes
 DC Blocks & DC Return
 Higher Average Power Handling than Plastic:
50 W CW Power
 Lower Insertion Loss: 0.8 dB
 Lower Flat Leakage Power: 17 dB
 RoHS* Compliant
Description
The LM102202-H-C-301 surface mount silicon PIN
diode limiters is manufactured using proven hybrid
manufacturing process incorporating PIN diodes and
passive
devices
integrated
within
a ceramic
substrate. This low profile, compact, surface mount
component, (8 mm L x 5 mm W x 2.5 mm H) offers
superior low and high signal performance to
comparable MMIC devices in QFN packages. The
limiter modules are designed to optimize small signal
insertion loss, noise figure and high signal flat
leakage performance in a compact, surface mount
package. Using PIN diodes with lower thermal
resistance (<10°C/W), and a De-coupled Schottky
detector network as a current source, RF CW
incident power levels of 47 dBm and RF peak
incident power levels of 53 dBm @ 20 μs RF pulse
width, 1% duty cycle are very achievable. In
addition, this design concept provides lower flat
leakage power (<17 dBm) and lower spike leakage
energy (<0.5 Ergs) for superior LNA protection.
This LM102202-H-C-301 limiter is ideal for octave
band radar applications, requiring high volume,
surface mount, solder re-flow manufacturing. These
products are durable, reliable, and capable of
meeting all military, commercial, and industrial
environments. These devices are RoHS compliant
and are available in tube or tape-reel.
* Restrictions on Hazardous Substances, European Union Directive 2011/65/EU.
Limiter Schematic
Ordering Information
Part Number
Package
LM102202-H-C-301-T
tube packaging
LM102202-H-C-301-R
250 or 500 piece reel
LM102202-H-C-301-W
waffle packaging
LM102202-H-C-301-E
RF evaluation board with
heat sink


Similar Part No. - LM102202-H-C-301-T

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM102 NSC-LM102 Datasheet
192Kb / 6P
   Voltage Followers
logo
Intersil Corporation
LM102 INTERSIL-LM102 Datasheet
4Mb / 122P
   P-CHANNEL JFET
logo
GOOD-ARK Electronics
LM102 GOOD-ARK-LM102 Datasheet
375Kb / 4P
   Low Profile Miniature Single Phase Surface Mount Bridge Rectifiers
logo
Shanghai Leiditech Elec...
LM102 LEIDITECH-LM102 Datasheet
563Kb / 4P
   RoHS compliant
LM102-181N LEIDITECH-LM102-181N Datasheet
563Kb / 4P
   RoHS compliant
More results

Similar Description - LM102202-H-C-301-T

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MADL-011008 MA-COM-MADL-011008 Datasheet
109Kb / 4P
   PIN Diode Limiter
MADL-011008 MA-COM-MADL-011008_15 Datasheet
109Kb / 4P
   PIN Diode Limiter
LM501202-M-C-300 MA-COM-LM501202-M-C-300 Datasheet
1Mb / 7P
   PIN Diode Limiter
MLP7130-0805-2 MA-COM-MLP7130-0805-2 Datasheet
642Kb / 5P
   Silicon Limiter PIN Diode
MSW203X-203 MA-COM-MSW203X-203 Datasheet
1Mb / 18P
   SP2T Limiter PIN Diode Switch
MSWLM2420-242 MA-COM-MSWLM2420-242 Datasheet
936Kb / 12P
   SP2T Limiter PIN Diode Switch
MADL-011021-14150T MA-COM-MADL-011021-14150T Datasheet
866Kb / 5P
   PIN-Schottky Anti-Parallel Diode Limiter
MADL-011021-14150T MA-COM-MADL-011021-14150T_16 Datasheet
876Kb / 6P
   PIN-Schottky Anti-Parallel Diode Limiter
MADL-011021-14150T MA-COM-MADL-011021-14150T_15 Datasheet
866Kb / 5P
   PIN-Schottky Anti-Parallel Diode Limiter
logo
Broadcom Corporation.
ASML-5822 BOARDCOM-ASML-5822 Datasheet
448Kb / 6P
   Schottky Assisted Low Power PIN Diode Limiter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com