Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

709289L12PFGI8 Datasheet(PDF) 5 Page - Integrated Device Technology

Part # 709289L12PFGI8
Description  HIGH-SPEED 64K x 16 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

709289L12PFGI8 Datasheet(HTML) 5 Page - Integrated Device Technology

  709289L12PFGI8 Datasheet HTML 1Page - Integrated Device Technology 709289L12PFGI8 Datasheet HTML 2Page - Integrated Device Technology 709289L12PFGI8 Datasheet HTML 3Page - Integrated Device Technology 709289L12PFGI8 Datasheet HTML 4Page - Integrated Device Technology 709289L12PFGI8 Datasheet HTML 5Page - Integrated Device Technology 709289L12PFGI8 Datasheet HTML 6Page - Integrated Device Technology 709289L12PFGI8 Datasheet HTML 7Page - Integrated Device Technology 709289L12PFGI8 Datasheet HTML 8Page - Integrated Device Technology 709289L12PFGI8 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
6.42
IDT709289L
High-Speed 64K x 16 Synchronous Pipelined Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
5
NOTES:
1. At f = fMAX, address and control lines (except Output Enable) are cycling at the maximum frequency clock cycle of 1/tCYC, using "AC TEST CONDITIONS" at input levels of
GND to 3V.
2. f = 0 means no address, clock, or control lines change. Applies only to input at CMOS level standby.
3. Port "A" may be either left or right port. Port "B" is the opposite from port "A".
4. Vcc = 5V, TA = 25°C for Typ, and are not production tested. ICC DC(f=0) = 150mA (Typ).
5. CEX = VIL means CE0X = VIL and CE1X = VIH
CEX
= VIH means CE0X = VIH or CE1X = VIL
CEX
< 0.2V means CE0X < 0.2V and CE1X > VCC - 0.2V
CEX
> VCC - 0.2V means CE0X > VCC - 0.2V or CE1X < 0.2V
"X" represents "L" for left port or "R" for right port.
DC Electrical Characteristics Over the Operating
Temperature and Supply Voltage Range(3) (VCC = 5V ± 10%)
709289L7
Com'l Only
709289L9
Com'l
& Ind
709289L12
Com'l Only
Symbol
Parameter
Test Condition
Version
Typ.(4)
Max.
Typ.(4)
Max.
Typ.(4)
Max.
Unit
ICC
Dynamic Operating
Current
(Both Ports Active)
CEL
and CER= VIL
Outputs Disabled
f = fMAX(1)
COM'L
L
275
465
250
400
230
355
mA
IND
L
____
____
300
430
____
____
ISB1
Standby Current
(Both Ports - TTL
Level Inputs)
CEL
= CER = VIH
f = fMAX(1)
COM'L
L
95
150
80
135
70
110
mA
IND
L
____
____
95
160
____
____
ISB2
Standby Current
(One Port - TTL
Level Inputs)
CE"A"
= VIL and
CE"B"
= VIH(3)
Active Port Outputs
Disabled, f=fMAX(1)
COM'L
L
200
295
175
275
150
240
mA
IND
L
____
____
195
295
____
____
ISB3
Full Standby Current
(Both Ports -
CMOS Level Inputs)
Both Ports CER and
CEL
> VCC - 0.2V
VIN > VCC - 0.2V or
VIN < 0.2V, f = 0(2)
COM'L
L
0.53.0
0.53.0
0.53.0
mA
IND
L
____
____
0.5
6.0
____
____
ISB4
Full Standby Current
(One Port -
CMOS Level Inputs)
CE"A"
< 0.2V and
CE"B"
> VCC - 0.2V(5)
VIN > VCC - 0.2V or
VIN < 0.2V, Active Port
Outputs Disabled, f = fMAX(1)
COM'L
L
190
290
170
270
140
225
mA
IND
L
____
____
190
290
____
____
4842 tbl 09
DC Electrical Characteristics Over the Operating
Temperature Supply Voltage Range (VCC = 5.0V ± 10%)
NOTE:
1. At Vcc < 2.0V input leakages are undefined.
Symbol
Parameter
Test Conditions
709289L
Unit
Min.
Max.
|ILI|
Input Leakage Current(1)
VCC = 5.5V, VIN = 0V to VCC
___
5µA
|ILO|
Output Leakage Current
CE0
= VIH or CE1 = VIL, VOUT = 0V to VCC
___
5µA
VOL
Output Low Voltage
IOL = +4mA
___
0.4
V
VOH
Output High Voltage
IOH = -4mA
2.4
___
V
4842 tbl 08


Similar Part No. - 709289L12PFGI8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
709289S12PFG RENESAS-709289S12PFG Datasheet
335Kb / 17P
   HIGH-SPEED 64K x 16 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
FEBRUARY 2018
709289S12PFG8 RENESAS-709289S12PFG8 Datasheet
335Kb / 17P
   HIGH-SPEED 64K x 16 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
FEBRUARY 2018
709289S12PFGI RENESAS-709289S12PFGI Datasheet
335Kb / 17P
   HIGH-SPEED 64K x 16 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
FEBRUARY 2018
709289S12PFGI8 RENESAS-709289S12PFGI8 Datasheet
335Kb / 17P
   HIGH-SPEED 64K x 16 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
FEBRUARY 2018
709289S7PFG RENESAS-709289S7PFG Datasheet
335Kb / 17P
   HIGH-SPEED 64K x 16 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
FEBRUARY 2018
More results

Similar Description - 709289L12PFGI8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT709289 IDT-IDT709289 Datasheet
190Kb / 15P
   HIGH-SPEED 64K x 16 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
IDT709289L RENESAS-IDT709289L Datasheet
335Kb / 17P
   HIGH-SPEED 64K x 16 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
FEBRUARY 2018
logo
Integrated Device Techn...
IDT70V9289L IDT-IDT70V9289L Datasheet
192Kb / 15P
   HIGH-SPEED 3.3V 64K x 16 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT709189L IDT-IDT709189L Datasheet
178Kb / 15P
   HIGH-SPEED 64K x 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
709389L RENESAS-709389L Datasheet
339Kb / 16P
   HIGH-SPEED 64K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
APRIL 2019
logo
Integrated Device Techn...
IDT70V3389S IDT-IDT70V3389S_14 Datasheet
187Kb / 17P
   HIGH-SPEED 3.3V 64K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT709269S IDT-IDT709269S Datasheet
195Kb / 15P
   HIGH-SPEED 16K x 16 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT7028L IDT-IDT7028L_18 Datasheet
179Kb / 18P
   HIGH-SPEED 64K x 16 DUAL-PORT STATIC RAM
IDT7028L IDT-IDT7028L Datasheet
150Kb / 17P
   HIGH-SPEED 64K x 16 DUAL-PORT STATIC RAM
IDT7028L IDT-IDT7028L_15 Datasheet
671Kb / 18P
   HIGH-SPEED 64K x 16 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com